Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM337BD2TR4 Datasheet(PDF) 4 Page - ON Semiconductor

No. de pieza LM337BD2TR4
Descripción Electrónicos  1.5 A, Adjustable Output, Negative Voltage Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM337BD2TR4 Datasheet(HTML) 4 Page - ON Semiconductor

  LM337BD2TR4 Datasheet HTML 1Page - ON Semiconductor LM337BD2TR4 Datasheet HTML 2Page - ON Semiconductor LM337BD2TR4 Datasheet HTML 3Page - ON Semiconductor LM337BD2TR4 Datasheet HTML 4Page - ON Semiconductor LM337BD2TR4 Datasheet HTML 5Page - ON Semiconductor LM337BD2TR4 Datasheet HTML 6Page - ON Semiconductor LM337BD2TR4 Datasheet HTML 7Page - ON Semiconductor LM337BD2TR4 Datasheet HTML 8Page - ON Semiconductor LM337BD2TR4 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
LM337
http://onsemi.com
4
Figure 2. Load Regulation and DIAdj/Load Test Circuit
Figure 3. Standard Test Circuit
Figure 4. Ripple Rejection Test Circuit
VO (min Load) - VO (max Load)
Cin
1.0
mF
R2
1%
R1
120
CO +
RL
(max
Load)
Adjust
Vin
-VI
LM337
Vout
*Pulse testing required.
1% Duty Cycle is suggested.
Load Regulation (mV) = VO (min Load) - VO (max Load)
Load Regulation (% VO) =
x 100
IL
IAdj
1.0
mF
-VO (min Load)
-VO (max Load)
VO
RL
+
1.0
mF
CO
R1
120
1%
R2
Cin
Adjust
Vin
LM337
To Calculate R2:
R2 =
- 1
R1
This assumes IAdj is negligible.
* Pulse testing required.
* 1% Duty Cycle is suggested.
VI
IAdj
Vref
IL
VO
1.0
mF
Vout
RL
+
1.0
mF
CO
1N4002
D1*
Cin
1%
R2
Adjust
Vin
LM337
R1
120
14.3 V
4.3 V
f = 120 Hz
CAdj
+
Vout = -1.25 V
* D1 Discharges CAdj if output is shorted to Ground.
1.0
mF
10
mF
Vout
VO
*
VO (min Load)
Vref


Número de pieza similar - LM337BD2TR4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
LM337BD2TR4 ONSEMI-LM337BD2TR4 Datasheet
133Kb / 10P
   1.5 A, Adjustable Output, Negative Voltage Regulator
August, 2006 ??Rev. 6
LM337BD2TR4G ONSEMI-LM337BD2TR4G Datasheet
133Kb / 10P
   1.5 A, Adjustable Output, Negative Voltage Regulator
August, 2006 ??Rev. 6
LM337BD2TR4G ONSEMI-LM337BD2TR4G Datasheet
123Kb / 11P
   1.5 A, Adjustable Output Negative Voltage Regulator
January, 2015 ??Rev. 10
More results

Descripción similar - LM337BD2TR4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
LM337 ONSEMI-LM337_06 Datasheet
133Kb / 10P
   1.5 A, Adjustable Output, Negative Voltage Regulator
August, 2006 ??Rev. 6
LM337 ONSEMI-LM337_15 Datasheet
123Kb / 11P
   1.5 A, Adjustable Output Negative Voltage Regulator
January, 2015 ??Rev. 10
logo
Seme LAB
IP137A SEME-LAB-IP137A_03 Datasheet
48Kb / 4P
   1.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
IP137A SEME-LAB-IP137A Datasheet
43Kb / 4P
   1.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
logo
ON Semiconductor
LM317 ONSEMI-LM317_11 Datasheet
172Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
October, 2011 ??Rev. 12
LM317LB ONSEMI-LM317LB Datasheet
188Kb / 12P
   1.5 A Adjustable Output Positive Voltage Regulator
April, 2013 ??Rev. 13
LM317 ONSEMI-LM317 Datasheet
132Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
January, 2002 ??Rev. 3
NCP317BTG ONSEMI-NCP317BTG Datasheet
208Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
April, 2013 ??Rev. 13
LM317 ONSEMI-LM317_16 Datasheet
127Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
January, 2016 ??Rev. 14
NCV317 ONSEMI-NCV317 Datasheet
133Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
August, 2005 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com