Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

4-380-4 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

No. de pieza 4-380-4
Descripción Electrónicos  Every edding a specialist
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

4-380-4 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button 4-380-4 Datasheet HTML 4Page - List of Unclassifed Manufacturers 4-380-4 Datasheet HTML 5Page - List of Unclassifed Manufacturers 4-380-4 Datasheet HTML 6Page - List of Unclassifed Manufacturers 4-380-4 Datasheet HTML 7Page - List of Unclassifed Manufacturers 4-380-4 Datasheet HTML 8Page - List of Unclassifed Manufacturers 4-380-4 Datasheet HTML 9Page - List of Unclassifed Manufacturers 4-380-4 Datasheet HTML 10Page - List of Unclassifed Manufacturers 4-380-4 Datasheet HTML 11Page - List of Unclassifed Manufacturers 4-380-4 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 64 page
background image
*xxx = the last 3 digits of the order number indicate the requested ink colour · Colour chart and key to symbols see on page 63.
8
edding 500
Permanent marker with chisel tip,
permanent, low-odour ink.
Colours: 001–010, refillable.
Order no.
Box of 10 in each colour.
4-500xxx*
Colours: 001–010 assorted.
Order no.
Box of 10.
4-500999
500 N Spare tips.
Order no.
Box of 10.
4-500N
edding 404
Permanent marker with bullet tip,
permanent, low-odour ink.
Colours: 001–004, refillable.
Order no.
Box of 10 in each colour.
4-404xxx*
Colour 001 is document-proof.
404 N Spare tips.
Order no.
Box of 10.
4-404N
~0.75 mm
004
003
002
001
~2–7 mm
009
008
007
010
006
005
004
003
002
001
~4–12 mm
007
006
005
004
003
002
001
edding 550
Permanent marker with bullet tip,
permanent, low-odour ink.
Colours: 001–004, refillable.
Order no.
Box of 10 in each colour.
4-550xxx*
550 N Spare tips.
Order no.
Box of 10.
4-550N
~3–4 mm
004
003
002
001
edding 400
Permanent marker with bullet tip,
permanent, low-odour ink.
Colours: 001–010, refillable.
Order no.
Box of 10 in each colour.
4-400xxx*
Colours: 001–010 assorted.
Order no.
Box of 10.
4-400999
400/4 S Wallet of 4 markers.
Order no.
Colours: 001–004.
4-400-4
400/10 S Box with 10 markers.
Order no.
Colours: 001–010.
4-400-10
400 N Spare tips.
Order no.
Box of 10.
4-400N
~1 mm
009
008
007
010
006
005
004
003
002
001
edding 800
Permanent marker
with chisel tip,
permanent, low-odour ink.
Colours: 001–007, refillable.
Order no.
Box of 5 in each colour.
4-800xxx*
Colours: 001–005 assorted.
Order no.
Box of 5.
4-800999
800 N-A Spare tips.
Order no.
Box of 10.
4-800N


Número de pieza similar - 4-380-4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TE Connectivity Ltd
4-3 TEC-4-3 Datasheet
164Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
4-3 TEC-4-3 Datasheet
184Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
4-3 TEC-4-3 Datasheet
154Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
4-304052-6 TEC-4-304052-6 Datasheet
657Kb / 10P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
logo
Tyco Electronics
4-305927-0 MACOM-4-305927-0 Datasheet
209Kb / 6P
   Hydraulic Crimping
More results

Descripción similar - 4-380-4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
7551 ETC2-7551 Datasheet
33Kb / 1P
   Specialist Wipers
logo
GS Yuasa Battery Sales ...
HJ-S34B20L-A GSYUASABATTERY-HJ-S34B20L-A Datasheet
289Kb / 1P
   Auxiliary, Backup & Specialist Batteries
HJ-A24L GSYUASABATTERY-HJ-A24L Datasheet
464Kb / 1P
   Auxiliary, Backup & Specialist Batteries
HJ-S34B20R GSYUASABATTERY-HJ-S34B20R Datasheet
288Kb / 1P
   Auxiliary, Backup & Specialist Batteries
HJ-S46B24R GSYUASABATTERY-HJ-S46B24R Datasheet
317Kb / 1P
   Auxiliary, Backup & Specialist Batteries
HJ-S34B20L GSYUASABATTERY-HJ-S34B20L Datasheet
388Kb / 1P
   Auxiliary, Backup & Specialist Batteries
logo
Weidmuller
2593410000 WEIDMULLER-2593410000 Datasheet
343Kb / 4P
   Measuring transducer, every Rogowski coil, 100??000 A
logo
Arduino
ABX00028 ARDUINO-ABX00028 Datasheet
477Kb / 12P
   Arduino® Nano Every
03/08/2022
logo
Weidmuller
2593400000 WEIDMULLER-2593400000 Datasheet
528Kb / 4P
   Measuring transducer, every Rogowski coil, 100??000 A
logo
Bothhand USA, LP.
LG2P109NM-LF BOTHHAND-LG2P109NM-LF Datasheet
266Kb / 2P
   Magnetic designs to support every PHY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com