Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
M74HCT4851ADTR2G Datasheet(PDF) 4 Page - ON Semiconductor |
|
M74HCT4851ADTR2G Datasheet(HTML) 4 Page - ON Semiconductor |
4 / 14 page MC74HCT4851A, MC74HCT4852A http://onsemi.com 4 DC CHARACTERISTICS — Analog Section Symbol Parameter Condition VCC Guaranteed Limit Unit −55 to 25°C ≤85°C ≤125°C Ron Maximum “ON” Resistance Vin = VIL or VIH;VIS = VCC to GND; IS ≤ 2.0 mA 4.5 5.5 550 400 650 500 750 600 W DRon Delta “ON” Resistance Vin = VIL or VIH; VIS = VCC/2 IS ≤ 2.0 mA 4.5 5.5 80 60 100 80 120 100 W Ioff Maximum Off−Channel Leakage Current, Any One Channel Common Channel Vin = VCC or GND 5.5 ±0.1 ±0.1 ±0.1 ±0.1 ±0.1 ±0.1 mA Ion Maximum On−Channel Leakage Channel−to−Channel Vin = VCC or GND 5.5 ±0.1 ±0.1 ±0.1 mA AC CHARACTERISTICS (CL = 50 pF, Input tr = tf = 6 ns, VCC = 5.0 V ± 10%) Symbol Parameter VCC −55 to 25°C ≤85°C ≤125°C Unit tPHL, tPLH Maximum Propagation Delay, Analog Input to Analog Output 5.0 40 45 50 ns tPHL, tPHZ,PZH tPLH, tPLZ,PZL Maximum Propagation Delay, Enable or Channel−Select to Analog Output 5.0 80 90 100 ns Cin Maximum Input Capacitance Digital Pins (All Switches Off) Any Single Analog Pin (All Switches Off) Common Analog Pin 10 35 40 10 35 40 10 35 40 pF CPD Power Dissipation Capacitance Typical 5.0 20 pF INJECTION CURRENT COUPLING SPECIFICATIONS (VCC = 5V, TA = −55°C to +125°C) Symbol Parameter Condition Typ Max Unit VDout Maximum Shift of Output Voltage of Enabled Analog Channel Iin* ≤ 1 mA, RS ≤ 3,9 kW Iin* ≤ 10 mA, RS ≤ 3,9 kW Iin* ≤ 1 mA, RS ≤ 20 kW Iin* ≤ 10 mA, RS ≤ 20 kW 0.1 1.0 0.5 5.0 1.0 5.0 2.0 20 mV * Iin = Total current injected into all disabled channels. Figure 5. Typical On Resistance VCC = 4.5V |
Número de pieza similar - M74HCT4851ADTR2G |
|
Descripción similar - M74HCT4851ADTR2G |