Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC10LVEL40DWR2 Datasheet(PDF) 2 Page - ON Semiconductor

No. de pieza MC10LVEL40DWR2
Descripción Electrónicos  3.3/5VECL Differential Phase?묯requency Detector
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10LVEL40DWR2 Datasheet(HTML) 2 Page - ON Semiconductor

  MC10LVEL40DWR2 Datasheet HTML 1Page - ON Semiconductor MC10LVEL40DWR2 Datasheet HTML 2Page - ON Semiconductor MC10LVEL40DWR2 Datasheet HTML 3Page - ON Semiconductor MC10LVEL40DWR2 Datasheet HTML 4Page - ON Semiconductor MC10LVEL40DWR2 Datasheet HTML 5Page - ON Semiconductor MC10LVEL40DWR2 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MC100LVEL40
http://onsemi.com
2
Figure 1. 20−Lead Pinout (Top View)
19
20
18
17
16
15
14
2
1
34567
NC
13
8
12
9
11
10
VCCO UU
VEE
DD
VCCO NC
NC
NC
NC
R
R
VBB FB
FB
VCC NC
NC
Figure 2. Logic Diagram
PIN
FUNCTION
U, U
ECL Up Differential Outputs
D, D
ECL Down Differential Outputs
FB, FB
ECL Feedback Differential Inputs
R, R
ECL Reference Differential Inputs
VBB
Reference Voltage Output
VCC, VCCO
Positive Supply
VEE
Negative Supply
NC
No Connect
Table 1. PIN DESCRIPTION
Warning: All VCC, VCCO, and VEE pins must be externally
connected to Power Supply to guarantee proper operation.
R
VBB
FB
FB
SQ
R
SQ
R
RU
U
D
D
VEE
Table 2. ATTRIBUTES
Characteristics
Value
ESD Protection
Human Body Model
> 2 kV
Moisture Sensitivity (Note 1)
Pb Pkg
Pb−Free Pkg
SOIC−20
Level 1
Level 3
Flammability Rating
Oxygen Index: 28 to 34
UL 94 V−0 @ 0.125 in
Transistor Count
356 Devices
Meets or exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
1. For additional information, see Application Note AND8003/D.


Número de pieza similar - MC10LVEL40DWR2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC10LVEL40DWR2 ONSEMI-MC10LVEL40DWR2 Datasheet
114Kb / 6P
   3.3/5V ECL Differential Phase?묯requency Detector
November, 2006 ??Rev. 8
MC10LVEL40DWR2G ONSEMI-MC10LVEL40DWR2G Datasheet
114Kb / 6P
   3.3/5V ECL Differential Phase?묯requency Detector
November, 2006 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com