Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAB4AZNRR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza CAB4AZNRR
Descripción Electrónicos  CAB4A - DDR4 Register 32-Bit 1:2 Command/Address/Control Buffer and 1:4 Differential Clock Buffer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

CAB4AZNRR Datasheet(HTML) 5 Page - Texas Instruments

  CAB4AZNRR Datasheet HTML 1Page - Texas Instruments CAB4AZNRR Datasheet HTML 2Page - Texas Instruments CAB4AZNRR Datasheet HTML 3Page - Texas Instruments CAB4AZNRR Datasheet HTML 4Page - Texas Instruments CAB4AZNRR Datasheet HTML 5Page - Texas Instruments CAB4AZNRR Datasheet HTML 6Page - Texas Instruments CAB4AZNRR Datasheet HTML 7Page - Texas Instruments CAB4AZNRR Datasheet HTML 8Page - Texas Instruments CAB4AZNRR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
CAB4A
www.ti.com
SNAS630B – JULY 2013 – REVISED OCTOBER 2013
Table 1. TERMINAL FUNCTIONS (continued)
SIGNAL
TYPE
DESCRIPTION
GROUP
NAME
VREFCA
VCC/2Reference voltage
Input reference voltage for the CMOS inputs.
VDD
Power input
Power supply voltage
VSS
Ground input
Ground
AVDD
Analog power
Analog supply voltage
Miscellaneous pins
PVDD
Clock power
Clock logic and clock output driver power supply.
PVSS
Clock ground
Clock logic and clock output driver ground.
ZQCAL
Reference
Needs a calibration resistor of 240
Ω ±1% to VSS.
NU
Mechanical ball
Do not connect on PCB.
RFU[3:0]
I/O
Reserved; must be left floating on DIMM and in DDR4 register.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: CAB4A


Número de pieza similar - CAB4AZNRR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cree, Inc
CAB400M12XM3 CREE-CAB400M12XM3 Datasheet
801Kb / 9P
   1200 V, 400 A All-Silicon Carbide Switching-Loss Optimized, Half-Bridge Module
logo
WOLFSPEED, INC.
CAB400M12XM3 WOLFSPEED-CAB400M12XM3 Datasheet
801Kb / 9P
   1200 V, 400 A All-Silicon Carbide Switching-Loss Optimized, Half-Bridge Module
Rev. -, 2019-10-31
logo
GradConn, Ltd.
CAB411RF GRADCONN-CAB411RF Datasheet
148Kb / 1P
   CABLE ASSEMBLY
Rev. 1.6
CAB411RF-0100-F1A-1-E GRADCONN-CAB411RF-0100-F1A-1-E Datasheet
148Kb / 1P
   CABLE ASSEMBLY
Rev. 1.6
CAB411RF-0100-F1A-1-S GRADCONN-CAB411RF-0100-F1A-1-S Datasheet
148Kb / 1P
   CABLE ASSEMBLY
Rev. 1.6
More results

Descripción similar - CAB4AZNRR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cypress Semiconductor
CY2DP314 CYPRESS-CY2DP314 Datasheet
213Kb / 9P
   1 of 2:4 Differential Clock/Data Fanout Buffer
CY2DP314 CYPRESS-CY2DP314_05 Datasheet
229Kb / 10P
   1:4 Differential Clock/Data Fanout Buffer
logo
Renesas Technology Corp
5V551 RENESAS-5V551 Datasheet
201Kb / 5P
   1:4 CLOCK BUFFER
Mar 2020
logo
Integrated Device Techn...
IDT5V551 IDT-IDT5V551 Datasheet
48Kb / 4P
   1:4 CLOCK BUFFER
logo
Potato Semiconductor Co...
PO100HSTL11A POTATO-PO100HSTL11A Datasheet
553Kb / 6P
   1 to 2 Differential Clock/Data Fanout Buffer
logo
Renesas Technology Corp
CV128 RENESAS-CV128 Datasheet
242Kb / 13P
   1-TO-12 DIFFERENTIAL CLOCK BUFFER
JUNE 29, 2007
SLG74190 RENESAS-SLG74190 Datasheet
707Kb / 22P
   1 to 19 Differential Clock Buffer
February 23, 2022
logo
Semtech Corporation
SK10EL11WD SEMTECH-SK10EL11WD Datasheet
131Kb / 6P
   1:2 Differential Fanout Buffer
logo
Micrel Semiconductor
SY10EL11V MICREL-SY10EL11V_10 Datasheet
247Kb / 8P
   1:2 DIFFERENTIAL FANOUT BUFFER
logo
Integrated Device Techn...
IDTCV145NLG8 IDT-IDTCV145NLG8 Datasheet
122Kb / 13P
   1-TO-19 DIFFERENTIAL CLOCK BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com