Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LM4041DIM3X-1.2 Datasheet(PDF) 7 Page - Texas Instruments |
|
LM4041DIM3X-1.2 Datasheet(HTML) 7 Page - Texas Instruments |
7 / 34 page LM4041-N, LM4041-N-Q1 www.ti.com SNOS641F – OCTOBER 1999 – REVISED JULY 2013 LM4041-N/LM4041-N-Q1 ADJ (Adjustable) Electrical Characteristics (Industrial Temperature Range) Boldface limits apply for TA = TJ = TMINto TMAX; all other limits TJ = 25°C unless otherwise specified (SOT-23, see (1)), IRMIN ≤ IR ≤ 12 mA, VREF ≤ VOUT ≤ 10V. The grades C and D designate initial Reference Voltage Tolerances of ±0.5% and ±1%, respectively for VOUT = 5V. Symbol Parameter Conditions Typical(2) LM4041CIM3 LM4041DIM3 Units LM4041QCIM3 LM4041QDIM3 (Limit) LM4041CIZ LM4041DIZ LM4041CIM7 LM4041DIM7 (3) (3) VREF Reference Voltage IR = 100 μA, VOUT = 5V 1.233 V Reference Voltage IR = 100 μA, VOUT = 5V ±6.2 ±12 mV (max) Tolerance(4) ±14 ±24 mV (max) IRMIN Minimum Operating 45 μA Current 60 65 μA (max) 65 70 μA (max) ΔVREF/ΔIR Reference Voltage IRMIN ≤ IR ≤ 1 mA 0.7 mV Change with Operating SOT-23: VOUT ≥ 1.6V (6) 1.5 2.0 mV (max) Current Change(5) 2.0 2.5 mV (max) 1 mA ≤ IR ≤ 12 mA 2 mV SOT-23: VOUT ≥ 1.6V (6) 4 6 mV (max) 6 8 mV (max) ΔVREF/ΔV Reference Voltage IR = 1 mA −1.55 mV/V O Change with Output −2.0 −2.5 mV/V (max) Voltage Change −2.5 −3.0 mV/V (max) IFB Feedback Current 60 nA 100 150 nA (max) 120 200 nA (max) ΔVREF/ΔT Average Reference VOUT = IR = 10 mA 20 ppm/°C Voltage Temperature 5V, IR = 1 mA 15 ±100 ±150 ppm/°C (max) Coefficient(4) IR = 100 μA 15 ppm/°C ZOUT Dynamic Output IR = 1 mA, f = 120 Hz, Impedance IAC = 0.1 IR VOUT = VREF 0.3 Ω VOUT = 10V 2 Ω eN Wideband Noise IR = 100 VOUT = VREF 20 μVrms μA 10 Hz ≤ f ≤ 10 kHz ΔVREF Reference Voltage Long t = 1000 hrs, IR = 100 μA, 120 ppm Term Stability T = 25°C ±0.1°C VHYST Thermal Hysteresis(7) ΔT = −40°C to +125°C 0.08 % (1) When VOUT ≤ 1.6V, the LM4041-N ADJ in the SOT-23 package must operate at reduced IR. This is caused by the series resistance of the die attach between the die (-) output and the package (-) output pin. See the Output Saturation (SOT-23 only) curve in the Typical Performance Characteristics section. (2) Typicals are at TJ = 25°C and represent most likely parametric norm. (3) Limits are 100% production tested at 25°C. Limits over temperature are ensured through correlation using Statistical Quality Control (SQC) methods. The limits are used to calculate AOQL. (4) Reference voltage and temperature coefficient will change with output voltage. See Typical Performance Characteristics curves. (5) Load regulation is measured on pulse basis from no load to the specified load current. Ouput changes due to die temperature change must be taken into account separately.- (6) When VOUT ≤ 1.6V, the LM4041-N ADJ in the SOT-23 package must operate at reduced IR. This is caused by the series resistance of the die attach between the die (-) output and the package (-) output pin. See the Output Saturation (SOT-23 only) curve in the Typical Performance Characteristics section. (7) Thermal hysteresis is defined as the difference in voltage measured at +25°C after cycling to temperature -40°C and the 25°C measurement after cycling to temperature +125°C. Copyright © 1999–2013, Texas Instruments Incorporated Submit Documentation Feedback 7 Product Folder Links: LM4041-N, LM4041-N-Q1 |
Número de pieza similar - LM4041DIM3X-1.2 |
|
Descripción similar - LM4041DIM3X-1.2 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |