Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LMZ35003RKGR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LMZ35003RKGR
Descripción Electrónicos  2.5A SIMPLE SWITCHER짰 Power Module with 7V-50V Input in QFN Package
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LMZ35003RKGR Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMZ35003RKGR Datasheet HTML 6Page - Texas Instruments LMZ35003RKGR Datasheet HTML 7Page - Texas Instruments LMZ35003RKGR Datasheet HTML 8Page - Texas Instruments LMZ35003RKGR Datasheet HTML 9Page - Texas Instruments LMZ35003RKGR Datasheet HTML 10Page - Texas Instruments LMZ35003RKGR Datasheet HTML 11Page - Texas Instruments LMZ35003RKGR Datasheet HTML 12Page - Texas Instruments LMZ35003RKGR Datasheet HTML 13Page - Texas Instruments LMZ35003RKGR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
1000
10000
100000
300000
−40
−30
−20
−10
0
10
20
30
40
−120
−90
−60
−30
0
30
60
90
120
Frequency (Hz)
Gain
Phase
G000
1000
10000
100000
300000
−40
−30
−20
−10
0
10
20
30
40
−120
−90
−60
−30
0
30
60
90
120
Frequency (Hz)
Gain
Phase
G000
0
1
2
3
4
5
6
0
0.5
1
1.5
2
2.5
Output Current (A)
VOUT = 15 V,fSW = 1 MHz
VOUT = 12 V,fSW = 800 kHz
VOUT = 5.0 V,fSW = 500 kHz
VOUT = 3.3 V,fSW = 400 kHz
G000
20
30
40
50
60
70
80
90
0
0.5
1
1.5
2
2.5
Output Current (A)
VO = 5 V
VO = 12 V
VO = 15 V
Natural Convection
G000
50
55
60
65
70
75
80
85
90
95
100
0
0.5
1
1.5
2
2.5
Output Current (A)
VOUT = 15 V,fSW = 1 MHz
VOUT = 12 V,fSW = 800 kHz
VOUT = 5.0 V,fSW = 500 kHz
VOUT = 3.3 V,fSW = 400 kHz
G000
0
10
20
30
40
50
60
70
0
0.5
1
1.5
2
2.5
Output Current (A)
VOUT = 15 V,fSW = 1 MHz
VOUT = 12 V,fSW = 800 kHz
VOUT = 5.0 V,fSW = 500 kHz
VOUT = 3.3 V,fSW = 400 kHz
G000
LMZ35003
SNVS988 – JULY 2013
www.ti.com
TYPICAL CHARACTERISTICS (VIN = 48 V) (1) (2) (3)
Figure 19. Efficiency vs. Output Current
Figure 20. Voltage Ripple vs. Output Current
Figure 21. Power Dissipation vs. Output Current
Figure 22. Safe Operating Area
Figure 23. VOUT= 5 V, IOUT= 2 A, COUT1= 44 µF ceramic,
Figure 24. VOUT= 12 V, IOUT= 2 A, COUT1= 44 µF ceramic,
COUT2= 56 µF electrolytic, fSW= 500 kHz
COUT2= 56 µF electrolytic, fSW= 800 kHz
(1)
The electrical characteristic data has been developed from actual products tested at 25°C. This data is considered typical for the
converter. Applies to Figure 19, Figure 20, and Figure 21.
(2)
At light load the output voltage ripple may increase due to pulse skipping. See Light-Load Behavior for more information. Applies to
Figure 20.
(3)
The temperature derating curves represent the conditions at which internal components are at or below the manufacturer's maximum
operating temperatures. Derating limits apply to devices soldered directly to a 100 mm × 100 mm double-sided PCB with 1 oz. copper.
Applies to Figure 22.
10
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: LMZ35003


Número de pieza similar - LMZ35003RKGR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LMZ35003 TI-LMZ35003_15 Datasheet
1Mb / 32P
[Old version datasheet]   2.5A SIMPLE SWITCHER짰 Power Module with 7V-50V Input in QFN Package
More results

Descripción similar - LMZ35003RKGR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LMZ35003 TI-LMZ35003_15 Datasheet
1Mb / 32P
[Old version datasheet]   2.5A SIMPLE SWITCHER짰 Power Module with 7V-50V Input in QFN Package
LMZ31520 TI1-LMZ31520 Datasheet
766Kb / 30P
[Old version datasheet]   20A SIMPLE SWITCHER짰 Power Module with 3.0V-14.5V Input in QFN Package
LMZ30602 TI-LMZ30602_15 Datasheet
1Mb / 30P
[Old version datasheet]   2A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ30604 TI-LMZ30604_15 Datasheet
1Mb / 30P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ30606 TI-LMZ30606_15 Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ31520 TI-LMZ31520_15 Datasheet
1Mb / 32P
[Old version datasheet]   20A SIMPLE SWITCHER짰 Power Module with 3.0V-14.5V Input in QFN Package
LMZ30604 TI1-LMZ30604 Datasheet
992Kb / 25P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ31506H TI-LMZ31506H_15 Datasheet
1Mb / 35P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 4.5V-14.5V Input in QFN Package
LMZ31530 TI1-LMZ31530 Datasheet
768Kb / 30P
[Old version datasheet]   30A SIMPLE SWITCHER짰 Power Module with 3.0V-14.5V Input in QFN Package
LMZ31503 TI-LMZ31503_15 Datasheet
1Mb / 34P
[Old version datasheet]   3A SIMPLE SWITCHER짰 Power Module with 4.5V-14.5V Input in QFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com