Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TL1431-SP Datasheet(PDF) 1 Page - Texas Instruments

No. de pieza TL1431-SP
Descripción Electrónicos  CLASS V, PRECISION PROGRAMMABLE REFERENCE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TL1431-SP Datasheet(HTML) 1 Page - Texas Instruments

  TL1431-SP_13 Datasheet HTML 1Page - Texas Instruments TL1431-SP_13 Datasheet HTML 2Page - Texas Instruments TL1431-SP_13 Datasheet HTML 3Page - Texas Instruments TL1431-SP_13 Datasheet HTML 4Page - Texas Instruments TL1431-SP_13 Datasheet HTML 5Page - Texas Instruments TL1431-SP_13 Datasheet HTML 6Page - Texas Instruments TL1431-SP_13 Datasheet HTML 7Page - Texas Instruments TL1431-SP_13 Datasheet HTML 8Page - Texas Instruments TL1431-SP_13 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
+
CATHODE
ANODE
REF
Vref
REF
ANODE
CATHODE
1
2
3
4
8
7
6
5
CATHODE
NC
NC
NC
REF
NC
ANODE
NC
JG PACKAGE
(TOP VIEW)
NC – No internal connection
TL1431-SP
www.ti.com
SLVSB44B – JULY 2012 – REVISED SEPTEMBER 2013
CLASS V, PRECISION PROGRAMMABLE REFERENCE
Check for Samples: TL1431-SP
1
FEATURES
QMLV Qualified to 100k Rad RHA,
SMD 5962R99620
0.4% Initial Voltage Tolerance
0.2-
Ω Typical Output Impedance
Fast Turnon…500 ns
Sink Current Capability…1 mA to 100 mA
Low Reference Current (REF)
Adjustable Output Voltage…VI(ref) to 36 V
DESCRIPTION/ORDERING INFORMATION
The TL1431 is a precision programmable reference with specified thermal stability over automotive, commercial,
and military temperature ranges. The output voltage can be set to any value between VI(ref) (approximately 2.5 V)
and 36 V with two external resistors. This device has a typical output impedance of 0.2
Ω. Active output circuitry
provides a very sharp turnon characteristic, making the device an excellent replacement for Zener diodes and
other types of references in applications such as onboard regulation, adjustable power supplies, and switching
power supplies.
The TL1431 is characterized for operation over the full military temperature range of –55°C to 125°C.
ORDERING INFORMATION(1)
TA
PACKAGE
ORDERABLE PART NUMBER
TOP-SIDE MARKING
5962-9962001VPA
9962001VPA
CDIP – JG
Tube of 50
–55°C to 125°C
5962R9962001VPA
R9962001VPA
CFP – U
Tube of 25
5962R9962001VHA
R9962001VHA
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
SYMBOL
FUNCTIONAL BLOCK DIAGRAM
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Número de pieza similar - TL1431-SP_13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TL1431-SP TI-TL1431-SP_15 Datasheet
226Kb / 14P
[Old version datasheet]   CLASS V, PRECISION PROGRAMMABLE REFERENCE
More results

Descripción similar - TL1431-SP_13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TL1431-SP TI-TL1431-SP_15 Datasheet
226Kb / 14P
[Old version datasheet]   CLASS V, PRECISION PROGRAMMABLE REFERENCE
TL1431-SP TI1-TL1431-SP Datasheet
186Kb / 13P
[Old version datasheet]   CLASS V, PRECISION PROGRAMMABLE REFERENCE
TL1431-SP TI-TL1431-SP_V01 Datasheet
282Kb / 14P
[Old version datasheet]   CLASS V, PRECISION PROGRAMMABLE REFERENCE
logo
Unisonic Technologies
TL431L UTC-TL431L_11 Datasheet
231Kb / 6P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL431_102 TI-TL431_102 Datasheet
1Mb / 76P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Weitron Technology
WT431LT1 WEITRON-WT431LT1 Datasheet
591Kb / 5P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL1431 TI1-TL1431_12 Datasheet
812Kb / 27P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Unisonic Technologies
TL431H UTC-TL431H Datasheet
197Kb / 6P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL1431M TI-TL1431M_15 Datasheet
1Mb / 32P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
TL1431-Q1 TI-TL1431-Q1_15 Datasheet
232Kb / 19P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com