Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SA20ARLG Datasheet(PDF) 4 Page - ON Semiconductor |
|
SA20ARLG Datasheet(HTML) 4 Page - ON Semiconductor |
4 / 5 page SA5.0A Series http://onsemi.com 4 10,000 1000 100 10 0.1 1 10 100 1000 VBR, BREAKDOWN VOLTAGE (VOLTS) MEASURED @ ZERO BIAS Figure 3. Capacitance versus Breakdown Voltage 100 50 0 01 2 3 4 t, TIME (ms) PULSE WIDTH (tp) IS DEFINED AS THAT POINT WHERE THE PEAK CURRENT DECAYS TO 50% OF IPP. PEAK VALUE − IPP HALF VALUE − IPP 2 Figure 4. Pulse Waveform 5 4 3 2 1 0 0 25 50 75 100 125 150 175 200 TL, LEAD TEMPERATURE (°C) 3/8″ 3/8″ Figure 5. Steady State Power Derating tr ≤ 10 ms MEASURED @ (VRWM) tP UL RECOGNITION* The entire series including the bidirectional CA suffix has Underwriters Laboratory Recognition for the classification of protectors (QVGQ2) under the UL standard for safety 497B and File #E210057. Many competitors only have one or two devices recognized or have recognition in a non-protective category. Some competitors have no recognition at all. With the UL497B recognition, our parts successfully passed several tests including Strike Voltage Breakdown test, Endurance Conditioning, Temperature test, Dielectric Voltage-Withstand test, Discharge test and several more. Whereas, some competitors have only passed a flammability test for the package material, we have been recognized for much more to be included in their protector category. *Applies to SA5.0A − SA170A. |
Número de pieza similar - SA20ARLG |
|
Descripción similar - SA20ARLG |