Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

3964 Datasheet(PDF) 4 Page - Allegro MicroSystems

No. de pieza 3964
Descripción Electrónicos  DUAL FULL-BRIDGE PWM MOTOR DRIVER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ALLEGRO [Allegro MicroSystems]
Página de inicio  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3964 Datasheet(HTML) 4 Page - Allegro MicroSystems

  3964 Datasheet HTML 1Page - Allegro MicroSystems 3964 Datasheet HTML 2Page - Allegro MicroSystems 3964 Datasheet HTML 3Page - Allegro MicroSystems 3964 Datasheet HTML 4Page - Allegro MicroSystems 3964 Datasheet HTML 5Page - Allegro MicroSystems 3964 Datasheet HTML 6Page - Allegro MicroSystems 3964 Datasheet HTML 7Page - Allegro MicroSystems 3964 Datasheet HTML 8Page - Allegro MicroSystems 3964 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
3964
DUAL FULL-BRIDGE
PWM MOTOR DRIVER
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
Logic Supply Voltage Range
VCC
Operating
4.75
5.25
V
Logic Input Voltage
VIN(1)
2.4
V
VIN(0)
0.8
V
Logic Input Current
IIN(1)
VIN = 2.4 V
<1.0
20
µA
IIN(0)
VIN = 0.8 V
<-2.0
-200
µA
Reference Output Voltage
VREF(OUT)
VCC = 5.0 V, IREF(OUT) = 90 to 900 µA
2.45
2.50
2.55
V
Reference Output Current
IREF(OUT)
3 k
Ω ≤ R
D = RA + RB ≤ 15 kΩ
150
900
µA
Ref. Input Offset Current
IOS
VREF(IN) = 1 V
-2.5
0
1.0
µA
Comparator Input Offset Volt.
VIO
VREF(IN) = 0 V
-6.0
0
6.0
mV
Comparator Input Volt. Range
VREF
Operating
-0.3
1.0
V
PWM RC Fixed Off-time
tOFF RC
CT = 1000 pF, RT = 30 kΩ
27
30
33
µs
PWM Propagation Delay Time
tPWM
Comparator Trip to Source OFF
1.2
2.0
µs
PWM Minimum On Time
tON(min)
CT = 1000 pF, RT ≥ 15 kΩ, VCC = 5 V
2.5
3.6
µs
Propagation Delay Times
tpd
IOUT = ±800 mA, 50% to 90%:
ENABLE ON to Source ON
3.2
µs
ENABLE OFF to Source OFF
1.2
µs
ENABLE ON to Sink ON
3.2
µs
ENABLE OFF to Sink OFF
0.7
µs
PHASE Change to Sink ON
3.2
µs
PHASE Change to Source ON
3.2
µs
PHASE Change to Sink OFF
0.7
µs
PHASE Change to Source OFF
1.2
µs
Thermal Shutdown Temp.
TJ
165
°C
Thermal Shutdown Hysteresis
∆T
J
—15
°C
UVLO Disable Threshold
Decreasing VCC
4.20
4.40
4.65
V
UVLO Hysteresis
UVLO Enable Volt. - UVLO Disable Volt.
0.075
0.125
0.175
V
UVLO Enable Threshold
Increasing VCC
4.375
4.525
4.725
V
Logic Supply Current
ICC(ON)
VENABLE 1 = VENABLE 2 = 0.8 V
60
85
mA
ICC(OFF)
VENABLE 1 = VENABLE 2 = 2.4 V
13
17
mA
Logic Supply Current
∆I
CC(ON)
VENABLE 1 = VENABLE 2 = 0.8 V
0.18
mA/
°C
Temperature Coefficient
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
ELECTRICAL CHARACTERISTICS at TA = +25°C, VBB = 30 V, VCC = 4.75 V to 5.25 V, VSENSE = 0
V, 30 k
& 1000 pF RC to Ground (unless noted otherwise) (cont.)
NOTES: 1. Typical Data is for design information only.
2. Negative current is defined as coming out of (sourcing) the specified device terminal.
Control Logic


Número de pieza similar - 3964

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SCHOTT CORPORATION
39647 SCHOTT-39647 Datasheet
31Kb / 1P
   TRANSFORMER, G. SHDSL
logo
Allegro MicroSystems
3964 ALLEGRO-3964_00 Datasheet
267Kb / 10P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
More results

Descripción similar - 3964

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Allegro MicroSystems
3962 ALLEGRO-3962 Datasheet
86Kb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
2919 ALLEGRO-2919_06 Datasheet
285Kb / 9P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
2916 ALLEGRO-2916 Datasheet
1Mb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
L6219DS ALLEGRO-L6219DS Datasheet
182Kb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
A3966 ALLEGRO-A3966 Datasheet
299Kb / 8P
   Dual Full-Bridge PWM Motor Driver
A2919 ALLEGRO-A2919 Datasheet
336Kb / 8P
   Dual Full-Bridge PWM Motor Driver
logo
AMtek SEMICONDUCTORS CO...
AM2170 AMTEK-AM2170 Datasheet
211Kb / 10P
   Dual Full-Bridge PWM Motor Driver
OCT. 2008 V1.2
logo
Allegro MicroSystems
2918 ALLEGRO-2918 Datasheet
191Kb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
3961 ALLEGRO-3961 Datasheet
91Kb / 10P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
A3964 ALLEGRO-A3964 Datasheet
347Kb / 7P
   Dual Full-Bridge PWM Motor Driver
A2916 ALLEGRO-A2916 Datasheet
315Kb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com