Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMA3103-TL-E Datasheet(PDF) 2 Page - ON Semiconductor

No. de pieza SMA3103-TL-E
Descripción Electrónicos  MMIC Amplifi er, 5V, 19mA, 0.1 to 3.3GHz, MCPH6
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SMA3103-TL-E Datasheet(HTML) 2 Page - ON Semiconductor

  SMA3103-TL-E Datasheet HTML 1Page - ON Semiconductor SMA3103-TL-E Datasheet HTML 2Page - ON Semiconductor SMA3103-TL-E Datasheet HTML 3Page - ON Semiconductor SMA3103-TL-E Datasheet HTML 4Page - ON Semiconductor SMA3103-TL-E Datasheet HTML 5Page - ON Semiconductor SMA3103-TL-E Datasheet HTML 6Page - ON Semiconductor SMA3103-TL-E Datasheet HTML 7Page - ON Semiconductor SMA3103-TL-E Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SMA3103
No. A1580-2/8
Recommended Operating Condition at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Supply Voltage
VCC
4.5
5
5.5
V
Operating Ambient Temperature
Topr
--40
+25
+85
°C
Note) Pay attention to handling since it is liable to be affected by static electricity due to the high frequency process adopted.
Electrical Characteristics at Ta=25°C, VCC=5V, Zs=ZL=50Ω
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Circuit Current
ICC
14.0
19.0
25.0
mA
Power Gain
Gp
f=1GHz
24.0
26.5
29.0
dB
f=2.2GHz
24.0
27.0
30.0
Isolation
ISL
f=1GHz
31.0
33.0
dB
f=2.2GHz
31.0
33.0
Input Return Loss
RLin
f=1GHz
12.0
20.0
dB
f=2.2GHz
10.0
14.0
Output Return Loss
RLout
f=1GHz
12.0
20.0
dB
f=2.2GHz
10.0
16.0
Noise Figure
NF
f=1GHz
4.7
5.3
dB
f=2.2GHz
4.7
5.3
Gain 1dB Compression Output Power
Po(1dB)
f=1GHz
6.0
8.2
dBm
f=2.2GHz
4.0
5.7
Upper Limit Operating Frequency
fu
3dB down below flat gain at f =1GHz
3.3
GHz
Ordering Information
Device
Package
Shipping
memo
SMA3103-TL-E
MCPH6
3,000pcs./reel
Pb Free


Número de pieza similar - SMA3103-TL-E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
SMA3103 SANYO-SMA3103 Datasheet
412Kb / 5P
   Silicon MMIC Wideband Amplifi er
SMA3103 SANYO-SMA3103 Datasheet
551Kb / 8P
   Wideband Amplifier
SMA3103 SANYO-SMA3103_12 Datasheet
551Kb / 8P
   Wideband Amplifier
More results

Descripción similar - SMA3103-TL-E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
SMA3103 SANYO-SMA3103 Datasheet
412Kb / 5P
   Silicon MMIC Wideband Amplifi er
SMA3101 SANYO-SMA3101 Datasheet
345Kb / 5P
   Silicon MMIC Wideband Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MSA-0486 AVAGO-MSA-0486 Datasheet
59Kb / 5P
   Cascadable Silicon Bipolar MMIC Amplifi er
logo
Broadcom Corporation.
MSA-0386 BOARDCOM-MSA-0386 Datasheet
59Kb / 5P
   Cascadable Silicon Bipolar MMIC Amplifi er
MSA-0486 BOARDCOM-MSA-0486 Datasheet
59Kb / 5P
   Cascadable Silicon Bipolar MMIC Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-31816 AVAGO-MGA-31816 Datasheet
236Kb / 19P
   0.1 W High Linearity Driver Amplifi er
MGA-31716 AVAGO-MGA-31716_16 Datasheet
1Mb / 19P
   0.1 W High Linearity Driver Amplifi er
logo
Broadcom Corporation.
MGA-31716 BOARDCOM-MGA-31716 Datasheet
1Mb / 19P
   0.1 W High Linearity Driver Amplifi er
logo
ON Semiconductor
NSVG3117SG6 ONSEMI-NSVG3117SG6 Datasheet
290Kb / 7P
   MMIC Amplifier, 5 V, 22.7mA, 0.1 to 3 GHz, MCPH6
November, 2019 ??Rev. P1
NSVG3109SG6 ONSEMI-NSVG3109SG6 Datasheet
280Kb / 7P
   MMIC Amplifier, 3 V, 16mA, 0.1 to 3.6 GHz, MCPH6
September, 2019 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com