Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LCD10-14A-L Datasheet(PDF) 3 Page - PANDUIT CORP.

No. de pieza LCD10-14A-L
Descripción Electrónicos  Copper Compression Lugs For Terminating 14 ??10 AWG Copper Conductors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PANDUIT [PANDUIT CORP.]
Página de inicio  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

LCD10-14A-L Datasheet(HTML) 3 Page - PANDUIT CORP.

  LCD10-14A-L Datasheet HTML 1Page - PANDUIT CORP. LCD10-14A-L Datasheet HTML 2Page - PANDUIT CORP. LCD10-14A-L Datasheet HTML 3Page - PANDUIT CORP. LCD10-14A-L Datasheet HTML 4Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
INSPECTION
WINDOW
90˚
A
PANDUIT ® Copper Compression Lugs for #14 - #10 AWG Code Conductors
Type LCC-W
Two Hole Lug, Long Barrel
Copper Lugs, For Copper Code Conductors Only
Type LCD
Two Hole Lug, Standard Barrel
Copper Lugs, For Copper Code Conductors Only
P
PA
AN
ND
DU
UIIT
T ®
Part
Number
Copper
Conductor
Size
A
W
G
S
Std.
Pkg.
Qty.
50
50
50
50
50
50
50
50
50
50
50
#10
1.70
.38
.23
.62
LCD10-10A-L
#10
1.48
.38
.23
.62
LCD10-10-AH-L
#10
1.67
.38
.23
.62
LCD10-10AF-L
1/4
1/4
1/4
1/4
1/4
3/8
3/8
3/8
1.79
.42
.25
.62
LCD10-14A-L
1.57
.42
.25
.62
LCD10-14AH-L
1.76
.42
.25
.62
LCD10-14AF-L
1.91
.42
.25
.75
LCD10-14B-L
2.16
.42
.25
1.00
LCD10-14D-L
2.38
.56
.36
1.00
LCD10-38D-L
2.16
.56
.36
1.00
LCD10-38DH-L
2.35
.56
.36
1.00
LCD10-38DF-L
Dimensions (In.)
#14 – #10 AWG
Stranded
#12 – #10 AWG
Solid
P
PA
AN
ND
DU
UIIT
T ®
Part
Number
Copper
Conductor
Size
A
W
G
S
Std.
Pkg.
Qty.
50
50
50
50
50
50
1/4
1.93
.42
.25
.62
LCC10-14AW-L
1/4
1.57
.42
.25
.62
LCC10-14AWH-L
1/4
1.77
.42
.25
.62
LCC10-14AWF-L
1/4
2.05
.42
.25
.75
LCC10-14BW-L
1/4
1.69
.42
.25
.75
LCC10-14BWH-L
1/4
1.89
.42
.25
.75
LCC10-14BWF-L
Dimensions (In.)
#14 – #10 AWG
Stranded
#12 – #10 AWG
Solid
Order the number of pieces required in multiples of standard package quantity.
* Two crimps required.
Order the number of pieces required in multiples of standard package quantity.
* One crimp required.
STRAIGHT
TONGUE (Fig. 1)
45 ° ANGLE TONGUE
(Fig. 2)
90° ANGLE TONGUE
(Fig. 3)
INSPECTION
WINDOW
A
W
G
S
INSPECTION
WINDOW
A
45˚
STRAIGHT
TONGUE (Fig. 1)
45 ° ANGLE TONGUE
(Fig. 2)
90° ANGLE TONGUE
(Fig. 3)
INSPECTION
WINDOW
A
W
G
S
INSPECTION
WINDOW
A
45˚
INSPECTION
WINDOW
90˚
A
T
Bolt
Hole
Size (In.)
Bolt
Hole
Size (In.)
P
PA
AN
ND
DU
UIIT
T ®
Crimp
Tools*
P
PA
AN
ND
DU
UIIT
T ®
Crimp
Tools*
CT-1570,
CT-1701,
CT-100,
CT-200
CT-1570,
CT-1701,
CT-100,
CT-200
Fig.
#
1
2
3
1
2
3
1
1
1
2
3
Fig.
#
1
2
3
1
2
3


Número de pieza similar - LCD10-14A-L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
PANDUIT CORP.
LCD10-14A-L PANDUIT-LCD10-14A-L Datasheet
90Kb / 1P
   COPPER LUG - TWO-HOLE, STANDARD BARREL
LCD10-14A-L PANDUIT-LCD10-14A-L Datasheet
90Kb / 2P
   Code Conductor, Two-Hole, Standard Barrel with Window Lug
More results

Descripción similar - LCD10-14A-L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
3M Electronics
30000 3M-30000 Datasheet
234Kb / 8P
   3M??Scotchlok??Copper Compression Lugs,
logo
List of Unclassifed Man...
1346243 ETC2-1346243 Datasheet
99Kb / 3P
   24 AWG stranded (7x32) tinned copper conductors, conductors cabled
28489 ETC2-28489 Datasheet
33Kb / 3P
   24 AWG stranded (7x32) tinned copper conductors, conductors cabled
3105A ETC2-3105A Datasheet
100Kb / 3P
   22 AWG stranded (7x30) tinned copper conductors
1344817 ETC2-1344817 Datasheet
97Kb / 2P
   18 AWG stranded (7x26) tinned copper conductors
1345997 ETC2-1345997 Datasheet
99Kb / 3P
   22 AWG stranded (7x30) tinned copper conductors
1346239 ETC2-1346239 Datasheet
99Kb / 3P
   22 AWG stranded (7x30) tinned copper conductors
28517 ETC2-28517 Datasheet
33Kb / 3P
   24 AWG stranded (7x32) tinned copper conductors
1351314 ETC2-1351314 Datasheet
100Kb / 3P
   22 AWG stranded (7x30) tinned copper conductors
33441 ETC2-33441 Datasheet
38Kb / 3P
   22 AWG stranded (7x30) tinned copper conductors
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com