Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS22967 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS22967
Descripción Electrónicos  Single Channel, Ultra-Low Resistance Load Switch
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22967 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS22967 Datasheet HTML 7Page - Texas Instruments TPS22967 Datasheet HTML 8Page - Texas Instruments TPS22967 Datasheet HTML 9Page - Texas Instruments TPS22967 Datasheet HTML 10Page - Texas Instruments TPS22967 Datasheet HTML 11Page - Texas Instruments TPS22967 Datasheet HTML 12Page - Texas Instruments TPS22967 Datasheet HTML 13Page - Texas Instruments TPS22967 Datasheet HTML 14Page - Texas Instruments TPS22967 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
0
10
20
30
40
50
60
70
80
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
VIN (V)
−40C
25C
70C
85C
VBIAS = 2.5V
CT = 1nf
G042
0
25
50
75
100
125
0.8 1.2 1.6
2
2.4 2.8 3.2 3.6
4
4.4 4.8 5.2 5.6
VIN (V)
−40C
25C
70C
85C
VBIAS = 5.5V
CT = 1nf
G047
1
2
3
4
5
6
7
8
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
VIN (V)
−40C
25C
70C
85C
VBIAS = 2.5V
CT = 1nf
G036
0
1
2
3
4
5
6
7
8
0.8 1.2 1.6
2
2.4 2.8 3.2 3.6
4
4.4 4.8 5.2 5.6
VIN (V)
−40C
25C
70C
85C
VBIAS = 5.5V
CT = 1nf
G041
TPS22967
www.ti.com
SLVSC42 – AUGUST 2013
TYPICAL CHARACTERISTICS (continued)
VIN vs. tF
VIN vs. tF
(VBIAS = 2.5V, CT = 1nF)
(VBIAS = 5.5V, CT = 1nF)
VIN vs. tOFF
VIN vs. tOFF
(VBIAS = 2.5V, CT = 1nF)
(VBIAS = 5.5V, CT = 1nF)
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS22967


Número de pieza similar - TPS22967

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS22960 TI-TPS22960 Datasheet
638Kb / 23P
[Old version datasheet]   LOW INPUT VOLTAGE, DUAL LOAD SWITCH WITH CONTROLLED TURN-ON
TPS22960 TI-TPS22960 Datasheet
727Kb / 24P
[Old version datasheet]   LOW INPUT VOLTAGE,DUAL LOAD SWITCH WITH CONTROLLED TURN-ON
TPS22960 TI-TPS22960 Datasheet
727Kb / 24P
[Old version datasheet]   LOW INPUT VOLTAGE,DUAL LOAD SWITCH WITH CONTROLLED TURN-ON
TPS22960DCNR TI-TPS22960DCNR Datasheet
638Kb / 23P
[Old version datasheet]   LOW INPUT VOLTAGE, DUAL LOAD SWITCH WITH CONTROLLED TURN-ON
TPS22960DCNR TI-TPS22960DCNR Datasheet
727Kb / 24P
[Old version datasheet]   LOW INPUT VOLTAGE,DUAL LOAD SWITCH WITH CONTROLLED TURN-ON
More results

Descripción similar - TPS22967

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS22965 TI1-TPS22965 Datasheet
1Mb / 25P
[Old version datasheet]   Single Channel, Ultra-Low Resistance Load Switch
TPS22966 TI1-TPS22966 Datasheet
858Kb / 26P
[Old version datasheet]   Dual Channel, Ultra-Low Resistance Load Switch
logo
Excelliance MOS Corp.
EM5208 EXCELLIANCE-EM5208 Datasheet
872Kb / 9P
   Dual Channel, Ultra-Low Resistance Load Switch
EM5209 EXCELLIANCE-EM5209 Datasheet
1Mb / 10P
   Dual Channel, Ultra-Low Resistance Load Switch
logo
Richtek Technology Corp...
RT9740A RICHTEK-RT9740A Datasheet
248Kb / 16P
   Dual Channel, Ultra-Low Resistance Load Switch
logo
Texas Instruments
TPS22968 TI1-TPS22968 Datasheet
1Mb / 33P
[Old version datasheet]   Dual Channel, Ultra-Low Resistance Load Switch
TPS22930 TI-TPS22930 Datasheet
895Kb / 19P
[Old version datasheet]   ULTRA SMALL, LOW RESISTANCE LOAD SWITCH
logo
Global Mixed-mode Techn...
GM5938 GMT-GM5938 Datasheet
47Kb / 1P
   Very Ultra-Low On-Resistance Load Switch
logo
Richtek Technology Corp...
RT9736A RICHTEK-RT9736A Datasheet
248Kb / 16P
   Dual Channel, Low Resistance Load Switch
RT9745A RICHTEK-RT9745A Datasheet
243Kb / 16P
   Low Resistance Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com