Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS24750RUVR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS24750RUVR
Descripción Electrónicos  12A eFuse Circuit Protector with Current Monitor
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS24750RUVR Datasheet(HTML) 2 Page - Texas Instruments

  TPS24750RUVR Datasheet HTML 1Page - Texas Instruments TPS24750RUVR Datasheet HTML 2Page - Texas Instruments TPS24750RUVR Datasheet HTML 3Page - Texas Instruments TPS24750RUVR Datasheet HTML 4Page - Texas Instruments TPS24750RUVR Datasheet HTML 5Page - Texas Instruments TPS24750RUVR Datasheet HTML 6Page - Texas Instruments TPS24750RUVR Datasheet HTML 7Page - Texas Instruments TPS24750RUVR Datasheet HTML 8Page - Texas Instruments TPS24750RUVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
TPS24750
TPS24751
SLVSC87 – OCTOBER 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
For the most current package and ordering information, see the Package Option Addendum at the end of this
document, or see the TI Web site at www.ti.com
PRODUCT INFORMATION
Operating Voltage
Part Number
Function
Fault Response
Status
Range
TPS24750RUV
2.5V - 18V
Integrated Hot Swap Protector
Latch
Active
TPS24751RUV
2.5V - 18V
Integrated Hot Swap Protector
Auto Retry
Active
Integrated Hot Swap Protector with FET
TPS24752RUV
2.5V - 18V
Latch
Preview
short indication
Integrated Hot Swap Protector with FET
TPS24753RUV
2.5V - 18V
Auto Retry
Preview
short indication
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range, all voltages referred to GND (unless otherwise noted)
MIN
MAX
UNIT
DRAIN, EN, FLTb(1), GATE, OUT, PGb(1), SENSE, SET(1), VCC
–0.3
30
OV
–0.3
20
Input voltage range
PROG(1)
–0.3
3.6
V
[SET, SENSE] to VCC
–0.3
0.3
IMON, TIMER
–0.3
5
Sink current
FLTb, PGb
5
mA
PROG
Internally limited
Source current
IMON
5
mA
All pins except PGb
2
Human-body model
ESD rating
PGb
0.5
kV
Charged-device model
0.5
Temperature
Maximum junction, TJ
150
°C
(1)
Do not apply voltage directly to these pins.
THERMAL INFORMATION
THERMAL METRIC(1)
RUV (36) PINS
UNIT
θJA
Junction-to-ambient thermal resistance
33.7
°C/W
θJCtop
Junction-to-case (top) thermal resistance
28.2
°C/W
θJB
Junction-to-board thermal resistance
5.8
°C/W
ψJT
Junction-to-top characterization parameter
0.3
°C/W
ψJB
Junction-to-board characterization parameter
5.7
°C/W
θJCbot
Junction-to-case (bottom) thermal resistance
1.1
°C/W
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953b.
2
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TPS24750 TPS24751


Número de pieza similar - TPS24750RUVR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS24750RUVR TI1-TPS24750RUVR Datasheet
2Mb / 46P
[Old version datasheet]   12A eFuse Circuit Protector
More results

Descripción similar - TPS24750RUVR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS24750 TI1-TPS24750_15 Datasheet
2Mb / 46P
[Old version datasheet]   12A eFuse Circuit Protector
logo
Micrel Semiconductor
MIC2003 MICREL-MIC2003 Datasheet
683Kb / 16P
   Current Limiting Circuit Protector
logo
Texas Instruments
TPS25984 TI1-TPS25984_V01 Datasheet
7Mb / 70P
[Old version datasheet]   TPS25984x 4.5 V – 16 V, 0.8-mΩ, 70-A Stackable eFuse With Accurate and Fast Current Monitor
REVISED OCTOBER 2023
TPS25985 TI1-TPS25985_V02 Datasheet
6Mb / 70P
[Old version datasheet]   TPS25985x 4.5 V – 16 V, 0.59-mΩ, 80-A Stackable eFuse with Accurate and Fast Current Monitor
REVISED SEPTEMBER 2022
TPS25984 TI-TPS25984 Datasheet
7Mb / 69P
[Old version datasheet]   TPS25984x 4.5 V – 16 V, 0.8-mΩ, 70-A Stackable eFuse With Accurate and Fast Current Monitor
REVISED OCTOBER 2023
TPS25985 TI-TPS25985_V01 Datasheet
6Mb / 69P
[Old version datasheet]   TPS25985x 4.5 V – 16 V, 0.59-mΩ, 80-A Stackable eFuse with Accurate and Fast Current Monitor
REVISED SEPTEMBER 2022
logo
Diodes Incorporated
ZXCT1086EV1 DIODES-ZXCT1086EV1 Datasheet
722Kb / 8P
   Current Monitor with wide supply
logo
Maxim Integrated Produc...
MAX4978 MAXIM-MAX4978 Datasheet
165Kb / 10P
   Overvoltage Protector with Active Current Limit
Rev 0; 5/08
logo
Texas Instruments
TPS25985 TI-TPS25985 Datasheet
5Mb / 61P
[Old version datasheet]   TPS25985x 4.5 V??6 V, 0.59-m廓, 70-A Stackable eFuse with Accurate and Fast Current Monitor
MAY 2022
logo
Panasonic Semiconductor
UN11015 PANASONIC-UN11015 Datasheet
41Kb / 2P
   Circuit Protector Elements
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com