Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LFB182G45SG9A246 Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd.

No. de pieza LFB182G45SG9A246
Descripción Electrónicos  Filters for Communication Equipment
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MURATA [Murata Manufacturing Co., Ltd.]
Página de inicio  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LFB182G45SG9A246 Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd.

  LFB182G45SG9A246 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LFB182G45SG9A246 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. LFB182G45SG9A246 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. LFB182G45SG9A246 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. LFB182G45SG9A246 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. LFB182G45SG9A246 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. LFB182G45SG9A246 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. LFB182G45SG9A246 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. LFB182G45SG9A246 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Filters for Communication Equipment
7
o LFB2H(1008)_SG/LFB31(1206)_SG Series
LFB2H_SG6 Series
* All the technical data and information contained herein are
subject to change without prior notice.
1.5
±0.1
(1)
(3)
(4)
(2)
(in mm)
A
GND
OUT
IN
(1)(3) :
(2) :
(4) :
A : Directional Input Mark
0.30
+0.15
-0.20
2.5
±0.2
Frequency Characteristics
0
10
20
30
40
50
60
70
80
90
0
10
20
30
40
50
60
70
80
90
1.0
3.5
6.0
Frequency Range (GHz)
LFB2H_SG7 Series
2.5
±0.2
0.9
±0.1
(1)
(4)
(2)
(3)
0.30
A : Directional Input Mark
All the technical data and information contained
herein are subject to change without prior notice.
(1)(3) : GND
(2) : OUT
(4) : IN
(in mm)
+0.15
-0.20
A
The Characteristics of Spurious
0
10
20
30
40
50
60
70
80
90
0
5
10
15
20
25
30
35
40
45
1.0
3.5
6.0
Frequency Range (GHz)
LFB31_SG1 Series
(1)
(3)
(4)
(2)
(in mm)
A
* All the technical data and information contained herein are subject
to change without prior notice.
A : Directional Input Mark
3.2
±0.15
1.2
±0.1
1.9
±0.15
0.65
±0.2
0.3
±0.2
(1) (3) : GND
(2) : OUT
(4) : IN
Frequency Characteristics
80
70
60
50
40
30
20
10
1200
1700
2400
80
60
50
40
30
20
10
0
Frequency Range (MHz)
0
70
LFB31_SG2 Series
(1)
(3)
(2)
(4)
3.20
±0.15
1.3
±0.1
Directional
Input Mark
0.3
±0.2
0.65
±0.20
1.90
±0.15
(1) GND
(2) OUT
(3) GND
(4) IN
(in mm)
All the technical data and Information contained herein are
subject to change without prior notice.
Frequency Characteristics
Frequency Range (GHZ)
0
10
20
30
40
50
60
70
1.2
1.8
2.4
70
80
80
60
50
40
30
20
10
0
Continued on the following page.
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
10.12.17


Número de pieza similar - LFB182G45SG9A246

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Murata Manufacturing Co...
LFB182G45SG9A246 MURATA-LFB182G45SG9A246 Datasheet
129Kb / 9P
   Filters for Communication Equipment Chip Multilayer LC Filters (BPF)
LFB182G45SG9A246 MURATA-LFB182G45SG9A246 Datasheet
481Kb / 17P
   Filters for Communication Equipment
LFB182G45SG9A246 MURATA-LFB182G45SG9A246 Datasheet
474Kb / 17P
   Filters for Communication Equipment
logo
Murata Manufacturing Co...
LFB182G45SG9A246 MURATA1-LFB182G45SG9A246 Datasheet
485Kb / 17P
   Filters for Communication Equipment
06.12.25
LFB182G45SG9A246 MURATA1-LFB182G45SG9A246 Datasheet
153Kb / 9P
   Filters for Communication Equipment
10.12.17
More results

Descripción similar - LFB182G45SG9A246

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Murata Manufacturing Co...
LFB32426MSC1-603 MURATA1-LFB32426MSC1-603_V01 Datasheet
79Kb / 5P
   Filters for Communication Equipment
03.12.9
LFB32741MSA1-744 MURATA1-LFB32741MSA1-744 Datasheet
153Kb / 9P
   Filters for Communication Equipment
10.12.17
logo
Murata Manufacturing Co...
LFL215G78TC1A155 MURATA-LFL215G78TC1A155 Datasheet
474Kb / 17P
   Filters for Communication Equipment
516786 MURATA-516786 Datasheet
481Kb / 17P
   Filters for Communication Equipment
LFB212G45BA1A220 MURATA-LFB212G45BA1A220 Datasheet
129Kb / 9P
   Filters for Communication Equipment
logo
Murata Manufacturing Co...
SAWES881MCU2F00 MURATA1-SAWES881MCU2F00 Datasheet
485Kb / 17P
   Filters for Communication Equipment
06.12.25
LFE21560MHA1A004 MURATA1-LFE21560MHA1A004 Datasheet
474Kb / 17P
   Filters for Communication Equipment
06.12.25
SAFCC243MRB9X00 MURATA1-SAFCC243MRB9X00 Datasheet
85Kb / 4P
   Filters for Communication Equipment
03.12.9
logo
Murata Manufacturing Co...
LFB212G45BA1A234 MURATA-LFB212G45BA1A234 Datasheet
474Kb / 17P
   Filters for Communication Equipment
LFB155G37CB1C032 MURATA-LFB155G37CB1C032 Datasheet
129Kb / 9P
   Filters for Communication Equipment Chip Multilayer LC Filters (BPF)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com