Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CD4066BM96 Datasheet(PDF) 7 Page - Texas Instruments |
|
|
CD4066BM96 Datasheet(HTML) 7 Page - Texas Instruments |
7 / 25 page CD4066B CMOS QUAD BILATERAL SWITCH SCHS051D − NOVEMBER 1998 − REVISED SEPTEMBER 2003 7 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TYPICAL CHARACTERISTICS CD4066B 1 of 4 Switches Iis Vis Vos 92CS-30966 |Vis − Vos| |Iis| ron = Figure 6. Determination of ron as a Test Condition for Control-Input High-Voltage (VIHC) Specification X-Y Plotter 1-k Ω Range TG On Keithley 160 Digital Multimeter H. P. Moseley 7030A X VSS VDD 10 k Ω 92CS-22716 Y Figure 7. Channel On-State Resistance Measurement Circuit Figure 8 TYPICAL ON CHARACTERISTICS FOR 1 OF 4 CHANNELS 3 2 1 0 −1 −2 −3 −3 −2 −1 0 1 2 3 4 VI − Input Voltage − V 92CS-30919 VDD VC = VDD Vis Vos RL VSS All unused terminals are connected to VSS CD4066B 1 of 4 Switches Figure 9 10 102 103 10 101 102 103 104 f − Switching Frequency − kHz POWER DISSIPATION PER PACKAGE vs SWITCHING FREQUENCY TA = 25°C 6 4 2 6 4 2 6 4 2 6 4 2 24 6 24 6 92C-30920 5 V 10 V VSS VDD 5 6 13 12 7 CD4066B 14 Supply Voltage (VDD) = 15 V |
Número de pieza similar - CD4066BM96 |
|
Descripción similar - CD4066BM96 |