Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N4148 Datasheet(PDF) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

No. de pieza 1N4148
Descripción Electrónicos  High-speed switching diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Página de inicio  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

1N4148 Datasheet(HTML) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  1N4148 Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD 1N4148 Datasheet HTML 2Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD 1N4148 Datasheet HTML 3Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
WEJ
ELECTRONIC
CO.,LTD
High-speed switching diode
Features
1.
High reliability
2.
High speed (trr≤4 ns)
Applications
Extreme fast switches
Construction
Silicon epitaxial planar
Absolute Maximum Ratings
Tj=25℃
Parameter
Test Conditions
Type
Symbol
Value
Unit
Repetitive peak reverse voltage
VRRM
100
V
Reverse voltage
VR
75
V
Peak forward surge current
tp=1μs
IFSM
2
A
Repetitive peak forward current
IFRM
500
mA
Forward current
IF
300
mA
Average forward current
VR=0
IFAV
150
mA
Power dissipation
I=4mm TL≤25℃
PV
500
mW
Junction temperature
Tj
175
Storage temperature range
Tstg
-65~+175
Maximum Thermal Resistance
Tj=25℃
Parameter
Test Conditions
Symbol
Value
Unit
Junction ambient
I=4mm TL=constant
RthJA
350
K/W
1N4148
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
RoHS


Número de pieza similar - 1N4148

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Won-Top Electronics
1N4148 WTE-1N4148 Datasheet
42Kb / 4P
   FAST SWITCHING DIODE
logo
NXP Semiconductors
1N4148 PHILIPS-1N4148 Datasheet
128Kb / 9P
   High-speed diodes
2004 Aug 10
1N4148 PHILIPS-1N4148 Datasheet
57Kb / 8P
   High-speed diodes
1999 May 25
logo
Micro Commercial Compon...
1N4148 MCC-1N4148 Datasheet
239Kb / 4P
   Metalurgically Bonded Construction Low Current Leakage High Reliability
logo
SEMTECH ELECTRONICS LTD...
1N4148 SEMTECH_ELEC-1N4148 Datasheet
256Kb / 4P
   SILICON EPITAXIAL PLANAR DIODE
More results

Descripción similar - 1N4148

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AiT Semiconductor Inc.
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
   SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
logo
Rohm
DAN202FM ROHM-DAN202FM Datasheet
1Mb / 7P
   Switching Diode (High speed switching)
DAP202FMFH ROHM-DAP202FMFH Datasheet
1Mb / 7P
   Switching Diode (High speed switching)
BAV70HY ROHM-BAV70HY Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
BAV99FM ROHM-BAV99FM Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
BAW56HYFH ROHM-BAW56HYFH Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
DAN202FMFH ROHM-DAN202FMFH Datasheet
1Mb / 7P
   Switching Diode (High speed switching)
DAP222ZM ROHM-DAP222ZM Datasheet
1Mb / 7P
   Switching Diode (High speed switching)
1SS400CM ROHM-1SS400CM Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
BAW56HY ROHM-BAW56HY Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
DAN222ZM ROHM-DAN222ZM Datasheet
1Mb / 7P
   Switching Diode (High speed switching)
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com