Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRF8852PBF Datasheet(PDF) 5 Page - International Rectifier

No. de pieza IRF8852PBF
Descripción Electrónicos   Ultra Low On-Resistance
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRF8852PBF Datasheet(HTML) 5 Page - International Rectifier

  IRF8852PBF Datasheet HTML 1Page - International Rectifier IRF8852PBF Datasheet HTML 2Page - International Rectifier IRF8852PBF Datasheet HTML 3Page - International Rectifier IRF8852PBF Datasheet HTML 4Page - International Rectifier IRF8852PBF Datasheet HTML 5Page - International Rectifier IRF8852PBF Datasheet HTML 6Page - International Rectifier IRF8852PBF Datasheet HTML 7Page - International Rectifier IRF8852PBF Datasheet HTML 8Page - International Rectifier IRF8852PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
IRF8852PbF
www.irf.com
5
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient
Fig 9. Maximum Drain Current vs.
Ambient Temperature
Fig 10. Typical On-Resistance Vs.
Gate Voltage
25
50
75
100
125
150
TA , Ambient Temperature (°C)
0
1
2
3
4
5
6
7
8
9
2
4
6
8
10
VGS, Gate -to -Source Voltage (V)
5
10
15
20
25
ID = 7.8A
TJ = 25°C
TJ = 125°C
1E-006
1E-005
0.0001
0.001
0.01
0.1
1
10
100
1000
t1 , Rectangular Pulse Duration (sec)
0.01
0.1
1
10
100
1000
0.20
0.10
D = 0.50
0.02
0.01
0.05
SINGLE PULSE
( THERMAL RESPONSE )
Notes:
1. Duty Factor D = t1/t2
2. Peak Tj = P dm x Zthja + TA
Ri (°C/W)
τi (sec)
2.65337
0.00011
18.2380
0.027128
74.5829
0.64107
29.5446
11.11


Número de pieza similar - IRF8852PBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF8010 IRF-IRF8010 Datasheet
494Kb / 8P
   HEXFET Power MOSFET
logo
Inchange Semiconductor ...
IRF8010 ISC-IRF8010 Datasheet
338Kb / 2P
   N-Channel MOSFET Transistor
logo
International Rectifier
IRF8010L IRF-IRF8010L Datasheet
223Kb / 10P
   SMPS MOSFET
logo
Inchange Semiconductor ...
IRF8010L ISC-IRF8010L Datasheet
300Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
International Rectifier
IRF8010LPBF IRF-IRF8010LPBF Datasheet
220Kb / 10P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com