Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM25085MYE Datasheet(PDF) 3 Page - Texas Instruments

No. de pieza LM25085MYE
Descripción Electrónicos  LM25085, LM25085-Q1 42V Constant On-Time PFET Buck Switching Controller
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM25085MYE Datasheet(HTML) 3 Page - Texas Instruments

  LM25085MYE Datasheet HTML 1Page - Texas Instruments LM25085MYE Datasheet HTML 2Page - Texas Instruments LM25085MYE Datasheet HTML 3Page - Texas Instruments LM25085MYE Datasheet HTML 4Page - Texas Instruments LM25085MYE Datasheet HTML 5Page - Texas Instruments LM25085MYE Datasheet HTML 6Page - Texas Instruments LM25085MYE Datasheet HTML 7Page - Texas Instruments LM25085MYE Datasheet HTML 8Page - Texas Instruments LM25085MYE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
LM25085, LM25085-Q1
www.ti.com
SNVS593H – OCTOBER 2008 – REVISED MARCH 2013
Absolute Maximum Ratings
(1) (2)
VIN to GND
-0.3V to 45V
ISEN to GND
-0.3V to VIN + 0.3V
ADJ to GND
-0.3V to VIN + 0.3V
RT, FB to GND
-0.3V to 7V
VIN to VCC, VIN to PGATE
-0.3V to 10V
ESD Rating (3)
Human Body Model
2kV
Storage Temperature Range
-65°C to +150°C
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is intended to be functional. For specifications and test conditions, see the Electrical Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
The human body model is a 100pF capacitor discharged through a 1.5k
Ω resistor into each pin.
Operating Ratings
(1)
VIN Voltage
4.5V to 42V
Junction Temperature
−40°C to + 125°C
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is intended to be functional. For specifications and test conditions, see the Electrical Characteristics.
Electrical Characteristics
Limits in standard type are for TJ = 25°C only; limits in boldface type apply over the junction temperature (TJ) range of -40°C
to +125°C. Minimum and Maximum limits are specified through test, design, or statistical correlation. Typical values represent
the most likely parametric norm at TJ = 25°C, and are provided for reference purposes only. Unless otherwise stated the
following conditions apply: VIN = 24V, RT = 100kΩ.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIN Pin
IIN
Operating Current
Non-Switching, FB = 1.4V (1)
1.25
1.75
mA
IQ
Shutdown Current
RT = 0V (1)
175
300
µA
VCC Regulator(2)
VCC(reg)
VIN - VCC
Vin = 9V, FB = 1.4V, ICC = 0mA
6.9
7.7
8.5
V
Vin = 9V, FB = 1.4V, ICC = 20mA
7.7
V
Vin = 42V, FB = 1.4V, ICC = 0mA
7.7
V
UVLOVcc
VCC Under-Voltage Lock-Out
VCC Increasing
3.8
V
Threshold
UVLOVcc Hysteresis
VCC Decreasing
260
mV
VCC(CL)
VCC Current Limit
FB = 1.4V
20
40
mA
PGATE Pin
VPGATE(HI)
PGATE High Voltage
PGATE Pin = Open
VIN -0.1
VIN
V
VPGATE(LO)
PGATE Low Voltage
PGATE Pin = Open
VCC
VCC+0.1
V
VPGATE(HI)4.5
PGATE High Voltage at Vin = 4.5V
PGATE Pin = Open
VIN -0.1
VIN
V
VPGATE(LO)4.5
PGATE Low Voltage at Vin = 4.5V
PGATE Pin = Open
VCC
VCC+0.1
V
IPGATE
Driver Output Source Current
VIN = 12V, PGATE = VIN - 3.5V
1.75
A
Driver Output Sink Current
VIN = 12V, PGATE = VIN - 3.5V
1.5
A
RPGATE
Driver Output Resistance
Source current = 500mA
2.3
Sink current = 500mA
2.3
Current Limit Detection
IADJ
ADJUST Pin Current Source
VADJ = 22.5V
32
40
48
µA
VCL OFFSET
Current Limit Comparator Offset
VADJ = 22.5V, VADJ - VISEN
-9
0
9
mV
(1)
Operating current and shutdown current do not include the current in the RT resistor.
(2)
VCC provides self bias for the internal gate drive.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM25085 LM25085-Q1


Número de pieza similar - LM25085MYE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM25085MYE NSC-LM25085MYE Datasheet
500Kb / 24P
   42V Constant On-Time PFET Buck Switching Controller
logo
Texas Instruments
LM25085MYE/NOPB TI-LM25085MYE/NOPB Datasheet
1Mb / 34P
[Old version datasheet]   LM25085 / -Q1 42V Constant On-Time PFET Buck Switching Controller
More results

Descripción similar - LM25085MYE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM25085 TI-LM25085_15 Datasheet
1Mb / 34P
[Old version datasheet]   LM25085 / -Q1 42V Constant On-Time PFET Buck Switching Controller
logo
National Semiconductor ...
LM25085 NSC-LM25085 Datasheet
500Kb / 24P
   42V Constant On-Time PFET Buck Switching Controller
logo
Texas Instruments
LM25085A TI1-LM25085A_15 Datasheet
1Mb / 31P
[Old version datasheet]   42V Constant On-Time PFET Buck Switching Controller
LM25085A TI1-LM25085A_14 Datasheet
1Mb / 31P
[Old version datasheet]   42V Constant On-Time PFET Buck Switching Controller with 0.9V Reference
logo
National Semiconductor ...
LM25085A NSC-LM25085A Datasheet
517Kb / 24P
   42V Constant On-Time PFET Buck Switching Controller with 0.9V Reference
LM5085 NSC-LM5085 Datasheet
463Kb / 22P
   75V Constant On-Time PFET Buck Switching Controller
logo
Texas Instruments
LM5085 TI1-LM5085 Datasheet
441Kb / 23P
[Old version datasheet]   75V Constant On-Time PFET Buck Switching Controller
LM5085 TI-LM5085_15 Datasheet
1Mb / 33P
[Old version datasheet]   75V Constant On-Time PFET Buck Switching Controller
LM34919C-Q1 TI1-LM34919C-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   LM34919C-Q1 Ultra Small 50V, 600 mA Constant On-Time Buck Switching Regulator
LM5008A TI1-LM5008A_14 Datasheet
1Mb / 22P
[Old version datasheet]   350 mA Constant On-Time Buck Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com