Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS12001 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

No. de pieza TS12001
Descripción Electrónicos  nanoSmart짰 Battery Management Under-Voltage Load Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

TS12001 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  TS12001 Datasheet HTML 1Page - List of Unclassifed Manufacturers TS12001 Datasheet HTML 2Page - List of Unclassifed Manufacturers TS12001 Datasheet HTML 3Page - List of Unclassifed Manufacturers TS12001 Datasheet HTML 4Page - List of Unclassifed Manufacturers TS12001 Datasheet HTML 5Page - List of Unclassifed Manufacturers TS12001 Datasheet HTML 6Page - List of Unclassifed Manufacturers TS12001 Datasheet HTML 7Page - List of Unclassifed Manufacturers TS12001 Datasheet HTML 8Page - List of Unclassifed Manufacturers TS12001 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
- 3 -
Specifications subject to change
WWW.TRIUNESYSTEMS.COM
Copyright © 2012, Triune Systems, LLC
TS12001
Version 1.3
PIN-OUT CONFIGURATION
PIN #
NAME
I/O/P
DESCRIPTION
1
GND
P
GND
2
VOUT
O
Output to System Load
3
NC
No Connect (connect to GND or float)
4
NC
No Connect (connect to GND or float)
5
NC
No Connect (connect to GND or float)
6
VCC
I/P
Supply Input
7
VCC
I/P
Supply Input
8
nPG
O
Open-Drain N-Channel Output (low indicates Power
Good)
ABSOLUTE MAXIMUM RATINGS
Over operating free
–air temperature range unless otherwise noted
(1,2,3)
PIN / PARAMETER
VALUE
UNIT
VCC, VOUT, nPG
-0.3 to 6.0
V
Electrostatic Discharge
– Human Body Model
2
kV
Operating Junction Temperature Range, TJ
-20 to 85
C
Storage Temperature Range, TSTG
-65 to 150
C
Lead Temperature (soldering, 10 seconds)
260
C
Note 1: Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute–maximum–rated conditions for extended periods may affect device reliability.
Note 2: All voltage values are with respect to network ground terminal.
Note 3: ESD testing is performed according to the respective JESD22 JEDEC standard.
THERMAL CHARACTERISTICS
Package
DFN
JA (C/W)
(See Note 4)
JC (C/W)
(See Note 5)
8 pin
73.1
10.7
Note 4: This assumes a FR4 board only.
Note 5: This assumes a 1 Oz. Copper JEDEC standard board with thermal vias – See Exposed Pad section and application note for more information.


Número de pieza similar - TS12001

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Touchstone Semiconducto...
TS12001 TOUCHSTONE-TS12001 Datasheet
872Kb / 8P
   A 0.65V/1關A Nanopower Voltage Detector with Dual Outputs
logo
Silicon Laboratories
TS12001 SILABS-TS12001 Datasheet
1Mb / 11P
   Nanopower Voltage Detector with Dual Outputs
logo
Semtech Corporation
TS12001 SEMTECH-TS12001 Datasheet
1Mb / 11P
   Battery Management Under-Voltage Load Switch
TS12001-C017 SEMTECH-TS12001-C017 Datasheet
1Mb / 11P
   Battery Management Under-Voltage Load Switch
TS12001-C021 SEMTECH-TS12001-C021 Datasheet
1Mb / 11P
   Battery Management Under-Voltage Load Switch
More results

Descripción similar - TS12001

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Semtech Corporation
TS12001 SEMTECH-TS12001 Datasheet
1Mb / 11P
   Battery Management Under-Voltage Load Switch
logo
Analog Devices
ZSPM4121 AD-ZSPM4121 Datasheet
950Kb / 17P
   Under-Voltage Load Switch for Smart Battery Management
logo
Renesas Technology Corp
ZSPM4121 RENESAS-ZSPM4121 Datasheet
577Kb / 17P
   Under-Voltage Load Switch for Smart Battery Management
January 29, 2016
logo
ON Semiconductor
FPF1107 ONSEMI-FPF1107 Datasheet
745Kb / 16P
   Advance Load Management Switch
November 2009 Rev. 1.0.1
FPF1504 ONSEMI-FPF1504_V01 Datasheet
950Kb / 11P
   Advanced Load Management Switch
July, 2023 - Rev. 4
FPF1504 ONSEMI-FPF1504 Datasheet
649Kb / 12P
   Advanced Load Management Switch
September 2016 Rev. 1.11
logo
Fairchild Semiconductor
FPF1107 FAIRCHILD-FPF1107 Datasheet
931Kb / 14P
   Advance Load Management Switch
FPF1103 FAIRCHILD-FPF1103 Datasheet
790Kb / 14P
   Advance Load Management Switch
FPF1504 FAIRCHILD-FPF1504 Datasheet
517Kb / 4P
   Advanced Load Management Switch
logo
Shenzhen Guan Hua Wei Y...
WSD3095DN56 WIINSOK-WSD3095DN56 Datasheet
2Mb / 5P
   Battery protection Load switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com