Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

93AA56A Datasheet(PDF) 5 Page - Microchip Technology

No. de pieza 93AA56A
Descripción Electrónicos  2K Microwire Compatible Serial EEPROM
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93AA56A Datasheet(HTML) 5 Page - Microchip Technology

  93AA56A Datasheet HTML 1Page - Microchip Technology 93AA56A Datasheet HTML 2Page - Microchip Technology 93AA56A Datasheet HTML 3Page - Microchip Technology 93AA56A Datasheet HTML 4Page - Microchip Technology 93AA56A Datasheet HTML 5Page - Microchip Technology 93AA56A Datasheet HTML 6Page - Microchip Technology 93AA56A Datasheet HTML 7Page - Microchip Technology 93AA56A Datasheet HTML 8Page - Microchip Technology 93AA56A Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
© 2008 Microchip Technology Inc.
DS21794F-page 5
93AA56A/B/C, 93LC56A/B/C, 93C56A/B/C
FIGURE 1-1:
SYNCHRONOUS DATA TIMING
TABLE 1-3:
INSTRUCTION SET FOR X16 ORGANIZATION (93XX56B OR 93XX56C WITH ORG = 1)
TABLE 1-4:
INSTRUCTION SET FOR X8 ORGANIZATION (93XX56A OR 93XX56C WITH ORG = 0)
Instruction
SB
Opcode
Address
Data In
Data Out
Req. CLK Cycles
ERASE
1
11
X
A6A5A4A3A2A1 A0
(RDY/BSY)11
ERAL
1
00
10XXXXXX
—(RDY/BSY)11
EWDS
1
00
00XXXXXX
High-Z
11
EWEN
1
00
11XXXXXX
High-Z
11
READ
1
10
X
A6 A5 A4 A3 A2 A1 A0
D15 – D0
27
WRITE
1
01
X
A6A5A4A3A2A1 A0
D15 – D0
(RDY/BSY)27
WRAL
1
00
01XXXXXX
D15 – D0
(RDY/BSY)27
Instruction
SB
Opcode
Address
Data In
Data Out
Req. CLK
Cycles
ERASE
1
11
X
A7A6 A5 A4A3A2 A1 A0
(RDY/BSY)12
ERAL
1
00
1
0
X
X
X
X
XXX
(RDY/BSY)12
EWDS
1
00
0
0
X
X
X
X
XXX
High-Z
12
EWEN
1
00
1
1
X
X
X
X
XXX
High-Z
12
READ
1
10
X
A7A6 A5 A4A3A2 A1 A0
D7 – D0
20
WRITE
1
01
X
A7A6 A5 A4A3A2 A1 A0
D7 – D0
(RDY/BSY)20
WRAL
1
00
0
1
X
X
X
X
XXX
D7 – D0
(RDY/BSY)20
CS
VIH
VIL
VIH
VIL
VIH
VIL
VOH
VOL
VOH
VOL
CLK
DI
DO
(Read)
DO
(Program)
TCSS
TDIS
TCKH
TCKL
TDIH
TPD
TCSH
TPD
TCZ
Status Valid
TSV
TCZ
Note:
TSV is relative to CS.


Número de pieza similar - 93AA56A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
93AA56A MICROCHIP-93AA56A Datasheet
388Kb / 24P
   2K Microwire Compatible Serial EEPROM
2003
93AA56A-E/CH MICROCHIP-93AA56A-E/CH Datasheet
738Kb / 38P
   1K-16K Microwire Compatible Serial EEPROMs
2007
93AA56A-E/MC MICROCHIP-93AA56A-E/MC Datasheet
487Kb / 28P
   2K Microwire Compatible Serial EEPROM
2007
93AA56A-E/MC MICROCHIP-93AA56A-E/MC Datasheet
738Kb / 38P
   1K-16K Microwire Compatible Serial EEPROMs
2007
93AA56A-E/MS MICROCHIP-93AA56A-E/MS Datasheet
487Kb / 28P
   2K Microwire Compatible Serial EEPROM
2007
More results

Descripción similar - 93AA56A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
93AA56A MICROCHIP-93AA56A Datasheet
388Kb / 24P
   2K Microwire Compatible Serial EEPROM
2003
93AA56A MICROCHIP-93AA56A_07 Datasheet
487Kb / 28P
   2K Microwire Compatible Serial EEPROM
2007
logo
Catalyst Semiconductor
93C57 CATALYST-93C57 Datasheet
406Kb / 9P
   2K-Bit Microwire Serial EEPROM
CAT93C56 CATALYST-CAT93C56_06 Datasheet
411Kb / 9P
   2K-Bit Microwire Serial EEPROM
logo
Microchip Technology
93AA46A MICROCHIP-93AA46A_13 Datasheet
1Mb / 38P
   1K Microwire Compatible Serial EEPROM
11/29/12
93AA76A MICROCHIP-93AA76A_12 Datasheet
744Kb / 36P
   8K Microwire Compatible Serial EEPROM
11/29/11
93LC86C-ISN MICROCHIP-93LC86C-ISN Datasheet
431Kb / 26P
   16K Microwire Compatible Serial EEPROM
01/26/04
93AA86A MICROCHIP-93AA86A_12 Datasheet
776Kb / 38P
   16K Microwire Compatible Serial EEPROM
11/29/11
93AA46A MICROCHIP-93AA46A_05 Datasheet
438Kb / 28P
   1K Microwire Compatible Serial EEPROM
2005
93LC46A MICROCHIP-93LC46A Datasheet
420Kb / 28P
   1K Microwire Compatible Serial EEPROM
2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com