Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BA4116FV-E2 Datasheet(PDF) 1 Page - Rohm

No. de pieza BA4116FV-E2
Descripción Electrónicos  FM IF detector for cordless phones
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BA4116FV-E2 Datasheet(HTML) 1 Page - Rohm

  BA4116FV-E2 Datasheet HTML 1Page - Rohm BA4116FV-E2 Datasheet HTML 2Page - Rohm BA4116FV-E2 Datasheet HTML 3Page - Rohm BA4116FV-E2 Datasheet HTML 4Page - Rohm BA4116FV-E2 Datasheet HTML 5Page - Rohm BA4116FV-E2 Datasheet HTML 6Page - Rohm BA4116FV-E2 Datasheet HTML 7Page - Rohm BA4116FV-E2 Datasheet HTML 8Page - Rohm BA4116FV-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
52
Communication ICs
FM IF detector for cordless phones
BA4116FV
The BA4116FV is an IC with mixing circuit, IF circuit, FM detector circuit, RSSI circuit, and noise detector circuit. As it
can operate at low voltages, it is ideal for use in cordless phones.
FApplications
Cordless phones, amateur short wave radios, and other portable wireless equipment
FFeatures
1) Input frequencies of 10MHz to 150MHz can be ac-
commodated.
2) Low-voltage operation. (1.8 to 5.5V)
3) Excellent temperature characteristic.
4) High sensitivity; 12dB SINAD sensitivity = 8dB
µVEMF
(50
Ω)
5) High intercept point. (–11dBm)
6) Small package used. (0.65mm pitch)
FAbsolute maximum ratings (Ta = 25_C)
FRecommended operating conditions (Ta = 25_C)


Número de pieza similar - BA4116FV-E2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BA4116FV ROHM-BA4116FV Datasheet
193Kb / 11P
   FM IF detector for cordless phones
More results

Descripción similar - BA4116FV-E2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BA4116FV ROHM-BA4116FV Datasheet
193Kb / 11P
   FM IF detector for cordless phones
logo
Agamem Microelectronic ...
AA32416 AGAMEM-AA32416 Datasheet
418Kb / 9P
   FM IF DETECTOR FOR CORDLESS PHONES
logo
Toshiba Semiconductor
TA31137FNG TOSHIBA-TA31137FNG Datasheet
578Kb / 16P
   IF DETECTOR IC FOR CORDLESS AND CELLULAR PHONES
TA31136F TOSHIBA-TA31136F Datasheet
712Kb / 16P
   FM IF DETECTOR IC FOR CORDLESS TELEPHONE
logo
Rohm
BH4127FV ROHM-BH4127FV Datasheet
125Kb / 9P
   IF detector IC for 900MHz spread spectrum cordless phones
logo
Toshiba Semiconductor
TA31136FG TOSHIBA-TA31136FG Datasheet
668Kb / 17P
   FM DETECTOR IC FOR CORDLESS TELEPHONE
logo
EPCOS
B8103 EPCOS-B8103 Datasheet
72Kb / 7P
   IF Filters for Cordless Phones and ISM-Band Application
logo
Holtek Semiconductor In...
HT9011 HOLTEK-HT9011 Datasheet
98Kb / 7P
   FM IF Detector
logo
Toshiba Semiconductor
TA31188FNG TOSHIBA-TA31188FNG Datasheet
496Kb / 15P
   FILTERLESS IF DETECTOR IC FOR CORDLESS TELEPHONE
TA31180FNG TOSHIBA-TA31180FNG Datasheet
506Kb / 15P
   FILTERLESS IF DETECTOR IC FOR CORDLESS TELEPHONE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com