Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BU4335G-TR Datasheet(PDF) 3 Page - Rohm

No. de pieza BU4335G-TR
Descripción Electrónicos  Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BU4335G-TR Datasheet(HTML) 3 Page - Rohm

  BU4335G-TR Datasheet HTML 1Page - Rohm BU4335G-TR Datasheet HTML 2Page - Rohm BU4335G-TR Datasheet HTML 3Page - Rohm BU4335G-TR Datasheet HTML 4Page - Rohm BU4335G-TR Datasheet HTML 5Page - Rohm BU4335G-TR Datasheet HTML 6Page - Rohm BU4335G-TR Datasheet HTML 7Page - Rohm BU4335G-TR Datasheet HTML 8Page - Rohm BU4335G-TR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Datasheet
Datasheet
3/13
BU42xx series
BU43xx series
TSZ02201-0R7R0G300050-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
2.Aug.2013 Rev.007
www.rohm.com
TSZ22111・15・001
●Lineup
Output Type
Open Drain
CMOS
Detection Voltage Marking
Part Number
Marking
Part Number
4.8V
ZR
BU4248
1H
BU4348
4.7V
ZQ
BU4247
1G
BU4347
4.6V
ZP
BU4246
1F
BU4346
4.5V
ZN
BU4245
1E
BU4345
4.4V
ZM
BU4244
1D
BU4344
4.3V
ZL
BU4243
1C
BU4343
4.2V
ZK
BU4242
1B
BU4342
4.1V
ZJ
BU4241
1A
BU4341
4.0V
ZH
BU4240
0Z
BU4340
3.9V
ZG
BU4239
0Y
BU4339
3.8V
ZF
BU4238
0X
BU4338
3.7V
ZE
BU4237
0W
BU4337
3.6V
ZD
BU4236
0V
BU4336
3.5V
ZC
BU4235
0U
BU4335
3.4V
ZB
BU4234
0T
BU4334
3.3V
ZA
BU4233
0S
BU4333
3.2V
YZ
BU4232
0R
BU4332
3.1V
YY
BU4231
0Q
BU4331
3.0V
YX
BU4230
0P
BU4330
2.9V
YW
BU4229
0N
BU4329
2.8V
YV
BU4228
0M
BU4328
2.7V
YU
BU4227
0L
BU4327
2.6V
YT
BU4226
0K
BU4326
2.5V
YS
BU4225
0J
BU4325
2.4V
YR
BU4224
0H
BU4324
2.3V
YQ
BU4223
0G
BU4323
2.2V
YP
BU4222
0F
BU4322
2.1V
YN
BU4221
0E
BU4321
2.0V
YM
BU4220
0D
BU4320
1.9V
YL
BU4219
0C
BU4319
1.8V
YK
BU4218
0B
BU4318
1.7V
YJ
BU4217
0A
BU4317
1.6V
YH
BU4216
ZZ
BU4316
1.5V
YG
BU4215
ZY
BU4315
1.4V
YF
BU4214
ZX
BU4314
1.3V
YE
BU4213
ZW
BU4313
1.2V
YD
BU4212
ZV
BU4312
1.1V
YC
BU4211
ZU
BU4311
1.0V
YB
BU4210
ZT
BU4310
0.9V
YA
BU4209
ZS
BU4309


Número de pieza similar - BU4335G-TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU4335G-TR ROHM-BU4335G-TR Datasheet
391Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BU4335G-TR ROHM-BU4335G-TR Datasheet
454Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
More results

Descripción similar - BU4335G-TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU4220G-TR ROHM-BU4220G-TR Datasheet
454Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BU4240G-TR ROHM-BU4240G-TR Datasheet
386Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BU4227FVE-TR ROHM-BU4227FVE-TR Datasheet
386Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BU4228G-TR ROHM-BU4228G-TR Datasheet
391Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BU42XX ROHM-BU42XX Datasheet
447Kb / 17P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
03.Feb.2014 Rev.008
BD4142HFV ROHM-BD4142HFV Datasheet
698Kb / 18P
   Free Delay Time Setting CMOS Voltage Detector IC
BU4248 ROHM-BU4248_13 Datasheet
386Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BU4231G-TR ROHM-BU4231G-TR Datasheet
386Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BU42XXG ROHM-BU42XXG_09 Datasheet
369Kb / 12P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BD5231FVE-TR ROHM-BD5231FVE-TR Datasheet
474Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com