Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PZU7.5DB2DG Datasheet(PDF) 5 Page - NXP Semiconductors

No. de pieza PZU7.5DB2DG
Descripción Electrónicos  Dual Zener diodes
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

PZU7.5DB2DG Datasheet(HTML) 5 Page - NXP Semiconductors

  PZU7.5DB2DG Datasheet HTML 1Page - NXP Semiconductors PZU7.5DB2DG Datasheet HTML 2Page - NXP Semiconductors PZU7.5DB2DG Datasheet HTML 3Page - NXP Semiconductors PZU7.5DB2DG Datasheet HTML 4Page - NXP Semiconductors PZU7.5DB2DG Datasheet HTML 5Page - NXP Semiconductors PZU7.5DB2DG Datasheet HTML 6Page - NXP Semiconductors PZU7.5DB2DG Datasheet HTML 7Page - NXP Semiconductors PZU7.5DB2DG Datasheet HTML 8Page - NXP Semiconductors PZU7.5DB2DG Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
PZUXDB2_SER_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 31 March 2008
5 of 12
NXP Semiconductors
PZUxDB2 series
Dual Zener diodes
[1]
f = 1 MHz; VR =0V
[2]
tp = 100 µs; square wave; Tj =25 °C prior to surge
8.2
8.02
8.36
60
10
0.5
5
4.6
150
3.5
9.1
8.85
9.23
60
10
0.5
6
5.5
120
3.5
10
9.77
10.21
60
10
0.1
7
6.4
110
3.5
11
10.76
11.22
60
10
0.1
8
7.4
108
3
12
11.74
12.24
80
10
0.1
9
8.4
105
3
13
12.91
13.49
80
10
0.1
10
9.4
103
2.5
14
13.7
14.3
80
10
0.1
11
10.4
101
2
15
14.34
14.98
80
15
0.05
11
11.4
99
2
16
15.85
16.51
80
20
0.05
12
12.4
97
1.5
18
17.56
18.35
80
20
0.05
13
14.4
93
1.5
20
19.52
20.39
100
20
0.05
15
16.4
88
1.5
22
21.54
22.47
100
25
0.05
17
18.4
84
1.3
24
23.72
24.78
120
30
0.05
19
20.4
80
1.3
Table 8.
Characteristics per type; PZU2.7DB2 to PZU24DB2 and PZU2.7DB2/DG to PZU24DB2/DG …continued
Tj =25 °C unless otherwise specified.
PZUxDB2
PZUxDB2/DG
Working
voltage
VZ (V)
Differential resistance
rdif (Ω)
Reverse
current
IR (µA)
Temperature
coefficient
SZ (mV/K)
Diode
capacitance
Cd (pF)[1]
Non-repetitive
peak reverse
current
IZSM (A)[2]
IZ =5mA
IZ = 0.5 mA IZ =5mA
IZ =5mA
Min
Max
Max
Max
Max
VR (V) Typ
Max
Max


Número de pieza similar - PZU7.5DB2DG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
PZU7.5DB2 NXP-PZU7.5DB2 Datasheet
124Kb / 12P
   Dual Zener diodes
Rev. 01-31 March 2008
PZU7.5DB2 NXP-PZU7.5DB2 Datasheet
124Kb / 12P
   Dual Zener diodes
Rev. 01-31 March 2008
logo
Nexperia B.V. All right...
PZU7.5DB2 NEXPERIA-PZU7.5DB2 Datasheet
238Kb / 13P
   Dual Zener diodes
Rev. 01 - 31 March 2008
logo
NXP Semiconductors
PZU7.5DB2/DG NXP-PZU7.5DB2/DG Datasheet
124Kb / 12P
   Dual Zener diodes
Rev. 01-31 March 2008
PZU7.5DB2/DG NXP-PZU7.5DB2/DG Datasheet
124Kb / 12P
   Dual Zener diodes
Rev. 01-31 March 2008
More results

Descripción similar - PZU7.5DB2DG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
PZUXDB2 NXP-PZUXDB2 Datasheet
124Kb / 12P
   Dual Zener diodes
Rev. 01-31 March 2008
BZB84-C20 NXP-BZB84-C20 Datasheet
90Kb / 14P
   Dual Zener diodes
Rev. 03-9 June 2009
PZU10DB2 NXP-PZU10DB2 Datasheet
124Kb / 12P
   Dual Zener diodes
Rev. 01-31 March 2008
logo
Nexperia B.V. All right...
BZB84_SER NEXPERIA-BZB84_SER Datasheet
2Mb / 14P
   Dual Zener diodes
Rev. 03 - 9 June 2009
logo
NXP Semiconductors
BZB84 NXP-BZB84 Datasheet
90Kb / 14P
   Dual Zener diodes
Rev. 03-9 June 2009
logo
General Semiconductor
AZ23-C2V7 GE-AZ23-C2V7 Datasheet
387Kb / 8P
   DUAL ZENER DIODES
logo
Nexperia B.V. All right...
PZUXDB2_SER NEXPERIA-PZUXDB2_SER Datasheet
238Kb / 13P
   Dual Zener diodes
Rev. 01 - 31 March 2008
logo
NXP Semiconductors
PZU7.5DB2 NXP-PZU7.5DB2 Datasheet
124Kb / 12P
   Dual Zener diodes
Rev. 01-31 March 2008
BZB84-B3V0 NXP-BZB84-B3V0 Datasheet
90Kb / 14P
   Dual Zener diodes
Rev. 03-9 June 2009
CD74ACT573M NXP-CD74ACT573M Datasheet
90Kb / 14P
   Dual Zener diodes
Rev. 03-9 June 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com