Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD7712 Datasheet(PDF) 2 Page - Analog Devices

No. de pieza AD7712
Descripción Electrónicos  LC2MOS Signal Conditioning ADC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD7712 Datasheet(HTML) 2 Page - Analog Devices

  AD7712 Datasheet HTML 1Page - Analog Devices AD7712 Datasheet HTML 2Page - Analog Devices AD7712 Datasheet HTML 3Page - Analog Devices AD7712 Datasheet HTML 4Page - Analog Devices AD7712 Datasheet HTML 5Page - Analog Devices AD7712 Datasheet HTML 6Page - Analog Devices AD7712 Datasheet HTML 7Page - Analog Devices AD7712 Datasheet HTML 8Page - Analog Devices AD7712 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
REV. F
–2–
AD7712–SPECIFICATIONS
Parameter
A, S Versions
1
Unit
Conditions/Comments
STATIC PERFORMANCE
No Missing Codes
24
Bits min
Guaranteed by Design. For Filter Notches
≤ 60 Hz
22
Bits min
For Filter Notch = 100 Hz
18
Bits min
For Filter Notch = 250 Hz
15
Bits min
For Filter Notch = 500 Hz
12
Bits min
For Filter Notch = 1 kHz
Output Noise
See Tables I and II
Depends on Filter Cutoffs and Selected Gain
Integral Nonlinearity @ 25
°C
±0.0015
% FSR max
Filter Notches
≤ 60 Hz
TMIN to TMAX
±0.003
% FSR max
Typically
±0.0003%
Positive Full-Scale Error
2, 3, 4
Excluding Reference
Full-Scale Drift
5
1
µV/°C typ
Excluding Reference. For Gains of 1, 2
0.3
µV/°C typ
Excluding Reference. For Gains of 4, 8, 16, 32, 64, 128
Unipolar Offset Error
2, 4
Unipolar Offset Drift
5
0.5
µV/°C typ
For Gains of 1, 2
0.25
µV/°C typ
For Gains of 4, 8, 16, 32, 64, 128
Bipolar Zero Error
2, 4
Bipolar Zero Drift
5
0.5
µV/°C typ
For Gains of 1, 2
0.25
µV/°C typ
For Gains of 4, 8, 16, 32, 64, 128
Gain Drift
2
ppm/
°C typ
Bipolar Negative Full-Scale Error
2 @ 25
°C
±0.003
% FSR max
Excluding Reference
TMIN to TMAX
±0.006
% FSR max
Typically
±0.0006%
Bipolar Negative Full-Scale Drift
5
1
µV/°C typ
Excluding Reference. For Gains of 1, 2
0.3
µV/°C typ
Excluding Reference. For Gains of 4, 8, 16, 32, 64, 128
ANALOG INPUTS/REFERENCE INPUTS
Normal-Mode 50 Hz Rejection
6
100
dB min
For Filter Notches of 10 Hz, 25 Hz, 50 Hz,
±0.02 f
NOTCH
Normal-Mode 60 Hz Rejection
6
100
dB min
For Filter Notches of 10 Hz, 30 Hz, 60 Hz,
±0.02 fNOTCH
AIN1/REF IN
DC Input Leakage Current @ 25
°C6
10
pA max
TMIN to TMAX
1
nA max
Sampling Capacitance
6
20
pF max
Common-Mode Rejection (CMR)
100
dB min
At dc and AVDD = 5 V
90
dB min
At dc and AVDD = 10 V
Common-Mode 50 Hz Rejection
6
150
dB min
For Filter Notches of 10 Hz, 25 Hz, 50 Hz,
±0.02 fNOTCH
Common-Mode 60 Hz Rejection
6
150
dB min
For Filter Notches of 10 Hz, 30 Hz, 60 Hz,
±0.02 f
NOTCH
Common-Mode Voltage Range
7
VSS to AVDD
V min to V max
Analog Inputs
8
Input Sampling Rate, fS
See Table III
AIN1 Input Voltage Range
9
For Normal Operation. Depends on Gain Selected
0 V to VREF
10
V max
Unipolar Input Range (B/U Bit of Control Register = 1)
±V
REF
V max
Bipolar Input Range (B/U Bit of Control Register = 0)
AIN2 Input Voltage Range
9
For Normal Operation. Depends on Gain Selected
0 V to 4
VREF
10
V max
Unipolar Input Range (B/U Bit of Control Register = 1)
±4
VREF
V max
Bipolar Input Range (B/U Bit of Control Register = 0)
AIN2 DC Input Impedance
30
k
AIN2 Gain Error
11
±0.05
% typ
Additional Error Contributed by Resistor Attenuator
AIN2 Gain Drift
1
ppm/
°C typ
Additional Drift Contributed by Resistor Attenuator
AIN2 Offset Error
11
10
mV max
Additional Error Contributed by Resistor Attenuator
AIN2 Offset Drift
20
µV/°C typ
Reference Inputs
REF IN(+) – REF IN(–) Voltage
12
2.5 to 5
V min to V max
For Specified Performance. Part Is Functional with
Lower VREF Voltages
Input Sampling Rate, fS
fCLK IN/256
NOTES
1Temperature range is as follows: A Version, –40
°C to +85°C; S Version –55°C to +125°C. See also Note 18.
2Applies after calibration at the temperature of interest.
3Positive full-scale error applies to both unipolar and bipolar input ranges.
4These errors will be of the order of the output noise of the part as shown in Table I after system calibration. These errors will be 20
µV typical after self-calibration
or background calibration.
5Recalibration at any temperature or use of the background calibration mode will remove these drift errors.
6These numbers are guaranteed by design and/or characterization.
7This common-mode voltage range is allowed, provided that the input voltage on AIN1(+) and AIN1(–) does not exceed AV
DD + 30 mV and VSS – 30 mV.
8The AIN1 analog input presents a very high impedance dynamic load that varies with clock frequency and input sample rate. The maximum recommended
source resistance depends on the selected gain (see Tables IV and V).
9The analog input voltage range on the AIN1(+) input is given here with respect to the voltage on the AIN1(–) input. The input voltage range on the AIN2
input is with respect to AGND. The absolute voltage on the AIN1 input should not go more positive than AV DD + 30 mV or more negative than VSS – 30 mV.
10V
REF = REF IN(+) – REF IN(–).
11This error can be removed using the system calibration capabilities of the AD7712. This error is not removed by the AD7712’s self-calibration features. The offset
drift on the AIN2 input is 4 times the value given in the Static Performance section.
12The reference input voltage range may be restricted by the input voltage range requirement on the V
BIAS input.
(AVDD = +5 V
5%; DVDD = +5 V
5%; VSS = 0 V or –5 V
5%; REF IN(+) = +2.5 V;
REF IN(–) = AGND; MCLK IN = 10 MHz unless otherwise stated. All specifications TMIN to TMAX, unless otherwise noted.)


Número de pieza similar - AD7712

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7712 AD-AD7712 Datasheet
229Kb / 28P
   LC2MOS Signal Conditioning ADC
REV. E
AD7712 AD-AD7712 Datasheet
258Kb / 28P
   LC2MOS Signal Conditioning ADC
REV. F
AD7712 AD-AD7712 Datasheet
258Kb / 28P
   LC2MOS Signal Conditioning ADC
REV. F
AD7712 AD-AD7712 Datasheet
304Kb / 29P
   Signal Conditioning ADC
AD7712 AD-AD7712 Datasheet
258Kb / 28P
   Signal Conditioning ADC
REV. F
More results

Descripción similar - AD7712

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7712 AD-AD7712 Datasheet
229Kb / 28P
   LC2MOS Signal Conditioning ADC
REV. E
AD7712 AD-AD7712_04 Datasheet
258Kb / 28P
   LC2MOS Signal Conditioning ADC
REV. F
AD7712ARZ AD-AD7712ARZ Datasheet
258Kb / 28P
   LC2MOS Signal Conditioning ADC
REV. F
AD7712ANZ AD-AD7712ANZ Datasheet
258Kb / 28P
   LC2MOS Signal Conditioning ADC
REV. F
AD7713ARZ AD-AD7713ARZ Datasheet
271Kb / 28P
   LC2MOS Loop-Powered Signal Conditioning ADC
REV. D
AD7713ARZ AD-AD7713ARZ Datasheet
271Kb / 28P
   LC2MOS Loop-Powered Signal Conditioning ADC
REV. D
AD7713 AD-AD7713 Datasheet
516Kb / 28P
   LC2MOS Loop-Powered Signal Conditioning ADC
REV. C
AD7711ANZ AD-AD7711ANZ Datasheet
301Kb / 28P
   LC2MOS Signal Conditioning ADC with RTD Excitation Currents
REV. G
AD7711A AD-AD7711A Datasheet
222Kb / 27P
   LC2MOS Signal Conditioning ADC with RTD Current Source
REV. C
AD7711ARZ AD-AD7711ARZ Datasheet
301Kb / 28P
   LC2MOS Signal Conditioning ADC with RTD Excitation Currents
REV. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com