Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AD8072 Datasheet(PDF) 5 Page - Analog Devices |
|
AD8072 Datasheet(HTML) 5 Page - Analog Devices |
5 / 13 page REV. D AD8072/AD8073 –4– CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although the AD8072/AD8073 feature proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality. ABSOLUTE MAXIMUM RATINGS 1 Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13.2 V Internal Power Dissipation2 AD8072 8-Lead Plastic (N) . . . . . . . . . . . . . . . . . . 1.3 Watts AD8072 8-Lead Small Outline (SO-8) . . . . . . . . . 0.9 Watts AD8072 8-Lead µSOIC (RM) . . . . . . . . . . . . . . . . 0.6 Watts AD8073 14-Lead Plastic (N) . . . . . . . . . . . . . . . . . 1.6 Watts AD8073 14-Lead Small Outline (R) . . . . . . . . . . . 1.0 Watts Input Voltage (Common Mode) . . . . . . . . . . . . . . . . . . . . ±V S Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . ±1.25 V Output Short Circuit Duration . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Observe Power Derating Curves Storage Temperature Range N, R, RM Packages . . . . . . . . . . . . . . . . . . –65 °C to +125°C Lead Temperature Range (Soldering 10 sec) . . . . . . . . . 300 °C NOTES 1Stresses above those listed under Absolute Maximum Ratings may cause perma- nent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. 2Specification is for device in free air: 8-Lead Plastic Package: θ JA = 90 °C/W 8-Lead SOIC Package: θ JA = 140 °C/W 8-Lead µSOIC Package: θ JA = 214 °C/W 14-Lead Plastic Package: θ JA = 75 °C/W 14-Lead SOIC Package: θ JA = 120 °C/W ORDERING GUIDE Temperature Package Package Model Range Description Option *AD8072ARM –40 °C to +85°C 8-Lead µSOIC RM-8 *AD8072ARM-REEL –40 °C to +85°C 13" Reel 8-Lead µSOIC RM-8 *AD8072ARM-REEL7 –40 °C to +85°C 7" Reel 8-Lead µSOIC RM-8 AD8072JN 0 °C to 70°C 8-Lead Plastic DIP N-8 AD8072JR 0 °C to 70°C 8-Lead SOIC SO-8 AD8072JR-REEL 0 °C to 70°C 13" Reel 8-Lead SOIC SO-8 AD8072JR-REEL7 0 °C to 70°C 7" Reel 8-Lead SOIC SO-8 AD8073JN 0 °C to 70°C 14-Lead Plastic DIP N-14 AD8073JR 0 °C to 70°C 14-Lead Narrow SOIC R-14 AD8073JR-REEL 0 °C to 70°C 13" Reel 14-Lead SOIC R-14 AD8073JR-REEL7 0 °C to 70°C 7" Reel 14-Lead SOIC R-14 *Brand Code: HLA MAXIMUM POWER DISSIPATION The maximum power that can be safely dissipated by the AD8072 and AD8073 is limited by the associated rise in junction tem- perature. The maximum safe junction temperature for plastic encapsulated devices is determined by the glass transition tem- perature of the plastic, approximately 150 °C. Exceeding this limit temporarily may cause a shift in parametric performance due to a change in the stresses exerted on the die by the package. Exceeding a junction temperature of 175 °C for an extended period can result in device failure. While the AD8072 and AD8073 are internally short circuit pro- tected, this may not be sufficient to guarantee that the maximum junction temperature (150 °C) is not exceeded under all condi- tions. To ensure proper operation, it is necessary to observe the maximum power derating curves shown in Figures 2 and 3. AMBIENT TEMPERATURE – C 2.0 1.5 0 –50 90 –40 –30 –20 –10 0 10 20 30 5060 7080 40 1.0 0.5 8-LEAD MINI-DIP PACKAGE 8-LEAD SOIC PACKAGE TJ = 150 C SOIC Figure 2. AD8072 Maximum Power Dissipation vs. Temperature AMBIENT TEMPERATURE – C 2.5 2.0 0.5 –50 90 –40 –30 –20 –10 0 1020 3040 50 60 80 1.5 1.0 70 14-LEAD SOIC 14-LEAD DIP PACKAGE TJ = 150 C Figure 3. AD8073 Maximum Power Dissipation vs. Temperature WARNING! ESD SENSITIVE DEVICE |
Número de pieza similar - AD8072 |
|
Descripción similar - AD8072 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |