Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD7837BRZ Datasheet(PDF) 4 Page - Analog Devices

No. de pieza AD7837BRZ
Descripción Electrónicos  LC MOS Complete, Dual 12-Bit MDACs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD7837BRZ Datasheet(HTML) 4 Page - Analog Devices

  AD7837BRZ Datasheet HTML 1Page - Analog Devices AD7837BRZ Datasheet HTML 2Page - Analog Devices AD7837BRZ Datasheet HTML 3Page - Analog Devices AD7837BRZ Datasheet HTML 4Page - Analog Devices AD7837BRZ Datasheet HTML 5Page - Analog Devices AD7837BRZ Datasheet HTML 6Page - Analog Devices AD7837BRZ Datasheet HTML 7Page - Analog Devices AD7837BRZ Datasheet HTML 8Page - Analog Devices AD7837BRZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AD7837/AD7847
REV. C
–4–
TERMINOLOGY
Relative Accuracy (Linearity)
Relative accuracy, or endpoint linearity, is a measure of the
maximum deviation of the DAC transfer function from a
straight line passing through the endpoints. It is measured after
allowing for zero and full-scale errors and is expressed in LSBs
or as a percentage of full-scale reading.
Differential Nonlinearity
Differential nonlinearity is the difference between the measured
change and the ideal 1 LSB change between any two adjacent
codes. A specified differential nonlinearity of
±1 LSB or less
over the operating temperature range ensures monotonicity.
Zero Code Offset Error
Zero code offset error is the error in output voltage from VOUTA
or VOUTB with all 0s loaded into the DAC latches. It is due to a
combination of the DAC leakage current and offset errors in the
output amplifier.
Gain Error
Gain error is a measure of the output error between an ideal
DAC and the actual device output with all 1s loaded. It does
not include offset error.
Total Harmonic Distortion
This is the ratio of the root-mean-square (rms) sum of the har-
monics to the fundamental, expressed in dBs.
Multiplying Feedthrough Error
This is an ac error due to capacitive feedthrough from the VREF
input to VOUT of the same DAC when the DAC latch is loaded
with all 0s.
Channel-to-Channel Isolation
This is an ac error due to capacitive feedthrough from the VREF
input on one DAC to VOUT on the other DAC. It is measured
with the DAC latches loaded with all 0s.
Digital Feedthrough
Digital feedthrough is the glitch impulse injected from the digi-
tal inputs to the analog output when the data inputs change state,
but the data in the DAC latches is not changed.
For the AD7837, it is measured with
LDAC held high. For the
AD7847, it is measured with
CSA and CSB held high.
Digital Crosstalk
Digital crosstalk is the glitch impulse transferred to the output
of one converter due to a change in digital code on the DAC
latch of the other converter. It is specified in nV secs.
Digital-to-Analog Glitch Impulse
This is the voltage spike that appears at the output of the DAC
when the digital code changes, before the output settles to its
final value. The energy in the glitch is specified in nV secs and is
measured for a 1 LSB change around the major carry transition
(0111 1111 1111 to 1000 0000 0000 and vice versa).
Unity Gain Small Signal Bandwidth
This is the frequency at which the small signal voltage output
from the output amplifier is 3 dB below its dc level. It is mea-
sured with the DAC latch loaded with all 1s.
Full Power Bandwidth
This is the maximum frequency for which a sinusoidal input
signal will produce full output at rated load with a distortion
less than 3%. It is measured with the DAC latch loaded with
all 1s.
AD7837 PIN FUNCTION DESCRIPTION (DIP AND SOIC PIN NUMBERS)
Pin
Mnemonic
Description
1
CS
Chip Select. Active low logic input. The device is selected when this input is active.
2RFBA
Amplifier Feedback Resistor for DAC A.
3VREFA
Reference Input Voltage for DAC A. This may be an ac or dc signal.
4VOUTA
Analog Output Voltage from DAC A.
5
AGNDA
Analog Ground for DAC A.
6VDD
Positive Power Supply.
7VSS
Negative Power Supply.
8
AGNDB
Analog Ground for DAC B.
9VOUTB
Analog Output Voltage from DAC B.
10
VREFB
Reference Input Voltage for DAC B. This may be an ac or dc signal.
11
DGND
Digital Ground. Ground reference for digital circuitry.
12
RFBB
Amplifier Feedback Resistor for DAC B.
13
WR
Write Input.
WR is an active low logic input which is used in conjunction with CS, A0 and A1 to
write data to the input latches.
14
LDAC
DAC Update Logic Input. Data is transferred from the input latches to the DAC latches when
LDAC
is taken low.
15
A1
Address Input. Most significant address input for input latches (see Table II).
16
A0
Address Input. Least significant address input for input latches (see Table II).
17–20
DB7–DB4
Data Bit 7 to Data Bit 4.
21–24
DB3–DB0
Data Bit 3 to Data Bit 0 (LSB) or Data Bit 11 (MSB) to Data Bit 8.


Número de pieza similar - AD7837BRZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7837BRZ AD-AD7837BRZ Datasheet
494Kb / 12P
   LC2MOS Complete, Dual 12-Bit MDACs
REV. C
AD7837BRZ AD-AD7837BRZ Datasheet
494Kb / 12P
   LC2MOS Complete, Dual 12-Bit MDACs
REV. C
More results

Descripción similar - AD7837BRZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7837 AD-AD7837_15 Datasheet
494Kb / 12P
   LC MOS Complete Dual 12 Bit MDACs
REV. C
AD7847 AD-AD7847_15 Datasheet
494Kb / 12P
   LC MOS Complete Dual 12 Bit MDACs
REV. C
AD7837ANZ AD-AD7837ANZ Datasheet
494Kb / 12P
   LC MOS COMPLETE, DUAL 12-BIT MDACS
REV. C
AD7837BRZ AD-AD7837BRZ Datasheet
494Kb / 12P
   LC2MOS Complete, Dual 12-Bit MDACs
REV. C
AD7837BRZ AD-AD7837BRZ Datasheet
494Kb / 12P
   LC2MOS Complete, Dual 12-Bit MDACs
REV. C
AD7847ANZ AD-AD7847ANZ Datasheet
494Kb / 12P
   LC2MOS Complete, Dual 12-Bit MDACS
REV. C
AD7847ARZ AD-AD7847ARZ Datasheet
494Kb / 12P
   LC2MOS Complete, Dual 12-Bit MDACs
REV. C
AD7837 AD-AD7837 Datasheet
196Kb / 13P
   LC2MOS Complete, Dual 12-Bit MDACs
REV. C
AD7837ARZ AD-AD7837ARZ Datasheet
494Kb / 12P
   LC2MOS Complete, Dual 12-Bit MDACs
REV. C
AD7242 AD-AD7242_15 Datasheet
321Kb / 12P
   LC MOS Dual, Complete, 12-Bit/14-Bit Serial DACs
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com