Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD7837AN Datasheet(PDF) 10 Page - Analog Devices

No. de pieza AD7837AN
Descripción Electrónicos  LC MOS Complete, Dual 12-Bit MDACs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD7837AN Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7837AN Datasheet HTML 4Page - Analog Devices AD7837AN Datasheet HTML 5Page - Analog Devices AD7837AN Datasheet HTML 6Page - Analog Devices AD7837AN Datasheet HTML 7Page - Analog Devices AD7837AN Datasheet HTML 8Page - Analog Devices AD7837AN Datasheet HTML 9Page - Analog Devices AD7837AN Datasheet HTML 10Page - Analog Devices AD7837AN Datasheet HTML 11Page - Analog Devices AD7837AN Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AD7837/AD7847
REV. C
–10–
DIGITAL INPUT CODE NA
0.6
1
4095
3584
3072
2560
2048
1536
1024
512
0.5
0.4
0.3
0.2
0.1
0.0
Figure 19. Power Variation for Circuit in Figure 9
APPLYING THE AD7837/AD7847
General Ground Management
AC or transient voltages between the analog and digital grounds
i.e., between AGNDA/AGNDB and DGND can cause noise
injection into the analog output. The best method of ensuring
that both AGNDs and DGND are equal is to connect them
together at the AD7837/AD7847 on the circuit board. In more
complex systems where the AGND and DGND intertie is on the
backplane, it is recommended that two diodes be connected in
inverse parallel between the AGND and DGND pins (1N914 or
equivalent).
Power Supply Decoupling
In order to minimize noise it is recommended that the VDD and
the VSS lines on the AD7837/AD7847 be decoupled to DGND
using a 10
µF in parallel with a 0.1 µF ceramic capacitor.
Operation with Reduced Power Supply Voltages
The AD7837/AD7847 is specified for operation with VDD/VSS =
±15 V ± 5%. The part may be operated down to VDD/VSS =
± 10 V without significant linearity degradation. See typical
performance graphs. The output amplifier however requires
approximately 3 V of headroom so the VREF input should not
approach within 3 V of either power supply voltages in order to
maintain accuracy.
MICROPROCESSOR INTERFACING–AD7847
Figures 20 to 22 show interfaces between the AD7847 and three
popular 16-bit microprocessor systems, the 8086, MC68000 and
the TMS320C10. In all interfaces, the AD7847 is memory-
mapped with a separate memory address for each DAC latch.
AD7847–8086 Interface
Figure 20 shows an interface between the AD7847 and the 8086
microprocessor. A single MOV instruction loads the 12-bit word
into the selected DAC latch and the output responds on the ris-
ing edge of
WR.
ANALOG PANNING CIRCUIT
In audio applications it is often necessary to digitally “pan” or
split a single signal source into a two-channel signal while main-
taining the total power delivered to both channels constant. This
may be done very simply by feeding the signal into the VREF
input of both DACs. The digital codes are chosen such that the
code applied to DAC B is the two's complement of that applied
to DAC A. In this way the signal may be panned between both
channels as the digital code is changed. The total power varia-
tion with this arrangement is 3 dB.
For applications which require more precise power control the
circuit shown in Figure 18 may be used. This circuit requires
the AD7837/AD7847, an AD712 dual op amp and eight equal
value resistors.
Again both channels are driven with two's complementary data.
The maximum power variation using this circuit is only 0.5 dBs.
VOUTA
VREFA
VIN
RLB
AD7837/
AD7847
1/2
AD712
R
R
R
R
R
R
R
R
1/2
AD712
RLA
VOUTB
VOUTA
VOUTB
VREFB
Figure 18. Analog Panning Circuit
The voltage output expressions for the two channels are as
follows:
VOUTA
= –V
IN
NA
212
+ N
A


VOUT B
= –V
IN
NB
212
+ N
B


where NA = DAC A input code in decimal (1
≤ N
A
≤ 4095)
and NB = DAC B input code in decimal (1
≤ N
B
≤ 4095)
with NB = 2s complement of NA.
The two's complement relationship between NA and NB causes
NB to increase as NA decreases and vice versa.
Hence NA + NB = 4096.
With NA = 2048, then NB = 2048 also; this gives the balanced
condition where the power is split equally between both chan-
nels. The total power variation as the signal is fully panned from
Channel B to Channel A is shown in Figure 19.


Número de pieza similar - AD7837AN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7837AN AD-AD7837AN Datasheet
196Kb / 13P
   LC2MOS Complete, Dual 12-Bit MDACs
REV. C
AD7837AN AD-AD7837AN Datasheet
494Kb / 12P
   LC2MOS Complete, Dual 12-Bit MDACs
REV. C
AD7837AN AD-AD7837AN Datasheet
494Kb / 12P
   LC MOS COMPLETE, DUAL 12-BIT MDACS
REV. C
AD7837AN AD-AD7837AN Datasheet
494Kb / 12P
   LC2MOS Complet, Dual 12-Bit MDACs
REV. C
AD7837AN AD-AD7837AN Datasheet
494Kb / 12P
   LC2MOS Complete, Dual 12-Bit MDACS
REV. C
More results

Descripción similar - AD7837AN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7837 AD-AD7837_15 Datasheet
494Kb / 12P
   LC MOS Complete Dual 12 Bit MDACs
REV. C
AD7847 AD-AD7847_15 Datasheet
494Kb / 12P
   LC MOS Complete Dual 12 Bit MDACs
REV. C
AD7837ANZ AD-AD7837ANZ Datasheet
494Kb / 12P
   LC MOS COMPLETE, DUAL 12-BIT MDACS
REV. C
AD7837BRZ AD-AD7837BRZ Datasheet
494Kb / 12P
   LC2MOS Complete, Dual 12-Bit MDACs
REV. C
AD7837BRZ AD-AD7837BRZ Datasheet
494Kb / 12P
   LC2MOS Complete, Dual 12-Bit MDACs
REV. C
AD7847ANZ AD-AD7847ANZ Datasheet
494Kb / 12P
   LC2MOS Complete, Dual 12-Bit MDACS
REV. C
AD7847ARZ AD-AD7847ARZ Datasheet
494Kb / 12P
   LC2MOS Complete, Dual 12-Bit MDACs
REV. C
AD7837 AD-AD7837 Datasheet
196Kb / 13P
   LC2MOS Complete, Dual 12-Bit MDACs
REV. C
AD7837ARZ AD-AD7837ARZ Datasheet
494Kb / 12P
   LC2MOS Complete, Dual 12-Bit MDACs
REV. C
AD7242 AD-AD7242_15 Datasheet
321Kb / 12P
   LC MOS Dual, Complete, 12-Bit/14-Bit Serial DACs
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com