Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD590MH Datasheet(PDF) 4 Page - Analog Devices

No. de pieza AD590MH
Descripción Electrónicos  2-Terminal IC Temperature Transducer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD590MH Datasheet(HTML) 4 Page - Analog Devices

  AD590MH Datasheet HTML 1Page - Analog Devices AD590MH Datasheet HTML 2Page - Analog Devices AD590MH Datasheet HTML 3Page - Analog Devices AD590MH Datasheet HTML 4Page - Analog Devices AD590MH Datasheet HTML 5Page - Analog Devices AD590MH Datasheet HTML 6Page - Analog Devices AD590MH Datasheet HTML 7Page - Analog Devices AD590MH Datasheet HTML 8Page - Analog Devices AD590MH Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AD590
Data Sheet
Rev. G | Page 4 of 16
AD590L AND AD590M SPECIFICATIONS
25°C and VS = 5 V, unless otherwise noted.1
Table 2.
AD590L
AD590M
Parameter
Min
Typ
Max
Min
Typ
Max
Unit
POWER SUPPLY
Operating Voltage Range
4
30
4
30
V
OUTPUT
Nominal Current Output @ 25°C (298.2 K)
298.2
298.2
μA
Nominal Temperature Coefficient
1
1
μA/K
Calibration Error @ 25°C
±1.0
±0.5
°C
Absolute Error (Over Rated Performance Temperature Range)
°C
Without External Calibration Adjustment
±3.0
±1.7
°C
With ± 25°C Calibration Error Set to Zero
±1.6
±1.0
°C
Nonlinearity
±0.4
±0.3
°C
Repeatability2
±0.1
±0.1
°C
Long-Term Drift3
±0.1
±0.1
°C
Current Noise
40
40
pA/√Hz
Power Supply Rejection
4 V ≤ VS ≤ 5 V
0.5
0.5
μA/V
5 V ≤ VS ≤ 15 V
0.2
0.2
μA/V
15 V ≤ VS ≤ 30 V
0.1
0.1
μA/V
Case Isolation to Either Lead
1010
1010
Ω
Effective Shunt Capacitance
100
100
pF
Electrical Turn-On Time
20
20
μs
Reverse Bias Leakage Current (Reverse Voltage = 10 V)4
10
10
pA
1 Specifications shown in boldface are tested on all production units at final electrical test. Results from those tests are used to calculate outgoing quality levels. All
minimum and maximum specifications are guaranteed, although only those shown in boldface are tested on all production units.
2 Maximum deviation between +25°C readings after temperature cycling between −55°C and +150°C; guaranteed, not tested.
3 Conditions: constant 5 V, constant 125°C; guaranteed, not tested.
4 Leakage current doubles every 10°C.
15
.
273
32
9
5
C
K
F
C
7
.
459
32
5
9
F
R
C
F
Figure 5. Temperature Scale Conversion Equations
+223°
–50°
+273°
+298°
+25°
+323°
+50°
+373°
+100°
+423°
+150°
–100°
+100°
+200°
+300°
+32°
+70°
+212°
°K
°C
°F


Número de pieza similar - AD590MH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD590MH AD-AD590MH Datasheet
3Mb / 16P
   Two-Terminal IC Temperature Transducer
REV. C
AD590MH AD-AD590MH Datasheet
3Mb / 16P
   Two-Twrminal IC Temperature Transducer
REV. C
AD590MH AD-AD590MH Datasheet
346Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. E
AD590MH AD-AD590MH Datasheet
411Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. G
AD590MH AD-AD590MH Datasheet
417Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. G
More results

Descripción similar - AD590MH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD590JH AD-AD590JH Datasheet
417Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. G
AD590JH883B AD-AD590JH883B Datasheet
411Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. G
AD590JRZ AD-AD590JRZ Datasheet
346Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. E
AD590 AD-AD590 Datasheet
3Mb / 16P
   Two-Terminal IC Temperature Transducer
REV. C
logo
Renesas Technology Corp
ISL71590SEH RENESAS-ISL71590SEH Datasheet
608Kb / 17P
   Radiation Hardened, 2-Terminal Temperature Transducer
Sep 14, 2018
logo
Intersil Corporation
ISL71590SEH INTERSIL-ISL71590SEH Datasheet
541Kb / 16P
   Radiation Hardened, 2-Terminal Temperature Transducer.
June 3, 2016
logo
Sensitron
AD590 SENSITRON-AD590 Datasheet
32Kb / 2P
   TWO-TERMINAL TEMPERATURE TRANSDUCER
logo
Analog Devices
AD590JCHIPS AD-AD590JCHIPS Datasheet
3Mb / 16P
   Two-Twrminal IC Temperature Transducer
REV. C
AD592 AD-AD592 Datasheet
302Kb / 8P
   Low Cost, Precision IC Temperature Transducer
REV. A
AD592ANZ AD-AD592ANZ Datasheet
778Kb / 8P
   Low Cost, Precision IC Temperature Transducer
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com