Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AD5160BRJZ100-RL72 Datasheet(PDF) 5 Page - Analog Devices |
|
AD5160BRJZ100-RL72 Datasheet(HTML) 5 Page - Analog Devices |
5 / 16 page AD5160 Rev. B | Page 5 of 16 TIMING CHARACTERISTICS—ALL VERSIONS VDD = +5V ± 10%, or +3V ± 10%; VA = VDD; VB = 0 V; –40°C < TA < +125°C; unless otherwise noted. Table 3. Parameter Symbol Conditions Min Typ1 Max Unit SPI INTERFACE TIMING CHARACTERISTICS1, 2 Specifications apply to all parts Clock Frequency fCLK 25 MHz Input Clock Pulse Width tCH, tCL Clock level high or low 20 ns Data Setup Time tDS 5 ns Data Hold Time tDH 5 ns CS Setup Time tCSS 15 ns CS High Pulse Width tCSW 40 ns CLK Fall to CS Fall Hold Time tCSH0 0 ns CLK Fall to CS Rise Hold Time tCSH1 0 ns 1 See the timing diagram, Figure 38, for location of measured values. All input control voltages are specified with tR = tF = 2 ns (10% to 90% of 3 V) and timed from a voltage level of 1.5 V. 2 Guaranteed by design and not subject to production test. |
Número de pieza similar - AD5160BRJZ100-RL72 |
|
Descripción similar - AD5160BRJZ100-RL72 |