Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD7142ACPZ-1REEL1 Datasheet(PDF) 7 Page - Analog Devices

No. de pieza AD7142ACPZ-1REEL1
Descripción Electrónicos  Programmable Controller for Capacitance Touch Sensors
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD7142ACPZ-1REEL1 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7142ACPZ-1REEL1 Datasheet HTML 3Page - Analog Devices AD7142ACPZ-1REEL1 Datasheet HTML 4Page - Analog Devices AD7142ACPZ-1REEL1 Datasheet HTML 5Page - Analog Devices AD7142ACPZ-1REEL1 Datasheet HTML 6Page - Analog Devices AD7142ACPZ-1REEL1 Datasheet HTML 7Page - Analog Devices AD7142ACPZ-1REEL1 Datasheet HTML 8Page - Analog Devices AD7142ACPZ-1REEL1 Datasheet HTML 9Page - Analog Devices AD7142ACPZ-1REEL1 Datasheet HTML 10Page - Analog Devices AD7142ACPZ-1REEL1 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 73 page
background image
AD7142
Rev. A | Page 6 of 72
SPI TIMING SPECIFICATIONS (AD7142)
TA = −40°C to +85°C; VDRIVE = 1.65 V to 3.6 V; AVCC, DVCC = 2.6 V to 3.6 V, unless otherwise noted. Sample tested at 25°C to ensure
compliance. All input signals are specified with tR = tF = 5 ns (10% to 90% of VCC) and timed from a voltage level of 1.6 V.
Table 4. SPI Timing Specifications
Parameter
Limit at TMIN, TMAX
Unit
Description
fSCLK
5
MHz max
t1
5
ns min
CS falling edge to first SCLK falling edge
t2
20
ns min
SCLK high pulse width
t3
20
ns min
SCLK low pulse width
t4
15
ns min
SDI setup time
t5
15
ns min
SDI hold time
t6
20
ns max
SDO access time after SCLK falling edge
t7
16
ns max
CS rising edge to SDO high impedance
t8
15
ns min
SCLK rising edge to CS high
CS
SCLK
SDI
SDO
t1
116
15
MSB
LSB
23
MSB
LSB
12
15
16
t2
t4
t5
t3
t6
t7
t8
Figure 3. SPI Detailed Timing Diagram


Número de pieza similar - AD7142ACPZ-1REEL1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7142ACPZ-1REEL AD-AD7142ACPZ-1REEL Datasheet
1Mb / 70P
   Programmable Controller for Capacitance Touch Sensors
More results

Descripción similar - AD7142ACPZ-1REEL1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7142 AD-AD7142_17 Datasheet
1Mb / 70P
   Programmable Controller for Capacitance Touch Sensors
AD7142 AD-AD7142_15 Datasheet
958Kb / 73P
   Programmable Controller for Capacitance Touch Sensors
REV. A
AD7143 AD-AD7143 Datasheet
1,006Kb / 56P
   Programmable Controller for Capacitance Touch Sensors
REV. 0
AD7143 AD-AD7143_17 Datasheet
589Kb / 57P
   Programmable Controller for Capacitance Touch Sensors
AD7143 AD-AD7143_15 Datasheet
784Kb / 57P
   Programmable Controller for Capacitance Touch Sensors
REV. 0
AD7148 AD-AD7148 Datasheet
1Mb / 56P
   Programmable Touch Controller for Single Electrode Capacitance Sensors
REV. 0
AD7147 AD-AD7147_15 Datasheet
889Kb / 73P
   CapTouch Programmable Controller for Single-Electrode Capacitance Sensors
REV. D
AD7147 AD-AD7147 Datasheet
1Mb / 68P
   CapTouch??Programmable Controller for Single-Electrode Capacitance Sensors
REV. 0
logo
Texas Instruments
TSC2301 TI1-TSC2301_15 Datasheet
1Mb / 94P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER
logo
ON Semiconductor
LC717A30UR ONSEMI-LC717A30UR Datasheet
241Kb / 14P
   Capacitance?륞igital?륝onverter LSI for Electrostatic Capacitive Touch Sensors
November, 2018 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com