Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD7876CR Datasheet(PDF) 11 Page - Analog Devices

No. de pieza AD7876CR
Descripción Electrónicos  LC2MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD7876CR Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7876CR Datasheet HTML 7Page - Analog Devices AD7876CR Datasheet HTML 8Page - Analog Devices AD7876CR Datasheet HTML 9Page - Analog Devices AD7876CR Datasheet HTML 10Page - Analog Devices AD7876CR Datasheet HTML 11Page - Analog Devices AD7876CR Datasheet HTML 12Page - Analog Devices AD7876CR Datasheet HTML 13Page - Analog Devices AD7876CR Datasheet HTML 14Page - Analog Devices AD7876CR Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
AD7870/AD7875/AD7876
Rev. C | Page 11 of
28
CONVERTER DETAILS
The AD7870/AD7875/AD7876 is a complete 12-bit ADC,
requiring no external components apart from power supply
decoupling capacitors. It is comprised of a 12-bit successive
approximation ADC based on a fast settling voltage output
DAC, a high speed comparator and SAR, a track-and-hold
amplifier, a 3 V buried Zener reference, a clock oscillator,
and control logic.
INTERNAL REFERENCE
The AD7870/AD7875/AD7876 have on-chip temperature
compensated buried Zener reference that is factory trimmed
to 3 V ± 10 mV. Internally it provides both the DAC reference
and the dc bias required for bipolar operation (AD7870 and
AD7876). The reference output is available (REF OUT) and
capable of providing up to 500 μA to an external load.
The maximum recommended capacitance on REF OUT for
normal operation is 50 pF. If the reference is required for use
external to the ADC, it should be decoupled with a 200 Ω
resistor in series with a parallel combination of a 10 μF
tantalum capacitor and a 0.1 μF ceramic capacitor. These
decoupling components are required to remove voltage
spikes caused by the ADC’s internal operation.
TEMPERATURE
COMPENSATION
AD7870/AD7875/AD7876
REF OUT
VSS
VDD
Figure 6. Reference Circuit
The reference output voltage is 3 V. For applications using the
AD7875 or AD7876, a 5 V or 10 V reference may be required.
Figure 7 shows how to scale the 3 V REF OUT voltage to
provide either a 5 V or 10 V external reference.
INTERNAL 3V
REFERENCE
AD7870/AD7875/AD7876
REF OUT
15kΩ
(3.9kΩ)
10kΩ
(9.1kΩ)
VOUT = 5V (10V)
Figure 7. Generating a 5 V or 10 V Reference
TRACK-AND-HOLD AMPLIFIER
The track-and-hold amplifier on the analog input of the
AD7870/AD7875/AD7876 allows the ADC to accurately
convert input frequencies to 12-bit accuracy. The input
bandwidth of the track-and-hold amplifier is much greater
than the Nyquist rate of the ADC even when the ADC is
operated at its maximum throughput rate. The 0.1 dB cutoff
frequency occurs typically at 500 kHz. The track-and-hold
amplifier acquires an input signal to 12-bit accuracy in less than
2 μs. The overall throughput rate is equal to the conversion time
plus the track-and-hold amplifier acquisition time. For a 2.5 MHz
input clock the throughput rate is 10 μs max.
The operation of the track-and-hold is essentially transparent
to the user. The track-and-hold amplifier goes from its tracking
mode to its hold mode at the start of conversion.
If the CONVST input is used to start conversion then the track
to hold transition occurs on the rising edge of CONVST. If CS
starts conversion, this transition occurs on the falling edge of CS.
ANALOG INPUT
The three parts differ from each other in the analog input
voltage range that they can handle. The AD7870 accepts ±3 V
input signals, the AD7876 accepts a ±10 V input range, while
the input range for the AD7875 is 0 V to +5 V.
Figure 8 shows the AD7870 analog input. The analog input
range is ±3 V into an input resistance of typically 15 kΩ. The
designed code transitions occur midway between successive
integer LSB values (that is, 1/2 LSB, 3/2 LSBs, 5/2 LSBs . . .
FS–3/2 LSBs). The output code is twos complement binary with
1 LSB = FS/4096 = 6 V/4096 = 1.46 mV. The ideal input/output
transfer function is shown in Figure 11.
AD7870
TRACK-AND-HOLD
AMPLIFIER
TO INTERNAL
3V REFERENCE
R
R
TO INTERNAL
COMPARATOR
Figure 8. AD7970 Analog Input
The AD7876 analog input structure is shown in Figure 9. The
analog input range is ±10 V into an input resistance of typically
33 kΩ. As before, the designed code transitions occur midway
between successive integer LSB values. The output code is twos
complement with 1 LSB = FS/4096 = 20 V/4096 = 4.88 mV. The
ideal input/output transfer function is shown in Figure 11.


Número de pieza similar - AD7876CR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7876CR AD-AD7876CR Datasheet
331Kb / 20P
   LC2MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV. B
More results

Descripción similar - AD7876CR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7870 AD-AD7870 Datasheet
331Kb / 20P
   LC2MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV. B
AD7870A AD-AD7870A Datasheet
250Kb / 12P
   LC2MOS Complete, 12-Bit, 100 kHz , Sampling ADC
REV. 0
AD7876 AD-AD7876_15 Datasheet
621Kb / 28P
   LC MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV. C
AD7870 AD-AD7870_15 Datasheet
621Kb / 28P
   LC MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV. C
AD7875 AD-AD7875_15 Datasheet
621Kb / 28P
   LC MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV. C
AD7872KRZ-REEL AD-AD7872KRZ-REEL Datasheet
324Kb / 16P
   LC2MOS Complete 14-Bit, Sampling ADCs
REV. D
AD7871 AD-AD7871 Datasheet
344Kb / 16P
   LC2MOS Complete 14-Bit, Sampling ADCs
REV. D
AD7872JRZ AD-AD7872JRZ Datasheet
267Kb / 16P
   LC2MOS Complete 14-Bit, Sampling ADCs
REV. D
AD7878 AD-AD7878 Datasheet
417Kb / 16P
   LC2MOS Complete 12-Bit 100 kHz Sampling ADC with DSP Interface
REV. A
AD7878 AD-AD7878_17 Datasheet
450Kb / 17P
   LC2MOS Complete 12-Bit 100 kHz Sampling ADC with DSP Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com