Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TLA7000 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

No. de pieza TLA7000
Descripción Electrónicos  TLA7000 Logic Analyzers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

TLA7000 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button TLA7000 Datasheet HTML 6Page - List of Unclassifed Manufacturers TLA7000 Datasheet HTML 7Page - List of Unclassifed Manufacturers TLA7000 Datasheet HTML 8Page - List of Unclassifed Manufacturers TLA7000 Datasheet HTML 9Page - List of Unclassifed Manufacturers TLA7000 Datasheet HTML 10Page - List of Unclassifed Manufacturers TLA7000 Datasheet HTML 11Page - List of Unclassifed Manufacturers TLA7000 Datasheet HTML 12Page - List of Unclassifed Manufacturers TLA7000 Datasheet HTML 13Page - List of Unclassifed Manufacturers TLA7000 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Analog acquisition (with P6800 or P6900 probes)
Bandwidth
2 GHz typical
Attenuation
10X, ±1%
Offset and gain (Accuracy)
±50 mV, ±2% of signal amplitude
Channels demultiplexed
4
Run/Stop requirements
None, analog outputs are always active
iCaptureAnalog outputs
Compatible with any supported Tektronix oscilloscope
iCapture Analog output BNC cable Low loss, 10X, 36 in. Basic Analog multiplexer functionality is offered standard on all TLA7ACx modules. This routes 4 fixed
channels to the iCapture Analog output BNCs. The outputs cannot be switched to other logic analyzer channels. Option AM
enables full analog multiplexer control and allows the routing of any 4 logic analyzer channels to the iCapture Analog output BNCs.
Trigger system
Independent Trigger states
16
Maximum idependent If/Then
clauses per state
16
Maximum numger of events per If/
Then clause
8
Maximum number of actions per If/
Then clause
8
Maximum number of Trigger
events
18 (2 counters/timers plus any 16 other resources)
Number of word recognizers
16
Number of transition recognizers
16
Number of range recognizers
4
Number of counters/timers
Trigger event types
Word, Group, Channel, Transition, Range, Anything, Counter Value, Timer Value, Signal, Glitch, Setup-and-Hold Violation,
Snapshot
Trigger action types
Trigger Module, Trigger All Modules, Trigger Main, Trigger MagniVu, Store, Don't Store, Store Sample, Increment Counter,
Decrement Counter, Reset Counter, Start Timer, Stop Timer, Reset Timer, Snapshot Current Sample, Goto State, Set/Clear
Signal, Do Nothing
Maximum triggerable data rate
1250 Mb/s (4X clocking mode)
Trigger sequence rate
DC to 500 MHz (2 ns)
Counter/timer range
51 bits each (>50 days at 2 ns)
Counter rate
DC to 500 MHz (2 ns)
Timer clock rate
500 MHz (2 ns)
Datasheet
10 www.tektronix.com


Número de pieza similar - TLA7000

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
TLA7SA00 ETC2-TLA7SA00 Datasheet
1Mb / 14P
   Tektronix PCI Express Logic Protocol Analyzer
TLA7SA08 ETC2-TLA7SA08 Datasheet
1Mb / 14P
   Tektronix PCI Express Logic Protocol Analyzer
TLA7SA16 ETC2-TLA7SA16 Datasheet
1Mb / 14P
   Tektronix PCI Express Logic Protocol Analyzer
More results

Descripción similar - TLA7000

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
TLA5000 ETC-TLA5000 Datasheet
186Kb / 4P
   LOGIC ANALYZERS
logo
Keysight Technologies
16860A KEYSIGHT-16860A Datasheet
2Mb / 22P
   Portable Logic Analyzers
5968-4632E KEYSIGHT-5968-4632E Datasheet
4Mb / 77P
   Probing Solutions for Logic Analyzers
E5351A KEYSIGHT-E5351A Datasheet
6Mb / 77P
   Probing Solutions for Logic Analyzers
E5339A KEYSIGHT-E5339A Datasheet
6Mb / 77P
   Probing Solutions for Logic Analyzers
E5346A KEYSIGHT-E5346A Datasheet
6Mb / 77P
   Probing Solutions for Logic Analyzers
logo
Agilent(Hewlett-Packard...
W2630 HP-W2630 Datasheet
387Kb / 12P
   DDR2 BGA Probes for Logic Analyzers
logo
Amphenol Corporation
AAS-BR-165B AMPHENOL-AAS-BR-165B Datasheet
226Kb / 4P
   Chemical analyzers
logo
Keysight Technologies
5989-6014EN KEYSIGHT-5989-6014EN Datasheet
1Mb / 17P
   Network Analyzers
logo
Agilent(Hewlett-Packard...
E7400A HP-E7400A Datasheet
191Kb / 8P
   EMC Analyzers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com