Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TC1072-25VCH713 Datasheet(PDF) 3 Page - Microchip Technology |
|
TC1072-25VCH713 Datasheet(HTML) 3 Page - Microchip Technology |
3 / 22 page © 2007 Microchip Technology Inc. DS21354D-page 3 TC1072/TC1073 SHDN Input VIH SHDN Input High Threshold 45 — — %VIN VIN = 2.5V to 6.5V VIL SHDN Input Low Threshold — — 15 %VIN VIN = 2.5V to 6.5V ERROR Open Drain Output VINMIN Minimum VIN Operating Voltage 1.0 — — V VOL Output Logic Low Voltage — — 400 mV 1 mA Flows to ERROR VTH ERROR Threshold Voltage — 0.95 x VR — V See Figure 4-2 VHYS ERROR Positive Hysteresis — 50 — mV Note 7 tDELAY VOUT to ERROR Delay — 2.5 — ms Vout falling from VR to VR-10% TC1072/TC1073 ELECTRICAL SPECIFICATIONS (CONTINUED) Electrical Characteristics: Unless otherwise noted, VIN =VOUT + 1V, IL = 0.1 mA, CL =3.3 μF, SHDN >VIH, TA = +25°C. Boldface type specifications apply for junction temperatures of -40°C to +125°C. Symbol Parameter Min Typ Max Units Test Conditions Note 1: VR is the regulator output voltage setting. For example: VR = 2.5V, 2.7V, 2.85V, 3.0V, 3.3V, 3.6V, 4.0V, 5.0V. 2: 3: Regulation is measured at a constant junction temperature using low duty cycle pulse testing. Load regulation is tested over a load range from 0.1 mA to the maximum specified output current. Changes in output voltage due to heating effects are covered by the thermal regulation specification. 4: Dropout voltage is defined as the input to output differential at which the output voltage drops 2% below its nominal value. 5: Thermal Regulation is defined as the change in output voltage at a time T after a change in power dissipation is applied, excluding load or line regulation effects. Specifications are for a current pulse equal to ILMAX at VIN =6V for T = 10 ms. 6: The maximum allowable power dissipation is a function of ambient temperature, the maximum allowable junction temperature and the thermal resistance from junction-to-air (i.e., TA, TJ, θJA). Exceeding the maximum allowable power dissipation causes the device to initiate thermal shutdown. Please see Section 5.0 “Thermal Considerations” for more details. 7: Hysteresis voltage is referenced by VR. 8: Apply for Junction Temperatures of -40°C to +85°C. 9: The minimum VIN has to justify the conditions = VIN ≥ VR +VDROPOUT and VIN ≥ 2.7V for IL = 0.1 mA to IOUTMAX. TC VOUT = (VOUTMAX – VOUTMIN) x 106 VOUT x ΔT |
Número de pieza similar - TC1072-25VCH713 |
|
Descripción similar - TC1072-25VCH713 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |