Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC1072-25VCH713 Datasheet(PDF) 9 Page - Microchip Technology

No. de pieza TC1072-25VCH713
Descripción Electrónicos  50mA and 100mA CMOS LDOs with Shutdown, ERROR Output and VREF Bypass
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1072-25VCH713 Datasheet(HTML) 9 Page - Microchip Technology

Back Button TC1072-25VCH713 Datasheet HTML 5Page - Microchip Technology TC1072-25VCH713 Datasheet HTML 6Page - Microchip Technology TC1072-25VCH713 Datasheet HTML 7Page - Microchip Technology TC1072-25VCH713 Datasheet HTML 8Page - Microchip Technology TC1072-25VCH713 Datasheet HTML 9Page - Microchip Technology TC1072-25VCH713 Datasheet HTML 10Page - Microchip Technology TC1072-25VCH713 Datasheet HTML 11Page - Microchip Technology TC1072-25VCH713 Datasheet HTML 12Page - Microchip Technology TC1072-25VCH713 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
© 2007 Microchip Technology Inc.
DS21354D-page 9
TC1072/TC1073
Note: Unless otherwise specified, all parts are measured at temperature = +25°C.
ILOAD
VOUT
Load Regulation of 3.3V LDO
Conditions: CIN = 1μF, COUT = 2.2μF, CBYP = 470pF,
VIN = VOUT + 0.25V, Temp = 25°C
ILOAD = 50mA switched in at 10kHz, VOUT is AC coupled
Load Regulation of 3.3V LDO
Conditions: CIN = 1μF, COUT = 2.2μF, CBYP = 470pF,
VIN = VOUT + 0.25V, Temp = 25°C
ILOAD = 150mA switched in at 10kHz, VOUT is AC coupled
ILOAD
VOUT
Load Regulation of 3.3V LDO
Conditions: CIN = 1μF, COUT = 2.2μF, CBYP = 470pF,
VIN = VOUT + 0.25V, Temp = 25°C
ILOAD = 100mA switched in at 10kHz, VOUT is AC coupled
ILOAD
VOUT
VIN
VOUT
Line Regulation of 3.3V LDO
Conditions: VIN = 4V, + 1V Squarewave @ 2.5kHz
CIN = 0μF, COUT = 1μF, CBYP = 470pF,
ILOAD = 100mA, VIN & VOUT are AC coupled


Número de pieza similar - TC1072-25VCH713

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
TC1072-25VCH MICROCHIP-TC1072-25VCH Datasheet
564Kb / 20P
   50mA and 100mA CMOS LDOs with Shutdown, ERROR Output and VREF Bypass
2002
More results

Descripción similar - TC1072-25VCH713

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
TC1073 MICROCHIP-TC1073 Datasheet
564Kb / 20P
   50mA and 100mA CMOS LDOs with Shutdown, ERROR Output and VREF Bypass
2002
TC1072 MICROCHIP-TC1072_07 Datasheet
727Kb / 22P
   50mA and 100mA CMOS LDOs with Shutdown, ERROR Output and VREF Bypass
2007
logo
TelCom Semiconductor, I...
TC1072 TELCOM-TC1072 Datasheet
126Kb / 12P
   50mA CMOS LDO WITH SHUTDOWN, ERROR OUTPUT AND VREF BYPASS
logo
Microchip Technology
TC2054 MICROCHIP-TC2054 Datasheet
519Kb / 16P
   50mA, 100mA, and 150mA CMOS LDOs with Shutdown and Error Output
2002
TC1054 MICROCHIP-TC1054 Datasheet
501Kb / 18P
   50mA, 100mA and 150mA CMOS LDOs with Shutdown and ERROR Output
2002
TC1014 MICROCHIP-TC1014 Datasheet
558Kb / 20P
   50mA, 100mA and 150mA CMOS LDOs with Shutdown and Reference Bypass
2002
TC1224-50VCTTR MICROCHIP-TC1224-50VCTTR Datasheet
463Kb / 14P
   50mA and 100mA CMOS LDOs with Shutdown
05/01/02
TC1223 MICROCHIP-TC1223_13 Datasheet
240Kb / 16P
   50mA and 100mA CMOS LDOs with Shutdown
2002-2012 10/26/12
TC1223 MICROCHIP-TC1223 Datasheet
476Kb / 14P
   50mA and 100mA CMOS LDOs with Shutdown
2002
TC1070 MICROCHIP-TC1070_07 Datasheet
650Kb / 20P
   50mA, 100mA and 150mA Adjustable CMOS LDOs with Shutdown
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com