Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC1073-2.5VCH713 Datasheet(PDF) 4 Page - Microchip Technology

No. de pieza TC1073-2.5VCH713
Descripción Electrónicos  50mA and 100mA CMOS LDOs with Shutdown, ERROR Output and VREF Bypass
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1073-2.5VCH713 Datasheet(HTML) 4 Page - Microchip Technology

  TC1073-2.5VCH713 Datasheet HTML 1Page - Microchip Technology TC1073-2.5VCH713 Datasheet HTML 2Page - Microchip Technology TC1073-2.5VCH713 Datasheet HTML 3Page - Microchip Technology TC1073-2.5VCH713 Datasheet HTML 4Page - Microchip Technology TC1073-2.5VCH713 Datasheet HTML 5Page - Microchip Technology TC1073-2.5VCH713 Datasheet HTML 6Page - Microchip Technology TC1073-2.5VCH713 Datasheet HTML 7Page - Microchip Technology TC1073-2.5VCH713 Datasheet HTML 8Page - Microchip Technology TC1073-2.5VCH713 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
TC1072/TC1073
DS21354D-page 4
© 2007 Microchip Technology Inc.
2.0
TYPICAL CHARACTERISTICS CURVES
Note: Unless otherwise specified, all parts are measured at temperature = +25°C.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
0.000
0.002
0.004
0.006
0.008
0.010
0.012
0.014
0.016
0.018
0.020
-40
-20
0
20
50
70
125
ILOAD = 10mA
CIN = 1μF
COUT = 1μF
TEMPERATURE (
°C)
Dropout Voltage vs. Temperature (VOUT = 3.3V)
0.000
0.020
0.040
0.060
0.080
0.100
0.120
0.140
0.160
0.180
0.200
-40
-20
0
20
50
70
125
ILOAD = 100mA
CIN = 1μF
COUT = 1μF
TEMPERATURE (
°C)
Dropout Voltage vs. Temperature (VOUT = 3.3V)
0
10
20
30
40
50
60
70
80
90
0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 5.5 6 6.5 7 7.5
ILOAD = 10mA
CIN = 1μF
COUT = 1μF
Ground Current vs. VIN (VOUT = 3.3V)
VIN (V)
0.000
0.010
0.020
0.030
0.040
0.050
0.060
0.070
0.080
0.090
0.100
-40
-20
0
20
50
70
125
ILOAD = 50mA
CIN = 1μF
COUT = 1μF
TEMPERATURE (
°C)
Dropout Voltage vs. Temperature (VOUT = 3.3V)
0.000
0.050
0.100
0.150
0.200
0.250
0.300
-40
-20
0
20
50
70
125
ILOAD = 150mA
CIN = 1μF
COUT = 1μF
TEMPERATURE (
°C)
Dropout Voltage vs. Temperature (VOUT = 3.3V)
0
10
20
30
40
50
60
70
80
90
0 0.5 1 1.5 2 2.5 3 3.5 4 4.5
5 5.5 6 6.5 7 7.5
ILOAD = 100mA
CIN = 1μF
COUT = 1μF
Ground Current vs. VIN (VOUT = 3.3V)
VIN (V)


Número de pieza similar - TC1073-2.5VCH713

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
TC1073-2.85VCH713 MICROCHIP-TC1073-2.85VCH713 Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
More results

Descripción similar - TC1073-2.5VCH713

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
TC1073 MICROCHIP-TC1073 Datasheet
564Kb / 20P
   50mA and 100mA CMOS LDOs with Shutdown, ERROR Output and VREF Bypass
2002
TC1072 MICROCHIP-TC1072_07 Datasheet
727Kb / 22P
   50mA and 100mA CMOS LDOs with Shutdown, ERROR Output and VREF Bypass
2007
logo
TelCom Semiconductor, I...
TC1072 TELCOM-TC1072 Datasheet
126Kb / 12P
   50mA CMOS LDO WITH SHUTDOWN, ERROR OUTPUT AND VREF BYPASS
logo
Microchip Technology
TC2054 MICROCHIP-TC2054 Datasheet
519Kb / 16P
   50mA, 100mA, and 150mA CMOS LDOs with Shutdown and Error Output
2002
TC1054 MICROCHIP-TC1054 Datasheet
501Kb / 18P
   50mA, 100mA and 150mA CMOS LDOs with Shutdown and ERROR Output
2002
TC1014 MICROCHIP-TC1014 Datasheet
558Kb / 20P
   50mA, 100mA and 150mA CMOS LDOs with Shutdown and Reference Bypass
2002
TC1224-50VCTTR MICROCHIP-TC1224-50VCTTR Datasheet
463Kb / 14P
   50mA and 100mA CMOS LDOs with Shutdown
05/01/02
TC1223 MICROCHIP-TC1223_13 Datasheet
240Kb / 16P
   50mA and 100mA CMOS LDOs with Shutdown
2002-2012 10/26/12
TC1223 MICROCHIP-TC1223 Datasheet
476Kb / 14P
   50mA and 100mA CMOS LDOs with Shutdown
2002
TC1070 MICROCHIP-TC1070_07 Datasheet
650Kb / 20P
   50mA, 100mA and 150mA Adjustable CMOS LDOs with Shutdown
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com