Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TC1073-2.5VCH713 Datasheet(PDF) 1 Page - Microchip Technology |
|
TC1073-2.5VCH713 Datasheet(HTML) 1 Page - Microchip Technology |
1 / 22 page © 2007 Microchip Technology Inc. DS21354D-page 1 TC1072/TC1073 Features: • 50 µA Ground Current for Longer Battery Life • Very Low Dropout Voltage • Choice of 50 mA (TC1072) and 100 mA (TC1073) Output • High Output Voltage Accuracy • Standard or Custom Output Voltages • Power-Saving Shutdown Mode • ERROR Output Can Be Used as a Low Battery Detector or Processor Reset Generator • Bypass Input for Ultra Quiet Operation • Overcurrent and Overtemperature Protection • Space-Saving 6-Pin SOT-23 Package • Pin Compatible Upgrades for Bipolar Regulators • Standard Output Voltage Options: - 1.8V, 2.5V, 2.6V, 2.7V, 2.8V, 2.85V, 3.0V, 3.3V, 3.6V, 4.0V, 5.0V • Other output voltages are available. Please contact Microchip Technology Inc. for details. Applications: • Battery Operated Systems • Portable Computers • Medical Instruments • Instrumentation • Cellular/GSM/PHS Phones • Linear Post-Regulators for SMPS • Pagers Typical Application Circuit General Description The TC1072 and TC1073 are high accuracy (typically ±0.5%) CMOS upgrades for older (bipolar) low dropout regulators. Designed specifically for battery-operated systems, the devices’ CMOS construction eliminates wasted ground current, significantly extending battery life. Total supply current is typically 50 µA at full load (20 to 60 times lower than in bipolar regulators). The devices’ key features include ultra low noise operation (plus optional Bypass input); very low dropout voltage (typically 85 mV, TC1072 and 180 mV, TC1073 at full load) and fast response to step changes in load. An error output (ERROR) is asserted when the devices are out-of-regulation (due to a low input voltage or excessive output current). ERROR can be used as a low battery warning or as a processor RESET signal (with the addition of an external RC network). Supply current is reduced to 0.5 µA (max) and both VOUT and ERROR are disabled when the shutdown input is low. The devices incorporate both overtemperature and overcurrent protection. The TC1072 and TC1073 are stable with an output capacitor of only 1 µF and have a maximum output current of 50 mA, and 100 mA, respectively. For higher output current versions, please see the TC1185, TC1186, TC1187 (IOUT = 150 mA) and TC1107, TC1108 and TC1173 (IOUT = 300 mA) data sheets. Package Type TC1072 TC1073 VOUT GND 1 µF + VIN VIN VOUT 1 6 2 4 3 SHDN Shutdown Control (from Power Control Logic) ERROR ERROR Bypass CBYPASS 470 pF 5 RP 6 1 4 2 3 6-Pin SOT-23 VOUT ERROR SHDN GND VIN 5 Bypass 50mA and 100mA CMOS LDOs with Shutdown, ERROR Output and V REF Bypass |
Número de pieza similar - TC1073-2.5VCH713 |
|
Descripción similar - TC1073-2.5VCH713 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |