Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC4452VOA Datasheet(PDF) 6 Page - Microchip Technology

No. de pieza TC4452VOA
Descripción Electrónicos  12A High-Speed MOSFET Drivers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4452VOA Datasheet(HTML) 6 Page - Microchip Technology

Back Button TC4452VOA Datasheet HTML 2Page - Microchip Technology TC4452VOA Datasheet HTML 3Page - Microchip Technology TC4452VOA Datasheet HTML 4Page - Microchip Technology TC4452VOA Datasheet HTML 5Page - Microchip Technology TC4452VOA Datasheet HTML 6Page - Microchip Technology TC4452VOA Datasheet HTML 7Page - Microchip Technology TC4452VOA Datasheet HTML 8Page - Microchip Technology TC4452VOA Datasheet HTML 9Page - Microchip Technology TC4452VOA Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
TC4451/TC4452
DS21987A-page 6
© 2006 Microchip Technology Inc.
Note: Unless otherwise indicated, TA = +25°C with 4.5V ≤ VDD ≤ 18V.
FIGURE 2-7:
Propagation Delay vs.
Supply Voltage.
FIGURE 2-8:
Propagation Delay vs. Input
Amplitude.
FIGURE 2-9:
Propagation Delay vs.
Temperature.
FIGURE 2-10:
Quiescent Supply Current
vs. Supply Voltage.
FIGURE 2-11:
Quiescent Supply Current
vs. Temperature.
FIGURE 2-12:
Input Threshold vs.
Temperature.
40
45
50
55
60
65
70
75
80
85
90
95
4
6
8
10
12
14
16
18
Supply Voltage (V)
tD2
tD1
CLOAD = 15,000 pF
VIN = 5V
40
45
50
55
60
65
70
75
80
85
90
95
100
23
456789
10
Input Amplitude (V)
tD2
tD1
CLOAD = 15,000 pF
VDD = 10V
30
35
40
45
50
55
60
-40 -25 -10
5
20 35 50 65 80 95 110 125
Temperature (
oC)
tD2
tD1
VDD = 10V
VIN = 5V
CLOAD = 15,000 pF
20
40
60
80
100
120
140
4
6
8
10
12
14
16
18
Supply Voltage (V)
INPUT = High
INPUT = Low
20
40
60
80
100
120
140
160
180
200
220
-40 -25 -10 5
20 35 50 65 80 95 110 125
Temperature (oC)
INPUT = High
VDD = 18 V
INPUT = Low
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2
-40 -25 -10 5
20 35 50 65 80 95 110 125
Temperature (oC)
VIH
VIL
VDD = 12 V


Número de pieza similar - TC4452VOA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
TC4452VOA MICROCHIP-TC4452VOA Datasheet
728Kb / 22P
   12A High-Speed MOSFET Drivers
10/31/05
TC4452VOA MICROCHIP-TC4452VOA Datasheet
728Kb / 22P
   12A High-Speed MOSFET Drivers
10/31/05
TC4452VOA MICROCHIP-TC4452VOA Datasheet
801Kb / 22P
   12A High-Speed MOSFET Drivers
10/31/05
TC4452VOA MICROCHIP-TC4452VOA Datasheet
728Kb / 22P
   12A High-Speed MOSFET Drivers
10/31/05
TC4452VOA713 MICROCHIP-TC4452VOA713 Datasheet
728Kb / 22P
   12A High-Speed MOSFET Drivers
10/31/05
More results

Descripción similar - TC4452VOA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
TC4452VMF MICROCHIP-TC4452VMF Datasheet
728Kb / 22P
   12A High-Speed MOSFET Drivers
10/31/05
TC4452VOA MICROCHIP-TC4452VOA Datasheet
801Kb / 22P
   12A High-Speed MOSFET Drivers
10/31/05
TC4452VOA713 MICROCHIP-TC4452VOA713 Datasheet
728Kb / 22P
   12A High-Speed MOSFET Drivers
10/31/05
TC4451 MICROCHIP-TC4451 Datasheet
799Kb / 22P
   12A High-Speed MOSFET Drivers
2006
TC4452VAT MICROCHIP-TC4452VAT Datasheet
728Kb / 22P
   12A High-Speed MOSFET Drivers
10/31/05
logo
ON Semiconductor
NCP4413 ONSEMI-NCP4413 Datasheet
94Kb / 8P
   High-Speed MOSFET Drivers
August, 2002 ??Rev. 1
logo
Calogic, LLC
AS4420 CALOGIC-AS4420_15 Datasheet
443Kb / 6P
   High Speed MOSFET Drivers
CLM4420 CALOGIC-CLM4420 Datasheet
77Kb / 6P
   High Speed MOSFET Drivers
logo
Microchip Technology
MIC4451 MICROCHIP-MIC4451 Datasheet
2Mb / 24P
   12A Peak Low-Side MOSFET Drivers
09/14/21
logo
Texas Instruments
TPS2811 TI-TPS2811 Datasheet
663Kb / 31P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com