Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TC1073-4.0VCH713 Datasheet(PDF) 11 Page - Microchip Technology |
|
TC1073-4.0VCH713 Datasheet(HTML) 11 Page - Microchip Technology |
11 / 22 page © 2007 Microchip Technology Inc. DS21354D-page 11 TC1072/TC1073 3.0 PIN DESCRIPTIONS The descriptions of the pins are listed in Table 3-1. TABLE 3-1: PIN FUNCTION TABLE 3.1 Input Voltage Supply (VIN) Connect unregulated input supply to the VIN pin. If there is a large distance between the input supply and the LDO regulator, some input capacitance is necessary for proper operation. A 1 µF capacitor connected from VIN to ground is recommended for most applications. 3.2 Ground (GND) Connect the unregulated input supply ground return to GND. Also connect the negative side of the 1 µF typical input decoupling capacitor close to GND and the negative side of the output capacitor COUT to GND. 3.3 Shutdown Control Input (SHDN) The regulator is fully enabled when a logic-high is applied to SHDN. The regulator enters shutdown when a logic-low is applied to SHDN. During shutdown, output voltage falls to zero, ERROR is open-circuited and supply current is reduced to 0.5 µA (maximum). 3.4 Out-Of-Regulation Flag (ERROR) ERROR goes low when VOUT is out-of-tolerance by approximately – 5%. 3.5 Reference Bypass Input (Bypass) Connecting a 470 pF to this input further reduces output noise. 3.6 Regulated Voltage Output (VOUT) Connect the output load to VOUT of the LDO. Also connect the positive side of the LDO output capacitor as close as possible to the VOUT pin. Pin No. (6-Pin SOT-23) Symbol Description 1VIN Unregulated supply input. 2 GND Ground terminal. 3 SHDN Shutdown control input. 4ERROR Out-of-Regulation Flag. (Open drain output). 5 Bypass Reference bypass input. 6VOUT Regulated voltage output. |
Número de pieza similar - TC1073-4.0VCH713 |
|
Descripción similar - TC1073-4.0VCH713 |