Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

4-1825059-2 Datasheet(PDF) 6 Page - Tyco Electronics

No. de pieza 4-1825059-2
Descripción Electrónicos  DIP Switches - GD Series, High Feature Line
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MACOM [Tyco Electronics]
Página de inicio  http://www.macom.com
Logo MACOM - Tyco Electronics

4-1825059-2 Datasheet(HTML) 6 Page - Tyco Electronics

Back Button 4-1825059-2 Datasheet HTML 2Page - Tyco Electronics 4-1825059-2 Datasheet HTML 3Page - Tyco Electronics 4-1825059-2 Datasheet HTML 4Page - Tyco Electronics 4-1825059-2 Datasheet HTML 5Page - Tyco Electronics 4-1825059-2 Datasheet HTML 6Page - Tyco Electronics 4-1825059-2 Datasheet HTML 7Page - Tyco Electronics 4-1825059-2 Datasheet HTML 8Page - Tyco Electronics 4-1825059-2 Datasheet HTML 9Page - Tyco Electronics 4-1825059-2 Datasheet HTML 10Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
Catalogue No. 1308111
Issued 03/2008
Dimensions are in mm and are shown
for reference purposes only.
Specifications subject to change.
www.tycoelectronics.com
Tactile Switches
5
Switches
FSM 6 x 6 Series
I Different actuator and
mounting versions
I 105°C versions available
6x6
THT, SMT
Yes
Yes
Yes
Yes
Optional / No
Yes
1.0, 1.6, 2.6, 5.2 N
up to 2,000,000 ops.
-40…+85°C, (+105°C)
6 x 6 x 4.3…17 mm
-
Tape and Reel, Bulk
FSM . SM/JM LP
Series
I Small PCB footprint
I Low profile
I SMT and SMT up pinning
4x6
SMT
No
Standard
No
No
No / No
No
1.6, 2.6 N
up to 1,000,000 ops.
-40…+85°C
4.2 x 6 x 2.5 mm
-
Tape and Reel
FSM . SM/JM Series
I Small PCB footprint
3.5 x 6
THT, SMT
No
No
Yes
Yes
No / No
Yes
1.3, 1.8 N
up to 100,000 ops.
-40…+85°C
3.5 x 6 x 4.3...5 mm
4.7 x 6.8 x 4.3…5 mm
Tape and Reel, Bulk
FSM 10 Series
I Different actuator and
mounting versions
12 x 12
THT, SMT
Yes
No
Yes
Yes
No / Optional
Yes
1.6, 2.6 N
up to 1,000,000 ops.
-35…+85°C
12 x 12.5 x 4.3…12 mm
12 x 12.5 x 4.3…7.3 mm
Tape and Reel, Bulk
Tactiles
Style
Mounting style
Right angle versions
Low profile versions
Flush actuator version
Different actuator styles
ESD grounding term./locating post
Sealed versions
Standard actuation force
Electrical endurance
Operating temperature range
Dimensions horizontal ver. (LxWxH)
Dimensions sealed ver. (LxWxH)
Packaging
Tactiles
Style
Mounting style
Right angle versions
Low profile versions
Flush actuator version
Different actuator styles
ESD grounding term./locating post
Sealed versions
Standard actuation force
Electrical endurance
Operating temperature range
Dimensions horizontal ver. (LxWxH)
Dimensions sealed ver. (LxWxH)
Packaging


Número de pieza similar - 4-1825059-2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tyco Electronics
4-1825059-2 MACOM-4-1825059-2 Datasheet
2Mb / 30P
   Switches Core Program
4-1825059-2 MACOM-4-1825059-2 Datasheet
2Mb / 30P
   Switches Core Program
4-1825059-2 MACOM-4-1825059-2 Datasheet
2Mb / 30P
   Switches Core Program
4-1825059-2 MACOM-4-1825059-2 Datasheet
2Mb / 30P
   Switches Core Program
4-1825059-2 MACOM-4-1825059-2 Datasheet
2Mb / 30P
   Switches Core Program
More results

Descripción similar - 4-1825059-2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
GREATECS
DX19 GREATECS-DX19 Datasheet
209Kb / 1P
   Single In Line DIP Switches (SIP Switches)
logo
Tyco Electronics
4-5435166-9 MACOM-4-5435166-9 Datasheet
140Kb / 7P
   Dual In- Line Package (DIP) Programming Switches
4-435626-4 MACOM-4-435626-4 Datasheet
6Mb / 326P
   DIP Switches
logo
CTS Corporation
CT2062-ND CTS-CT2062-ND Datasheet
328Kb / 1P
   DIP Switches
logo
Tyco Electronics
MPA206N MACOM-MPA206N Datasheet
6Mb / 326P
   DIP Switches
7000 MACOM-7000 Datasheet
257Kb / 6P
   DIP Switches
logo
E-SWITCH
KAS E-SWITCH-KAS Datasheet
147Kb / 2P
   SLIDE DIP SWITCHES
logo
Grayhill, Inc
94HAB10WRT GRAYHILL-94HAB10WRT Datasheet
1Mb / 3P
   Rotary DIP Switches
logo
E-SWITCH
KAS1108R E-SWITCH-KAS1108R Datasheet
884Kb / 2P
   SLIDE DIP SWITCHES
KAR E-SWITCH-KAR Datasheet
542Kb / 3P
   PIANO DIP SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com