Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM27C020-120DI5 Datasheet(PDF) 11 Page - Advanced Micro Devices

No. de pieza AM27C020-120DI5
Descripción Electrónicos  2 Megabit (256 K x 8-Bit) CMOS EPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM27C020-120DI5 Datasheet(HTML) 11 Page - Advanced Micro Devices

Back Button AM27C020-120DI5 Datasheet HTML 4Page - Advanced Micro Devices AM27C020-120DI5 Datasheet HTML 5Page - Advanced Micro Devices AM27C020-120DI5 Datasheet HTML 6Page - Advanced Micro Devices AM27C020-120DI5 Datasheet HTML 7Page - Advanced Micro Devices AM27C020-120DI5 Datasheet HTML 8Page - Advanced Micro Devices AM27C020-120DI5 Datasheet HTML 9Page - Advanced Micro Devices AM27C020-120DI5 Datasheet HTML 10Page - Advanced Micro Devices AM27C020-120DI5 Datasheet HTML 11Page - Advanced Micro Devices AM27C020-120DI5 Datasheet HTML 12Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Am27C020
11
PHYSICAL DIMENSIONS*
CDV032—32-Pin Ceramic Dual In-Line Package, UV Lens (measured in inches)
* For reference only. BSC is an ANSI standard for Basic Space Centering.
PD 032—32-Pin Plastic Dual In-Line Package (measured in inches)
TOP VIEW
SIDE VIEW
END VIEW
INDEX AND
TERMINAL NO. 1
I.D. AREA
.565
.605
1.635
1.680
.005 MIN
.045
.065
.014
.026
.100 BSC
.015
.060
.160
.220
.125
.200
BASE PLANE
SEATING PLANE
.300 BSC
.600
BSC
.008
.018
94
°
105
°
.700
MAX
16-000038H-3
CDV032
DF11
3-30-95 ae
DATUM D
CENTER PLANE
DATUM D
CENTER PLANE
1
UV Lens
Pin 1 I.D.
1.640
1.680
.530
.580
.005 MIN
.045
.065
.090
.110
.140
.225
.120
.160
.014
.022
SEATING PLANE
.015
.060
16-038-SB_AG
PD 032
DG75
2-28-95 ae
32
17
16
.630
.700
10˚
.600
.625
.008
.015


Número de pieza similar - AM27C020-120DI5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advanced Micro Devices
AM27C010 AMD-AM27C010 Datasheet
175Kb / 13P
   1 Megabit (128 K x 8-Bit) CMOS EPROM
logo
Rochester Electronics
AM27C010 ROCHESTER-AM27C010 Datasheet
926Kb / 9P
   1 Megabit ( 128 K x 8-Bit ) CMOS EPROM Speed options as fast as 45 ns
logo
Advanced Micro Devices
AM27C010-120 AMD-AM27C010-120 Datasheet
175Kb / 13P
   1 Megabit (128 K x 8-Bit) CMOS EPROM
logo
Rochester Electronics
AM27C010-120DC ROCHESTER-AM27C010-120DC Datasheet
926Kb / 9P
   1 Megabit ( 128 K x 8-Bit ) CMOS EPROM Speed options as fast as 45 ns
logo
Advanced Micro Devices
AM27C010-120DC5 AMD-AM27C010-120DC5 Datasheet
175Kb / 13P
   1 Megabit (128 K x 8-Bit) CMOS EPROM
More results

Descripción similar - AM27C020-120DI5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advanced Micro Devices
AM27C4096 AMD-AM27C4096 Datasheet
165Kb / 12P
   4 Megabit (256 K x 16-Bit) CMOS EPROM
AM27X020 AMD-AM27X020 Datasheet
136Kb / 10P
   2 Megabit (256 K x 8-Bit) CMOS ExpressROM Device
AM27C040 AMD-AM27C040_99 Datasheet
166Kb / 13P
   4 Megabit (512 K x 8-Bit) CMOS EPROM
AM27C010 AMD-AM27C010 Datasheet
175Kb / 13P
   1 Megabit (128 K x 8-Bit) CMOS EPROM
AM27C040 AMD-AM27C040 Datasheet
175Kb / 13P
   4 Megabit (512 K x 8-Bit) CMOS EPROM
AM27C2048 AMD-AM27C2048 Datasheet
173Kb / 12P
   2 Megabit (128 K x 16-Bit) CMOS EPROM
AM27C1024 AMD-AM27C1024 Datasheet
165Kb / 12P
   1 Megabit (65 K x 16-Bit) CMOS EPROM
AM28F020 AMD-AM28F020 Datasheet
509Kb / 35P
   2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory
AMD27C256 AMD-AMD27C256 Datasheet
90Kb / 12P
   256 Kilobit (32,768 x 8-Bit) CMOS EPROM
AM27C64 AMD-AM27C64 Datasheet
172Kb / 12P
   64 Kilobit (8 K x 8-Bit) CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com