Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD9361 Datasheet(PDF) 7 Page - Analog Devices

No. de pieza AD9361
Descripción Electrónicos  RF Agile Transceiver
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD9361 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9361 Datasheet HTML 3Page - Analog Devices AD9361 Datasheet HTML 4Page - Analog Devices AD9361 Datasheet HTML 5Page - Analog Devices AD9361 Datasheet HTML 6Page - Analog Devices AD9361 Datasheet HTML 7Page - Analog Devices AD9361 Datasheet HTML 8Page - Analog Devices AD9361 Datasheet HTML 9Page - Analog Devices AD9361 Datasheet HTML 10Page - Analog Devices AD9361 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
Data Sheet
AD9361
Rev. D | Page 7 of 36
Parameter1
Symbol
Min
Typ
Max
Unit
Test Conditions/
Comments
DIGITAL DATA TIMING (CMOS),
VDD_INTERFACE = 2.5 V
DATA_CLK Clock Period
tCP
16.276
ns
61.44 MHz
DATA_CLK and FB_CLK Pulse
Width
tMP
45% of tCP
55% of tCP
ns
TX Data
TX_FRAME, P0_D, and
P1_D
Setup to FB_CLK
tSTX
1
ns
Hold to FB_CLK
tHTX
0
ns
DATA_CLK to Data Bus Output
Delay
tDDRX
0
1.2
ns
DATA_CLK to RX_FRAME Delay
tDDDV
0
1.0
ns
Pulse Width
ENABLE
tENPW
tCP
ns
TXNRX
tTXNRXPW
tCP
ns
FDD independent ENSM
mode
TXNRX Setup to ENABLE
tTXNRXSU
0
ns
TDD ENSM mode
Bus Turnaround Time
Before RX
tRPRE
2 × tCP
ns
TDD mode
After RX
tRPST
2 × tCP
ns
TDD mode
Capacitive Load
3
pF
Capacitive Input
3
pF
DIGITAL DATA TIMING (LVDS)
DATA_CLK Clock Period
tCP
4.069
ns
245.76 MHz
DATA_CLK and FB_CLK Pulse
Width
tMP
45% of tCP
55% of tCP
ns
TX Data
TX_FRAME and TX_D
Setup to FB_CLK
tSTX
1
ns
Hold to FB_CLK
tHTX
0
ns
DATA_CLK to Data Bus Output
Delay
tDDRX
0.25
1.25
ns
DATA_CLK to RX_FRAME Delay
tDDDV
0.25
1.25
ns
Pulse Width
ENABLE
tENPW
tCP
ns
TXNRX
tTXNRXPW
tCP
ns
FDD independent ENSM
mode
TXNRX Setup to ENABLE
tTXNRXSU
0
ns
TDD ENSM mode
Bus Turnaround Time
Before RX
tRPRE
2 × tCP
ns
After RX
tRPST
2 × tCP
ns
Capacitive Load
3
pF
Capacitive Input
3
pF
SUPPLY CHARACTERISTICS
1.3 V Main Supply Voltage
1.267
1.3
1.33
V
VDD_INTERFACE Supply
Nominal Settings
CMOS
1.2
2.5
V
LVDS
1.8
2.5
V
VDD_INTERFACE Tolerance
−5
+5
%
Tolerance is applicable
to any voltage setting
VDD_GPO Supply Nominal
Setting
1.3
3.3
V
When unused, must be
set to 1.3 V
VDD_GPO Tolerance
−5
+5
%
Tolerance is applicable
to any voltage setting
Current Consumption
VDDx, Sleep Mode
180
μA
Sum of all input currents
VDD_GPO
50
μA
No load
1
When referencing a single function of a multifunction pin in the parameters, only the portion of the pin name that is relevant to the specification is listed. For full pin
names of multifunction pins, refer to the Pin Configuration and Function Descriptions section.


Número de pieza similar - AD9361

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9361 AD-AD9361 Datasheet
596Kb / 36P
   RF Agile Transceiver
REV. D
AD9361 AD-AD9361 Datasheet
337Kb / 2P
   AD-FMCOMMS2-EBZ
AD9361 AD-AD9361 Datasheet
639Kb / 36P
   RF Agile Transceiver
Rev. F
AD9361BBCZ AD-AD9361BBCZ Datasheet
83Kb / 2P
   RF Agile Transceiver
Rev. SpC
AD9361BBCZ AD-AD9361BBCZ Datasheet
596Kb / 36P
   RF Agile Transceiver
REV. D
More results

Descripción similar - AD9361

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9361 AD-AD9361 Datasheet
639Kb / 36P
   RF Agile Transceiver
Rev. F
AD9361BBCZ AD-AD9361BBCZ Datasheet
83Kb / 2P
   RF Agile Transceiver
Rev. SpC
AD9361BBCZ-REEL AD-AD9361BBCZ-REEL Datasheet
596Kb / 36P
   RF Agile Transceiver
REV. D
AD9361S-CSL AD-AD9361S-CSL Datasheet
640Kb / 33P
   RF Agile Transceiver
logo
AMI SEMICONDUCTOR
AMIS-53000 AMI-AMIS-53000 Datasheet
3Mb / 99P
   Frequency Agile Transceiver
AMIS-53050 AMI-AMIS-53050 Datasheet
3Mb / 107P
   Frequency Agile Transceiver
logo
List of Unclassifed Man...
SMARTALPHA-433 ETC2-SMARTALPHA-433 Datasheet
4Mb / 14P
   RF Transceiver
logo
Texas Instruments
CC400 TI1-CC400 Datasheet
566Kb / 2P
[Old version datasheet]   RF Transceiver
logo
Pico Technology Ltd.
AS108 PICO-AS108 Datasheet
1Mb / 10P
   8 GHz Agile Synthesizer
logo
Analog Devices
AD6411 AD-AD6411 Datasheet
112Kb / 11P
   DECT RF Transceiver
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com