Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CA69 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

No. de pieza CA69
Descripción Electrónicos  169 MHz VHF Ceramic Chip Monopole Antenna
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

CA69 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  CA69 Datasheet HTML 1Page - List of Unclassifed Manufacturers CA69 Datasheet HTML 2Page - List of Unclassifed Manufacturers CA69 Datasheet HTML 3Page - List of Unclassifed Manufacturers CA69 Datasheet HTML 4Page - List of Unclassifed Manufacturers CA69 Datasheet HTML 5Page - List of Unclassifed Manufacturers CA69 Datasheet HTML 6Page - List of Unclassifed Manufacturers CA69 Datasheet HTML 7Page - List of Unclassifed Manufacturers CA69 Datasheet HTML 8Page - List of Unclassifed Manufacturers CA69 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
SPE-13-8-077/A/WY | page 5 of 16
4. Antenna Characteristics
4.1 Antenna Efficiency
4.2 Antenna Peak Gain
 
 
20
15
10
5
0
150
160
170
180
190
200
(MHZ)
CAD.A.69
CAD.B.69
0
-1
-2
-3
-4
-5
-6
-7
-8
-9
-10
-11
-12
-13
-14
-15
150
160
170
180
190
200
(MHZ)
CAD.A.69
CAD.B.69


Número de pieza similar - CA69

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taoglas antenna solutio...
CA69 TAOGLAS-CA69 Datasheet
986Kb / 16P
   169 MHz VHF Ceramic Chip Monopole Antenna
More results

Descripción similar - CA69

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taoglas antenna solutio...
CA69 TAOGLAS-CA69 Datasheet
986Kb / 16P
   169 MHz VHF Ceramic Chip Monopole Antenna
CA50 TAOGLAS-CA50 Datasheet
1Mb / 19P
   5150-5900 MHz Ceramic Chip Monopole Antenna
logo
List of Unclassifed Man...
CA50 ETC2-CA50 Datasheet
1Mb / 18P
   5150-5900 MHz Ceramic Chip Monopole Antenna
logo
Pulse A Technitrol Comp...
W3000 PULSE-W3000 Datasheet
5Mb / 28P
   Ceramic Monopole Antenna
logo
Harris Corporation
RF-398-01 HARRIS-RF-398-01 Datasheet
320Kb / 2P
   VHF LOW-BAND VERTICAL MONOPOLE ANTENNA
logo
Linx Technologies
ANT-916-CW-RAH-CCC LINX-ANT-916-CW-RAH-CCC Datasheet
204Kb / 2P
   916 MHz Helical Monopole Antenna
2019
logo
Pulse A Technitrol Comp...
EGSM900 PULSE-EGSM900 Datasheet
1Mb / 17P
   Ceramic Dual Band Monopole Antenna
W3073 PULSE-W3073 Datasheet
5Mb / 19P
   Ceramic Quad Band Monopole Antenna
W3070 PULSE-W3070 Datasheet
1Mb / 17P
   Ceramic Dual Band Monopole Antenna
logo
List of Unclassifed Man...
FW.45.B.SMA-.M-1 ETC2-FW.45.B.SMA-.M-1 Datasheet
1Mb / 13P
   Monopole Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com