Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAB955 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

No. de pieza CAB955
Descripción Electrónicos  Taoglas Cable Assembly N Type Jack with O-Ring to 100mm(3.93) RG-316 SMA(M)ST PLUG
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

CAB955 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CAB955 Datasheet HTML 1Page - List of Unclassifed Manufacturers CAB955 Datasheet HTML 2Page - List of Unclassifed Manufacturers CAB955 Datasheet HTML 3Page - List of Unclassifed Manufacturers CAB955 Datasheet HTML 4Page - List of Unclassifed Manufacturers CAB955 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SPE-13-8-082/A/WY |
page 2 of 5
1. Cable Insertion Loss
0
-1
-2
-3
-4
-5
500
1000
1500
2000
2500
3000 (MHz)
CAB.955
2. RG-316 Cable Specification
2.1 Drawing - Cross Section
Jacket
Braid Shield
Braid Shield
Conductor
Insulation


Número de pieza similar - CAB955

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
CAB951 ETC2-CAB951 Datasheet
1Mb / 5P
   Taoglas Cable Assembly N Type Jack with O-Ring to 1000mm (3.28) RG-316 to SMA(M)
CAB952 ETC2-CAB952 Datasheet
1Mb / 5P
   Taoglas Cable Assembly N Type Jack with O-Ring to 3000mm (9.84) RG-316 to SMA(M)
CAB953 ETC2-CAB953 Datasheet
1Mb / 5P
   Taoglas Low Loss Cable Assembly N Type Jack with O-Ring to 5000mm(16.4) ULC-200 to SMA(M)
CAB954 ETC2-CAB954 Datasheet
1Mb / 6P
   Taoglas Cable Assembly N Type Jack with O-Ring to 300mm(11.81) 1.37 to IPEX MHFI(U.FL comp)
CAB956 ETC2-CAB956 Datasheet
1Mb / 5P
   Taoglas Cable Assembly N Type Jack with O-Ring to 100mm (3.93) RG-316 MCX(M)ST PLUG
More results

Descripción similar - CAB955

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
CAB956 ETC2-CAB956 Datasheet
1Mb / 5P
   Taoglas Cable Assembly N Type Jack with O-Ring to 100mm (3.93) RG-316 MCX(M)ST PLUG
CAB951 ETC2-CAB951 Datasheet
1Mb / 5P
   Taoglas Cable Assembly N Type Jack with O-Ring to 1000mm (3.28) RG-316 to SMA(M)
CAB952 ETC2-CAB952 Datasheet
1Mb / 5P
   Taoglas Cable Assembly N Type Jack with O-Ring to 3000mm (9.84) RG-316 to SMA(M)
CABT01 ETC2-CABT01 Datasheet
317Kb / 5P
   Taoglas Cable Assembly SMA(F)Bulkhead Straight Jack to TS9(M) Straight Plug with 100mm RG-174 cable
CAB942 ETC2-CAB942 Datasheet
1Mb / 5P
   Taoglas Low Loss Cable Assembly N Type Jack with O-Ring to 7620mm (25) CFD-200 to SMA(M)
CAB953 ETC2-CAB953 Datasheet
1Mb / 5P
   Taoglas Low Loss Cable Assembly N Type Jack with O-Ring to 5000mm(16.4) ULC-200 to SMA(M)
CAB0101 ETC2-CAB0101 Datasheet
284Kb / 5P
   Taoglas Cable Assembly SMA(F)Bulkhead Straight to SMB(F) Plug with 100mm RG-174 cable
logo
Taoglas antenna solutio...
CAB0101 TAOGLAS-CAB0101 Datasheet
330Kb / 5P
   Taoglas Cable Assembly SMA(F)Bulkhead Straight to SMB(F) Plug with 100mm RG-174 cable
logo
Molex Electronics Ltd.
0897616822 MOLEX11-0897616822 Datasheet
30Kb / 1P
   SMA Jack-to-MMCX Right-Angle Plug Assembly, RG-316 Cable
logo
Taoglas antenna solutio...
CAB0114 TAOGLAS-CAB0114 Datasheet
295Kb / 5P
   Taoglas Cable Assembly SMA(F) Bulkhead Straight to SMA(M) Plug Straight with 75mm RG-174 cable
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com