Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BAB-P-M269 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

No. de pieza BAB-P-M269
Descripción Electrónicos  T O TA L L A M P S O LU T I O N S
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

BAB-P-M269 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button BAB-P-M269 Datasheet HTML 3Page - List of Unclassifed Manufacturers BAB-P-M269 Datasheet HTML 4Page - List of Unclassifed Manufacturers BAB-P-M269 Datasheet HTML 5Page - List of Unclassifed Manufacturers BAB-P-M269 Datasheet HTML 6Page - List of Unclassifed Manufacturers BAB-P-M269 Datasheet HTML 7Page - List of Unclassifed Manufacturers BAB-P-M269 Datasheet HTML 8Page - List of Unclassifed Manufacturers BAB-P-M269 Datasheet HTML 9Page - List of Unclassifed Manufacturers BAB-P-M269 Datasheet HTML 10Page - List of Unclassifed Manufacturers BAB-P-M269 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 64 page
background image
www .prolite -lamps.co.uk
7
HELIX MICRO COMPACT FLUORESCENT
DESCRIPTION
A compact version of the helix lamp ideal for use in small enclosures. Available in a
wide range of bases suitable for all applications. 2700K warm white colour temperature.
Ultra compact designs ensure lamps can fit into almost all applications where retrofit to
incandescent lighting is required.
TECHNICAL SPECIFICATION
HELIX/5W/BC
5
25
240
BC
300
94
30
HELIX/5W/ES
5
25
240
ES
300
94
30
HELIX/5W/SBC
5
25
240
SBC
300
94
30
HELIX/5W/SES
5
25
240
SES
300
94
30
HELIX/7W/BC
7
35
240
BC
385
106
30
HELIX/7W/ES
7
35
240
ES
385
106
30
HELIX/7W/SBC
7
35
240
SBC
385
106
30
HELIX/7W/SES
7
35
240
SES
385
106
30
HELIX/9W/BC
9
45
240
BC
455
108
30
HELIX/9W/ES
9
45
240
ES
455
108
30
HELIX/9W/SBC
9
45
240
SBC
455
108
30
HELIX/9W/SES
9
45
240
SES
455
108
30
h
w
8,000h


Número de pieza similar - BAB-P-M269

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
JST Mfg. Co., Ltd.
BAB JST-BAB Datasheet
199Kb / 3P
   Wire-to-wire
logo
Ohmite Mfg. Co.
BAB116010R0KE OHMITE-BAB116010R0KE Datasheet
512Kb / 2P
   Aluminum Cased Resistor
BAB11601R00KE OHMITE-BAB11601R00KE Datasheet
512Kb / 2P
   Aluminum Cased Resistor
BAB116025R0KE OHMITE-BAB116025R0KE Datasheet
512Kb / 2P
   Aluminum Cased Resistor
BAB11602R00KE OHMITE-BAB11602R00KE Datasheet
512Kb / 2P
   Aluminum Cased Resistor
More results

Descripción similar - BAB-P-M269

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
E-Tech Electronics LTD
GMBCX53 ETL-GMBCX53 Datasheet
215Kb / 2P
   P N P S I L I C O N E P I TA X I A L T R A N S I S T O R
GLBCX53 ETL-GLBCX53 Datasheet
215Kb / 2P
   P N P S I L I C O N E P I TA X I A L T R A N S I S T O R
GMBCP56 ETL-GMBCP56 Datasheet
153Kb / 2P
   N P N S I L I C O N E P I TA X I A L T R A N S I S T O R
GLBCP56 ETL-GLBCP56 Datasheet
153Kb / 2P
   N P N S I L I C O N E P I TA X I A L T R A N S I S T O R
GM5824 ETL-GM5824 Datasheet
442Kb / 2P
   N P N S I L I C O N E P I TA X I A L P L A N A R T R A N S I S T O R
GSMBTA64 ETL-GSMBTA64 Datasheet
217Kb / 2P
   P N P S I L I C O N T R A N S I S T O R
GSMBTA56 ETL-GSMBTA56 Datasheet
196Kb / 2P
   P N P S I L I C O N T R A N S I S T O R
GJ1386 ETL-GJ1386 Datasheet
161Kb / 2P
   P N P E P I T A X I A L S I L I C O N T R A N S I S T O R
GI1386 ETL-GI1386 Datasheet
215Kb / 2P
   P N P E P I T A X I A L S I L I C O N T R A N S I S T O R
GLBCP69 ETL-GLBCP69 Datasheet
248Kb / 2P
   P N P S I L I C O N E P I T A X I A L T R A N S I S T O R
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com