Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AM79C984A Datasheet(PDF) 2 Page - Advanced Micro Devices |
|
AM79C984A Datasheet(HTML) 2 Page - Advanced Micro Devices |
2 / 44 page P R E L I M I N A R Y 2 Am79C984A ORDERING INFORMATION Standard Products AMD standard products are available in several packages and operating ranges. The order number (Valid Combination) is formed by a combination of the elements below. Valid Combinations Valid Combinations list configurations planned to be supported in volume for this device. Consult the local AMD sales office to confirm availability of specific valid combinations and to check on newly released combinations. DEVICE NUMBER/DESCRIPTION Am79C984A enhanced Integrated Multiport Repeater (eIMR) TEMPERATURE RANGE C = Commercial (0˚C to +70˚C) ALTERNATE PACKAGING OPTION \W = Trimmed and formed in a tray PACKAGE TYPE J = 84-Pin Plastic Leaded Chip Carrier (PL 084) K = 100-Pin Plastic Quad Flat Pack (PQR100) Am79C984A C J SPEED OPTION Not Applicable Valid Combinations Am79C984A JC, KC\W \W |
Número de pieza similar - AM79C984A |
|
Descripción similar - AM79C984A |