Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SS-0710-20-10-SA-12-35-2 Datasheet(PDF) 3 Page - Emcore Corporation |
|
SS-0710-20-10-SA-12-35-2 Datasheet(HTML) 3 Page - Emcore Corporation |
3 / 6 page SATCOM satcom-sales@emcore.com www.emcore.com Information contained herein is deemed to be reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specifications at any time without notice. © 2013 EMCORE Corporation | REV 2013.10 +1 626-293-3400 DATASHEET | OCTOBER 2013 Transmitter & Receiver Optical Characteristics Parameter Symbol Condition Min Typical Max Units Wavelength l - 1530 1550 1562 nm Optical Output Power PL - 9 10 11 dBmo Connector Return Loss - - 40 - - dB Optical Connector Type - SC/APC - - - - Receiver Optical Input Power Pin - - - +10 dBmo Receiver Responsivity - - 0.7 - - A/W Note: In order to prevent reflection-induced distortion degradation, the laser should be connected to an optical cable having a return loss of at least 55 dB for discrete reflections and 30 dB for distributed reflections. X-Band Transmitter & Receiver RF Characteristics Parameter Condition Min Typical Max Units Operational Bandwidth - 7.0 - 10.0 GHz RF Input Impedance - - 50 - Ω RF Return Loss - - - -15 dB RF Connectors SMA Female RF Test Point Reference Value, Relative to RF input or RF output * - -18 -20 -22 dB *Test point performance beyond the stated frequency range is provided; only the test point reference value tolerance may increase beyond the above stated +/- 1 dB DC Power Consumption - Max Module Type Input Voltage (VDC) Max Current (@+70 °C) Transmitter +12 1 A Receiver +12 750 mA Link Performance - X-Band Parameter Symbol Condition Min Typical Max Units RF Bandwidth - - 7.000 - 10.000 GHz Link Gain (+0 dBmo Rx optical input) *^ G G @ 7.0 GHz @ 10.0 GHz -4 -4 0 0 - - dB dB Link Gain (+10 dBmo Rx optical input) *^ G G @ 7.0 GHz @ 10.0 GHz 16 16 20 20 - - dB dB Noise Figure (+0 dBmo Rx optical input) ^ NF NF @ 7.0 GHz @ 10.0 GHzz 12 12 - - - - dB dB Noise Figure (+10 dBmo Rx optical input) ^ NF NF @ 7.0 GHz @ 10.0 GHz 7 7 - - - - dB dB Input IP3 ^ IIP3 IIP3 @ 7.0 GHz @ 10.0 GHz - - -6 -5 - - dBm dBm Spurious Free Dynamic Range ^ SFDR SFDR @ 0 dBmo Rx Optical Input @ +10 dBmo Rx Optical Input 101 105 - - - - dB-Hz2/3 dB-Hz2/3 Gain Variation - - Any 36 MHz Any 500 MHz - - - - 0.5 1.5 dB dB *Receiver RF output will change 2 dB for each 1 dB of Rx optical input power level change ^Performance based on OTS-2T/S5 with RF Amp gain of 35 dB, OTS-2R/S5 with RF Amp gain of 15 dB Optiva OTS-2 X-Band RF Fiber Optic Links |
Número de pieza similar - SS-0710-20-10-SA-12-35-2 |
|
Descripción similar - SS-0710-20-10-SA-12-35-2 |