Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPC1XGJERC00020G Datasheet(PDF) 7 Page - OPLINK Communications Inc.

No. de pieza TPC1XGJERC00020G
Descripción Electrónicos  CWDM 40km SFP Transceivers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  OPLINK [OPLINK Communications Inc.]
Página de inicio  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TPC1XGJERC00020G Datasheet(HTML) 7 Page - OPLINK Communications Inc.

  TPC1XGJERC00020G Datasheet HTML 1Page - OPLINK Communications Inc. TPC1XGJERC00020G Datasheet HTML 2Page - OPLINK Communications Inc. TPC1XGJERC00020G Datasheet HTML 3Page - OPLINK Communications Inc. TPC1XGJERC00020G Datasheet HTML 4Page - OPLINK Communications Inc. TPC1XGJERC00020G Datasheet HTML 5Page - OPLINK Communications Inc. TPC1XGJERC00020G Datasheet HTML 6Page - OPLINK Communications Inc. TPC1XGJERC00020G Datasheet HTML 7Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
S0218. Rev.02. 2011-05-26
TPC1XGJERxG
Oplink Communications, Inc. reserves the right to make changes in equipment design or specifications without notice. Information supplied by Oplink Com-
munications, Inc. is believed to be accurate and reliable. However, no responsibility is assumed by Oplink Communications, Inc. for its use nor for any infringe-
ments of third parties, which may result from its use. No license is granted by implication or otherwise under any patent right of Oplink Communications, Inc.
© 2011, Oplink Communications, Inc.
Model Name
Operating Temperature
Center
Wavelength
Distance
Oplink Part Number
TPC1XGJERE00010G
- 5°C to +85°C
Extended
1471nm
40km
TPC1XGJERE00020G
- 5°C to +85°C
Extended
1491nm
40km
TPC1XGJERE00030G
- 5°C to +85°C
Extended
1511nm
40km
TPC1XGJERE00040G
- 5°C to +85°C
Extended
1531nm
40km
TPC1XGJERE00050G
- 5°C to +85°C
Extended
1551nm
40km
TPC1XGJERE00060G
- 5°C to +85°C
Extended
1571nm
40km
TPC1XGJERE00070G
- 5°C to +85°C
Extended
1591nm
40km
TPC1XGJERE00080G
- 5°C to +85°C
Extended
1611nm
40km
TPC1XGJERI00010G
- 40°C to +85°C
Industrial
1471nm
40km
TPC1XGJERI00020G
- 40°C to +85°C
Industrial
1491nm
40km
TPC1XGJERI00030G
- 40°C to +85°C
Industrial
1511nm
40km
TPC1XGJERI00040G
- 40°C to +85°C
Industrial
1531nm
40km
TPC1XGJERI00050G
- 40°C to +85°C
Industrial
1551nm
40km
TPC1XGJERI00060G
- 40°C to +85°C
Industrial
1571nm
40km
TPC1XGJERI00070G
- 40°C to +85°C
Industrial
1591nm
40km
TPC1XGJERI00080G
- 40°C to +85°C
Industrial
1611nm
40km


Número de pieza similar - TPC1XGJERC00020G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
OPLINK Communications I...
TPC1XGJERC00020G OPLINK-TPC1XGJERC00020G Datasheet
508Kb / 7P
   CWDM 40km SFP Transceivers
More results

Descripción similar - TPC1XGJERC00020G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
OPLINK Communications I...
TPC1XGJERXG OPLINK-TPC1XGJERXG Datasheet
508Kb / 7P
   CWDM 40km SFP Transceivers
TPD1XGJERXX OPLINK-TPD1XGJERXX Datasheet
625Kb / 9P
   DWDM 40km SFP Transceivers
TPD1XGJERXX-S0217 OPLINK-TPD1XGJERXX-S0217 Datasheet
347Kb / 9P
   DWDM 40km SFP Transceivers
TPP7XGJERC000E2G OPLINK-TPP7XGJERC000E2G Datasheet
479Kb / 6P
   1550nm 40km SFP Transceivers
S0260-TPC1XGKZRXG OPLINK-S0260-TPC1XGKZRXG Datasheet
345Kb / 6P
   CWDM 70km SFP Transceivers
TPC1XGKZRXG OPLINK-TPC1XGKZRXG Datasheet
513Kb / 7P
   CWDM 70km SFP Transceivers
logo
MRV Communications, Inc...
SFP-GDCWXD MRV-SFP-GDCWXD Datasheet
107Kb / 5P
   Gigabit Ethernet CWDM SFP Transceivers
logo
OPLINK Communications I...
TRP1G1XXXIXG OPLINK-TRP1G1XXXIXG Datasheet
364Kb / 6P
   SFP CWDM Transceivers with Digital Diagnostics
TRPE03-G OPLINK-TRPE03-G Datasheet
327Kb / 5P
   SFP CWDM Transceivers with Digital Diagnostics
DTR-2488-SM-LC-W-G-CWDM OPLINK-DTR-2488-SM-LC-W-G-CWDM Datasheet
191Kb / 6P
   CWDM Transceivers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com