Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADC10158CIN Datasheet(PDF) 7 Page - Texas Instruments

No. de pieza ADC10158CIN
Descripción Electrónicos  ADC10154/ADC10158 10-Bit Plus Sign 4 s ADCs with 4 or 8-Channel MUX,
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

ADC10158CIN Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADC10158CIN Datasheet HTML 3Page - Texas Instruments ADC10158CIN Datasheet HTML 4Page - Texas Instruments ADC10158CIN Datasheet HTML 5Page - Texas Instruments ADC10158CIN Datasheet HTML 6Page - Texas Instruments ADC10158CIN Datasheet HTML 7Page - Texas Instruments ADC10158CIN Datasheet HTML 8Page - Texas Instruments ADC10158CIN Datasheet HTML 9Page - Texas Instruments ADC10158CIN Datasheet HTML 10Page - Texas Instruments ADC10158CIN Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
Electrical Characteristics
The following specifications apply for V
+ =AV+ =DV+ = + 5.0 V
DC,VREF
+ = 5.000 V
DC,VREF
= GND, V= GND for unipolar
operation or V
= −5.0 V
DC for bipolar operation, and fCLK = 5.0 MHz unless otherwise specified. Boldface limits apply for TA
=T
J =TMIN to TMAX; all other limits TA =TJ = 25˚C. (Note 16)
Symbol
Parameter
Conditions
Typical
Limits
(Note 11)
Units
(Limit)
(Note 10)
AC CHARACTERISTICS
f
CLK
Clock Frequency
8
5.0
MHz (Max)
10
kHz (Min)
Clock Duty Cycle
20
% (Min)
80
% (Max)
t
C
Conversion
8-Bit Unipolar Mode
16
1/f
CLK
Time
f
CLK = 5.0 MHz
3.2
µs (Max)
8-Bit Bipolar Mode
18
1/f
CLK
f
CLK = 5.0 MHz
3.6
µs (Max)
10-Bit Unipolar Mode
20
1/f
CLK
f
CLK = 5.0 MHz
4.0
µs (Max)
10-Bit Bipolar Mode
22
1/f
CLK
f
CLK = 5.0 MHz
4.4
µs (Max)
t
A
Acquisition Time
6
1/f
CLK
f
CLK = 5.0 MHz
1.2
µs
t
CR
Delay between Falling Edge of
0
5
ns (Min)
CS and Falling Edge of RD
t
RC
Delay betwee Rising Edge
0
5
ns (Min)
RD and Rising Edge of CS
t
CW
Delay between Falling Edge
0
5
ns (Min)
of CS and Falling Edge of WR
t
WC
Delay between Rising Edge
0
5
ns (Min)
of WR and Rising Edge of CS
t
RW
Delay between Falling Edge
0
5
ns (Min)
of RD and Falling Edge of WR
t
W(WR)
WR Pulse Width
25
50
ns (Min)
t
WS
WR High to CLK÷2 Low Set-Up Time
5
ns (Max)
t
DS
Data Set-Up Time
6
15
ns (Max)
t
DH
Data Hold Time
0
5
ns (Max)
t
WR
Delay from Rising Edge
0
5
ns (Min)
of WR to Rising Edge RD
t
ACC
Access Time (Delay from Falling
C
L = 100 pF
25
45
ns (Max)
Edge of RD to Output Data Valid)
t
WI,tRI
Delay from Falling Edge
C
L = 100 pF
25
40
ns (Max)
of WR or RD to Reset of INT
t
INTL
Delay from Falling Edge of CLK÷2 to
Falling Edge of INT
40
ns
t
1H,t0H
TRI-STATE Control (Delay from
C
L = 10 pF, RL =1 kΩ
20
35
ns (Max)
Rising Edge of RD to Hi-Z State)
t
RR
Delay between Successive
25
50
ns (Min)
RD Pulses
t
P
Delay between Last Rising Edge
of RD and the Next Falling
20
50
ns (Min)
Edge of WR
C
IN
Capacitance of Logic Inputs
5
pF
C
OUT
Capacitance of Logic Outputs
5
pF
www.national.com
6


Número de pieza similar - ADC10158CIN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
ADC10158CIN NSC-ADC10158CIN Datasheet
439Kb / 23P
   10-Bit Plus Sign 4 關s ADCs with 4- or 8-Channel MUX, Track/Hold and Reference
More results

Descripción similar - ADC10158CIN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
ADC10154 NSC-ADC10154 Datasheet
439Kb / 23P
   10-Bit Plus Sign 4 關s ADCs with 4- or 8-Channel MUX, Track/Hold and Reference
logo
Cirrus Logic
CS5521 CIRRUS-CS5521_08 Datasheet
905Kb / 56P
   16-bit or 24-bit, 2/4/8-channel ADCs with PGIA
CS5521 CIRRUS-CS5521 Datasheet
954Kb / 56P
   16 BIT OR 24 BIT 2/4/8 CHANNEL ADCS WITH PGIA
CS5521 CIRRUS-CS5521_09 Datasheet
784Kb / 56P
   16-bit or 24-bit, 2/4/8-channel ADCs with PGIA
logo
National Semiconductor ...
ADC10731 NSC-ADC10731 Datasheet
556Kb / 27P
   10-Bit Plus Sign Serial I/O A/D Converters with Mux,
logo
Maxim Integrated Produc...
MAX11321 MAXIM-MAX11321_V01 Datasheet
1Mb / 37P
   1Msps, 10-/12-Bit, 4-/8-/16-Channel ADCs with Post-Mux External Signal Conditioning Access
2014
MAX11321 MAXIM-MAX11321 Datasheet
3Mb / 37P
   1Msps, 10-/12-Bit, 4-/8-/16-Channel ADCs with Post-Mux External Signal Conditioning Access
Rev 0; 9/12
MAX11335 MAXIM-MAX11335 Datasheet
3Mb / 37P
   500ksps, 12-/10-Bit, 4-/8-/16-Channel ADCs
Rev 0; 9/12
logo
Analog Devices
DAC02 AD-DAC02_15 Datasheet
1Mb / 5P
   10 BIT PLUS SIGN VOLTAGE OUTPUT
REV. C
logo
Maxim Integrated Produc...
MAX11335 MAXIM-MAX11335_V01 Datasheet
2Mb / 37P
   500ksps, 12-/10-Bit, 4-/8-/16-Channel ADCs with Post-Mux External Signal Conditioning AccessPost-Mux External Signal Conditioning Access
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com