Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HCPL-260L-560E Datasheet(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED |
|
HCPL-260L-560E Datasheet(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED |
11 / 20 page 11 Switching Specifications Over Recommended Operating Conditions (TA = –40 qC to +85qC, 2.7V d VCC d 3.6V), IF = 7.5 mA unless otherwise specified. All Typicals at TA = 25 qC, VCC = 3.3 V. Parameter Symbol Min. Typ. Max. Units Test Conditions Fig. Note Propagation Delay Time to High Output Level tPLH 90 ns RL = 350 Ω CL = 15 pF 6, 7 1, 6, 15 Propagation Delay Time to Low Output Level tPHL 75 ns RL = 350 Ω CL = 15 pF 1, 7, 15 Pulse Width Distortion |tPHL – tPLH| 25 ns RL = 350 Ω CL = 15 pF 8 9, 15 Propagation Delay Skew tPSK 40 ns RL = 350 Ω CL = 15 pF 8, 9, 15 Output Rise Time (10-90%) tr 45 ns RL = 350 Ω CL = 15 pF 1, 15 Output Fall Time (90-10%) tf 20 ns RL = 350 Ω CL = 15 pF 1, 15 Propagation Delay Time of Enable from VEH tp VEL tELH 45 ns RL = 350 Ω, CL = 15 pF, VEL = 0 V, VEH = 3 V 910 Propagation Delay Time of Enable from VEL to VEH tEHL 30 ns RL = 350 Ω, CL = 15 pF, VEL = 0 V, VEH = 3 V 911 Switching Specifications (AC) Over recommended operating conditions TA = -40°C to 85°C, 4.5 d Vcc d 5.5V, IF = 7.5 mA unless otherwise specified. All typicals at VCC = 5 V, TA = 25 °C. Parameter Symbol Min. Typ. Max. Units Test Conditions Fig. Note Propagation Delay Time to High Output Level tPLH 20 48 75 ns TA = 25°C, RL = 350 :, CL = 15 pF 6,7 1,6,15 100 Propagation Delay Time to Low Output Level tPHL 25 50 75 ns TA = 25°C, RL = 350 :, CL = 15 pF 6, 7 1,7, 15 100 Pulse Width Distortion |tPHL - tPLH| 3.5 35 ns RL = 350 :, CL = 15 pF 8 9, 15 Propagation Delay Skew TPSK 40 ns RL = 350 :, CL = 15 pF 8,9, 15 Output Rise Time (10%-90%) tr 24 ns RL = 350 :, CL = 15 pF 1,15 Output Fall Time (10%-90%) tf 10 ns RL = 350 :, CL = 15 pF 1, 15 Propagation Delay Time of Enable from VEH to VEL tELH 30 ns RL = 350 :, CL = 15 pF, VEL=0V, VEH=3V 910 Propagation Delay Time of Enable from VEL to VEH tELH 20 ns RL = 350 :, CL = 15 pF, VEL=0V, VEH=3V 911 |
Número de pieza similar - HCPL-260L-560E |
|
Descripción similar - HCPL-260L-560E |